Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

171692-0112 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 171692-0112
Description  Mega-Fit??Receptacle Housing, Dual Row, 12 Circuit, UL 94 V-0, Bag
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

171692-0112 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  171692-0112 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 04/10/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
171692-0112
Status:
Active
Overview:
Mega-Fit Power Connectors
Description:
Mega-Fit™ Receptacle Housing, Dual Row, 12 Circuit, UL 94 V-0, Bag
Documents:
3D Model
Test Summary TS-170001-001 (PDF)
Drawing (PDF)
Test Summary TS-76823-100 (PDF)
Product Specification PS-76823-100 (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
Crimp Housings
Series
171692
Application
Power, Wire-to-Board, Wire-to-Wire
Overview
Mega-Fit Power Connectors
Product Name
Mega-Fit™
UPC
887191246895
Physical
Circuits (maximum)
12
Circuits Detail
12
Color - Resin
Black
Flammability
94V-0
Gender
Male
Glow-Wire Compliant
No
Lock to Mating Part
Yes
Material - Resin
PBT
Net Weight
5.160/g
Number of Rows
2
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface
5.70mm
Pitch - Termination Interface
5.70mm
Polarized to Mating Part
Yes
Temperature Range - Operating
-40°C to +105°C
Electrical
Current - Maximum per Contact
23A
Material Info
Reference - Drawing Numbers
Product Specification
PS-76823-100
Sales Drawing
SD-171692-0100
Test Summary
TS-170001-001, TS-76823-100
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Low-Halogen Status
Not Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
171692Series
Mates With
Mega-Fit™ Header 76825 , 76829 , 172064
, 172065
Use With
Mega-Fit™ Crimp Terminals, 172063
This document was generated on 04/10/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 171692-0112

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
171692-0110 MOLEX11-171692-0110 Datasheet
43Kb / 1P
Mega-Fit??Receptacle Housing, Dual Row, 10 Circuit, UL 94 V-0, Bag
More results

Similar Description - 171692-0112

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
170001-0102 MOLEX11-170001-0102 Datasheet
43Kb / 1P
Mega-Fit??Receptacle Housing, Dual Row, 2 Circuit, Glow-Wire Compliant, Bag
170001-0104 MOLEX11-170001-0104 Datasheet
43Kb / 1P
Mega-Fit??Receptacle Housing, Dual Row, 4 Circuit, Glow-Wire Compliant, Bag
170001-0108 MOLEX11-170001-0108 Datasheet
43Kb / 1P
Mega-Fit??Receptacle Housing, Dual Row, 8 Circuit, Glow-Wire Compliant, Bag
170001-0110 MOLEX11-170001-0110 Datasheet
43Kb / 1P
Mega-Fit??Receptacle Housing, Dual Row, 10 Circuit, Glow-Wire Compliant, Bag
170001-0112 MOLEX11-170001-0112 Datasheet
54Kb / 1P
Mega-Fit??Receptacle Housing, Dual Row, 12 Circuit, Glow-Wire Compliant, Bag
171692-0102 MOLEX11-171692-0102 Datasheet
43Kb / 1P
Mega-Fit??Receptacle Housing, Dual Row, 2 Circuit, UL 94 V-0, Bag
171692-0104 MOLEX11-171692-0104 Datasheet
43Kb / 1P
Mega-Fit??Receptacle Housing, Dual Row, 4 Circuit, UL 94 V-0, Bag
171692-0106 MOLEX11-171692-0106 Datasheet
43Kb / 1P
Mega-Fit??Receptacle Housing, Dual Row, 6 Circuit, UL 94 V-0, Bag
171692-0108 MOLEX11-171692-0108 Datasheet
43Kb / 1P
Mega-Fit??Receptacle Housing, Dual Row, 8 Circuit, UL 94 V-0, Bag
171692-0110 MOLEX11-171692-0110 Datasheet
43Kb / 1P
Mega-Fit??Receptacle Housing, Dual Row, 10 Circuit, UL 94 V-0, Bag
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com