Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM358P8 Datasheet(PDF) 7 Page - Cystech Electonics Corp.

Part # LM358P8
Description  Dual Operational Comparator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

LM358P8 Datasheet(HTML) 7 Page - Cystech Electonics Corp.

  LM358P8 Datasheet HTML 1Page - Cystech Electonics Corp. LM358P8 Datasheet HTML 2Page - Cystech Electonics Corp. LM358P8 Datasheet HTML 3Page - Cystech Electonics Corp. LM358P8 Datasheet HTML 4Page - Cystech Electonics Corp. LM358P8 Datasheet HTML 5Page - Cystech Electonics Corp. LM358P8 Datasheet HTML 6Page - Cystech Electonics Corp. LM358P8 Datasheet HTML 7Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
CYStech Electronics Corp.
Spec. No. : C546P8
Issued Date : 2013.03.14
Revised Date :
Page No. : 7/7
LM358P8
CYStek Product Specification
DIP-8 Dimension
DIP-8 Plastic Package
CYStek Package Code : P8
Marking:
Device
Name
LM358
□□□□
Date
Code
Millimeters
Inches
Millimeters
Inches
DIM
Min.
Max.
Min.
Max.
DIM
Min.
Max.
Min.
Max.
A
3.710
4.310
0.146
0.170
D
9.000
9.400
0.354
0.370
A1
0.510
-
0.020
-
E
6.200
6.600
0.244
0.260
A2
3.200
3.600
0.126
0.142
E1
7.320
7.920
0.288
0.312
B
0.380
0.570
0.015
0.022
e
2.540 (BSC)
0.100 (BSC)
B1
1.524 (BSC)
0.060 (BSC)
L
3.000
3.600
0.118
0.142
C
0.204
0.360
0.008
0.014
E2
8.400
9.000
0.331
0.354
Notes : 1.Controlling dimension : millimeters.
2.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material.
3.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Material :
• Mold Compound : Epoxy resin family, flammability solid burning class:UL94V-0.
Important Notice:
• All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of CYStek.
• CYStek reserves the right to make changes to its products without notice.
• CYStek semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems.
• CYStek assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.


Similar Part No. - LM358P8

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
LM358P8-XX-AR TAITRON-LM358P8-XX-AR Datasheet
536Kb / 11P
   Dual Operational Amplifier
LM358P8-XX-BL TAITRON-LM358P8-XX-BL Datasheet
536Kb / 11P
   Dual Operational Amplifier
LM358P8-XX-TR30 TAITRON-LM358P8-XX-TR30 Datasheet
536Kb / 11P
   Dual Operational Amplifier
LM358P8-XX-TR70 TAITRON-LM358P8-XX-TR70 Datasheet
536Kb / 11P
   Dual Operational Amplifier
LM358P8-XX-TU TAITRON-LM358P8-XX-TU Datasheet
536Kb / 11P
   Dual Operational Amplifier
More results

Similar Description - LM358P8

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
LM358Q8 CYSTEKEC-LM358Q8 Datasheet
403Kb / 6P
   Dual Operational Comparator
LM358QN CYSTEKEC-LM358QN Datasheet
427Kb / 6P
   Dual Operational Comparator
logo
Texas Instruments
TSM102 TI1-TSM102_15 Datasheet
1Mb / 17P
[Old version datasheet]   DUAL OPERATIONAL AMPLIFIER, DUAL COMPARATOR
logo
Unisonic Technologies
M2904 UTC-M2904_15 Datasheet
275Kb / 6P
   DUAL OPERATIONAL AMPLIFIER-DUAL COMPARATOR
MC4556 UTC-MC4556_15 Datasheet
260Kb / 6P
   DUAL OPERATIONAL AMPLIFIER-DUAL COMPARATOR
UM602A UTC-UM602A Datasheet
224Kb / 6P
   DUAL OPERATIONAL AMPLIFIER-DUAL COMPARATOR
UM602-A UTC-UM602-A Datasheet
99Kb / 6P
   DUAL OPERATIONAL AMPLIFIER-DUAL COMPARATOR
MC4560 UTC-MC4560_15 Datasheet
181Kb / 6P
   DUAL OPERATIONAL AMPLIFIER-DUAL COMPARATOR
logo
ON Semiconductor
MC3405 ONSEMI-MC3405 Datasheet
182Kb / 12P
   DUAL OPERATIONAL AMPLIFIER / DUAL VOLTAGE COMPARATOR
REV 1
logo
Texas Instruments
TSM102 TI-TSM102 Datasheet
820Kb / 12P
[Old version datasheet]   DUAL OPERATIONAL AMPLIFIER, DUAL COMPARATOR, AND VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com