Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3--21028-2 Datasheet(PDF) 4 Page - Tyco Electronics

Part # 3--21028-2
Description  Terminating Head 58247- 1 For MTA- 156 Receptacle Connectors Using Discrete Wire
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

3--21028-2 Datasheet(HTML) 4 Page - Tyco Electronics

  3--21028-2 Datasheet HTML 1Page - Tyco Electronics 3--21028-2 Datasheet HTML 2Page - Tyco Electronics 3--21028-2 Datasheet HTML 3Page - Tyco Electronics 3--21028-2 Datasheet HTML 4Page - Tyco Electronics 3--21028-2 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
408- 6930
Rev F
4
of 5
Figure 5
Wire
Pistol Grip Handle
Assembly (Manual Shown)
Left Side
of Head
Feed Slide
Tool Base
Index Rib of
Connector
Locating
Pawl
Funnel Area
6.3. Inspection
Regular inspections should be performed by quality
control personnel with a record of quality control
inspections remaining with the personnel responsible
for the head. One inspection per month is the
recommended frequency; however, operator training
and skill, amount of use, working conditions, and
established company standards are all factors to be
considered in establishing inspection frequency.
7. REPLACEMENT AND REPAIR
Customer--replaceable parts are listed in Figure 6.
A complete inventory should be stocked and
controlled to prevent lost time when replacement of
parts is necessary. Parts other than those listed
should be replaced by TE Connectivity to ensure
quality and reliability. Order replacement parts
through your representative, or call 1--800--526--5142,
or send a facsimile of your purchase order to
717--986--7605, or write to:
CUSTOMER SERVICE (038--035)
TYCO ELECTRONICS CORPORATION
PO BOX 3608
HARRISBURG PA 17105--3608
For customer repair service, call 1--800--526--5136.
8. REVISION SUMMARY
Revisions to this instruction sheet include:
S
Updated document to corporate requirements
S
New logo


Similar Part No. - 3--21028-2

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
3--21028--2 TEC-3--21028--2 Datasheet
210Kb / 7P
   Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools.
3--21028--2 TEC-3--21028--2 Datasheet
144Kb / 6P
   2 mm Common Termination Head Assembly
logo
Tyco Electronics
3--21028--2 MACOM-3--21028--2 Datasheet
142Kb / 5P
   Feed- Through Head Assembly
3--21028--2 MACOM-3--21028--2 Datasheet
161Kb / 5P
   Reasons for reissue of this instruction sheet are provided in Section 8, REVISION SUMMARY.
3--21028--2 MACOM-3--21028--2 Datasheet
146Kb / 4P
   Reasons for reissue of this instruction sheet are provided in Section 7, REVISION SUMMARY.
More results

Similar Description - 3--21028-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
640643 MACOM-640643 Datasheet
85Kb / 1P
   COVER, FEEDTHRU, MTA-156
1-643067-4 MACOM-1-643067-4 Datasheet
108Kb / 1P
   COVER, MOLDED, .095 MAX O.D. WIRE, MTA-156
logo
TE Connectivity Ltd
408-4406 TEC-408-4406 Datasheet
336Kb / 5P
   Mass Insertion Terminating Head
logo
Tyco Electronics
3-641437-4 MACOM-3-641437-4 Datasheet
118Kb / 1P
   MTA 156 POSTED CONNECTOR ASSEMBLY
643071-2 MACOM-643071-2 Datasheet
106Kb / 2P
   COVER, FEED-THRU, MOLDED, .095 MAX, O.D. WIRE, MTA-156
3-644465-2 MACOM-3-644465-2 Datasheet
113Kb / 1P
   MTA 156 CONNECTOR ASSEMBLY, 18 AWG
logo
List of Unclassifed Man...
3-644754-4 ETC2-3-644754-4 Datasheet
174Kb / 1P
   MTA-156 HEADER ASSEMBLY FRICTION LOCK
logo
Tyco Electronics
640468-3 MACOM-640468-3 Datasheet
2Mb / 84P
   MTA, CST-100 II, SL-156 and AMP Economy Power Connectors
641170 MACOM-641170 Datasheet
129Kb / 1P
   MTA-156 CONNECTOR ASSEMBLY, 22 AWG, STANDARD
641149 MACOM-641149 Datasheet
130Kb / 1P
   MTA-156 CONNECTOR ASSEMBLY, 20 AWG, STANDARD
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com