Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3--21028-2 Datasheet(PDF) 1 Page - Tyco Electronics

Part # 3--21028-2
Description  Terminating Head 58247- 1 For MTA- 156 Receptacle Connectors Using Discrete Wire
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

3--21028-2 Datasheet(HTML) 1 Page - Tyco Electronics

  3--21028-2 Datasheet HTML 1Page - Tyco Electronics 3--21028-2 Datasheet HTML 2Page - Tyco Electronics 3--21028-2 Datasheet HTML 3Page - Tyco Electronics 3--21028-2 Datasheet HTML 4Page - Tyco Electronics 3--21028-2 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Instruction Sheet
Terminating Head 58247- 1
For MTA- 156 Receptacle Connectors
408--6930
LOC B
1
of 5
E
2011 Tyco Electronics Corporation, a TE Connectivity Ltd. Company
All Rights Reserved
*Trademark
TE Connectivity, TE connectivity (logo), and TE (logo) are trademarks. Other logos, product and/or Company names may be trademarks of their respective owners.
TOOLING ASSISTANCE CENTER 1--800--722--1111
PRODUCT INFORMATION 1--800--522--6752
This controlled document is subject to change.
For latest revision and Regional Customer Service,
visit our website at www.te.com
19 APR 11 Rev F
Using Discrete Wire
Figure 1
Locating
Pawl
Adjuster
(Insertion Rod)
Wire
Inserter
Feed
Slide
Tool
Base
With Lock
(Ramp)
Without Lock
(Ramp)
With Lock,
With Polarizing
Tabs
Without Lock,
With Polarizing
Tabs
Mass Termination Assembly (MTA)--156
Insulation Displacement Contact (IDC)
Closed--End Receptacle Connectors
1. INTRODUCTION
Terminating Head 58247--1 (shown in Figure 1) is
designed to terminate discrete wire in MTA--156 IDC
closed--end receptacle connectors with or without lock
(ramp) and with or without polarizing tabs. Slotted
contacts for insulation displacement termination are
pre--assembled on 3.96--mm [.156--in.] centerlines in
each color--coded housing for a specific wire size.
The head must be installed in Pistol Grip Manual
Handle Assembly 58074--1 or Pistol Grip Pneumatic
Handle Assembly 58075--1. For head installation and
removal, refer to Instruction Sheet 408--6790 for the
manual handle assembly and 408--6789 for the
pneumatic handle assembly.
For detailed connector description and application
requirements, refer to Application Specification
114--1020.
Read these and all referenced instructions thoroughly
before using the head.
All numerical values in this instruction sheet are
in metric units [with U.S. customary units in
brackets]. Dimensions are in millimeters [and
inches]. Figures are not drawn to scale.
Reasons for reissue of this instruction sheet are
provided in Section 8, REVISION SUMMARY.
2. DESCRIPTION
The head serves as a guide and support for the
connector during termination. Features of the head
(shown in Figure 1) and their function are as follows.
Wire Inserter — forces the wire into the two slotted
beams of the contact. Note that it provides support for
the contact beams when applying insertion force on
the wire.
Adjuster (Insertion Rod) — is a piston for the wire
inserter and regulates wire inserter travel.
Feed Slide — automatically positions the connector
after each termination.
Locating Pawl (or Anti--Backup Pawl) — aligns the
connector for insertion, and retains it during
termination.
3. SETUP AND TEST INSPECTION
The adjuster (insertion rod) is preset for wire sizes
26 through 18 AWG. If the wire is being inserted too
deeply or not deeply enough inside the contact, it may
be necessary to adjust the depth of the wire inserter
or, in addition, if the pneumatic handle assembly is
being used, it may be necessary to adjust the air
pressure. Proceed as follows:
3.1. Setup
1. Determine the wire size, and select the
appropriate color--coded connector from Figure 2.
WIRE SIZE (AWG)
CONNECTOR COLOR CODE
26
Blue
24
Natural
22
Red
20
Yellow
18
Orange
Figure 2
NOTE
i


Similar Part No. - 3--21028-2

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
3--21028--2 TEC-3--21028--2 Datasheet
210Kb / 7P
   Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools.
3--21028--2 TEC-3--21028--2 Datasheet
144Kb / 6P
   2 mm Common Termination Head Assembly
logo
Tyco Electronics
3--21028--2 MACOM-3--21028--2 Datasheet
142Kb / 5P
   Feed- Through Head Assembly
3--21028--2 MACOM-3--21028--2 Datasheet
161Kb / 5P
   Reasons for reissue of this instruction sheet are provided in Section 8, REVISION SUMMARY.
3--21028--2 MACOM-3--21028--2 Datasheet
146Kb / 4P
   Reasons for reissue of this instruction sheet are provided in Section 7, REVISION SUMMARY.
More results

Similar Description - 3--21028-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
640643 MACOM-640643 Datasheet
85Kb / 1P
   COVER, FEEDTHRU, MTA-156
1-643067-4 MACOM-1-643067-4 Datasheet
108Kb / 1P
   COVER, MOLDED, .095 MAX O.D. WIRE, MTA-156
logo
TE Connectivity Ltd
408-4406 TEC-408-4406 Datasheet
336Kb / 5P
   Mass Insertion Terminating Head
logo
Tyco Electronics
3-641437-4 MACOM-3-641437-4 Datasheet
118Kb / 1P
   MTA 156 POSTED CONNECTOR ASSEMBLY
643071-2 MACOM-643071-2 Datasheet
106Kb / 2P
   COVER, FEED-THRU, MOLDED, .095 MAX, O.D. WIRE, MTA-156
3-644465-2 MACOM-3-644465-2 Datasheet
113Kb / 1P
   MTA 156 CONNECTOR ASSEMBLY, 18 AWG
logo
List of Unclassifed Man...
3-644754-4 ETC2-3-644754-4 Datasheet
174Kb / 1P
   MTA-156 HEADER ASSEMBLY FRICTION LOCK
logo
Tyco Electronics
640468-3 MACOM-640468-3 Datasheet
2Mb / 84P
   MTA, CST-100 II, SL-156 and AMP Economy Power Connectors
641170 MACOM-641170 Datasheet
129Kb / 1P
   MTA-156 CONNECTOR ASSEMBLY, 22 AWG, STANDARD
641149 MACOM-641149 Datasheet
130Kb / 1P
   MTA-156 CONNECTOR ASSEMBLY, 20 AWG, STANDARD
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com