Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZVN2106A Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # ZVN2106A
Description  N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ZVN2106A Datasheet(HTML) 3 Page - Fairchild Semiconductor

  ZVN2106A Datasheet HTML 1Page - Fairchild Semiconductor ZVN2106A Datasheet HTML 2Page - Fairchild Semiconductor ZVN2106A Datasheet HTML 3Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TYPICAL CHARACTERISTICS
Transconductance v gate-source voltage
VGS-Gate Source Voltage (Volts)
Q-Charge (nC)
Gate charge v gate-source voltage
0
10
8
6
2
0
4
12
14
16
VDD=
20V
ID=3A
30V 50V
0.5
1.0
1.5
2.0
2.5
0
2
468
10
0.7
0.6
0.4
0.1
0
0.2
0.5
0.3
VDS=10V
VDS-Drain Source Voltage (Volts)
Capacitance v drain-source voltage
Coss
Ciss
Crss
0
10
20
30
40
50
60
40
20
80
100
3.0
ZVN2106A
3-363


Similar Part No. - ZVN2106A

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZVN2106A ZETEX-ZVN2106A Datasheet
47Kb / 3P
N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
logo
Diodes Incorporated
ZVN2106A DIODES-ZVN2106A Datasheet
55Kb / 3P
N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN2106A DIODES-ZVN2106A_15 Datasheet
55Kb / 3P
N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
More results

Similar Description - ZVN2106A

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
VN0104 SUTEX-VN0104 Datasheet
476Kb / 4P
N-Channel Enhancement-Mode Vertical DMOS FET
logo
Zetex Semiconductors
BSS123 ZETEX-BSS123 Datasheet
45Kb / 1P
N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
VN10LP ZETEX-VN10LP Datasheet
22Kb / 1P
N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN0540A ZETEX-ZVN0540A Datasheet
26Kb / 1P
N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN1409A ZETEX-ZVN1409A Datasheet
49Kb / 3P
N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN2106G ZETEX-ZVN2106G Datasheet
30Kb / 2P
N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN2110A ZETEX-ZVN2110A Datasheet
87Kb / 3P
N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN4106F ZETEX-ZVN4106F Datasheet
41Kb / 2P
N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN4210A ZETEX-ZVN4210A Datasheet
37Kb / 2P
N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVNL110A ZETEX-ZVNL110A Datasheet
22Kb / 1P
N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
logo
Supertex, Inc
TN2524 SUTEX-TN2524_07 Datasheet
700Kb / 5P
N-Channel Enhancement-Mode Vertical DMOS FET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com