Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BU-P4969 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # BU-P4969
Description  BNC (Female) Breakout to 20 Awg Leads
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BU-P4969 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  BU-P4969 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Mueller Electric Company
Toll 800.955.2629
1208 Massillon Rd. Ste. N-1500
www.muellerelectric.com
Phone 330.780.2525
Akron, OH 44306-4524
Fax 330.780.2524
• BNC breakout to 7” long 20Awg (41/36) 105⁰C PVC color coded wires
• The red wire is connected to the center contact pin and the black wire is connected to the
shell.
• BNC has gold plated beryllium copper center contact and tarnish resistant Nickel plated
brass body.
• Wire leads are over-molded to the BNC for maximum strain relief and environmental
protection.
• Ratings: 500VRMS,
55⁰C Max.
• RoHS Compliant
MODEL: BU-P4969
BNC (Female) Breakout to 20 Awg Leads


Similar Part No. - BU-P4969

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BU-P4911A-12-0 ETC2-BU-P4911A-12-0 Datasheet
198Kb / 1P
RETRACTABLE BANANA TEST LEAD, 18 AWG
BU-P4911A-12-2 ETC2-BU-P4911A-12-2 Datasheet
198Kb / 1P
RETRACTABLE BANANA TEST LEAD, 18 AWG
BU-P4911A-12-4 ETC2-BU-P4911A-12-4 Datasheet
198Kb / 1P
RETRACTABLE BANANA TEST LEAD, 18 AWG
BU-P4911A-12-5 ETC2-BU-P4911A-12-5 Datasheet
198Kb / 1P
RETRACTABLE BANANA TEST LEAD, 18 AWG
BU-P4911A-12-6 ETC2-BU-P4911A-12-6 Datasheet
198Kb / 1P
RETRACTABLE BANANA TEST LEAD, 18 AWG
More results

Similar Description - BU-P4969

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
4969 POMONA-4969 Datasheet
29Kb / 1P
BNC (Female & Male) To 20 AWG Leads
logo
Pasternack Enterprises,...
PE9908 PASTERNACK-PE9908 Datasheet
109Kb / 1P
BREAKOUT, BNC MALE TO UN-TERMINATED #18 AWG LEADS
PE9909 PASTERNACK-PE9909 Datasheet
109Kb / 1P
BREAKOUT, BNC FEMALE TO STADARD ALLIGATOR CLIPS
PE9910 PASTERNACK-PE9910 Datasheet
109Kb / 1P
BREAKOUT, BNC FEMALE TO MINIATURE ALLIGATOR CLIPS
PE9911 PASTERNACK-PE9911 Datasheet
108Kb / 1P
BREAKOUT, BNC FEMALE TO STACKING TIP PLUGS
PE9917 PASTERNACK-PE9917 Datasheet
108Kb / 1P
BREAKOUT, BNC FEMALE TO UN-TERMINATED #18 AWG LEADS
PE9958 PASTERNACK-PE9958 Datasheet
119Kb / 1P
BREAKOUT, CRIMP ON FOR RG58 TO UN-TERMINATED #20 AWG LEADS
logo
List of Unclassifed Man...
BU-5200-A-4-0 ETC2-BU-5200-A-4-0 Datasheet
86Kb / 1P
BNC Female Breakout to Tinned End Wires
BU-5244-A-4-0 ETC2-BU-5244-A-4-0 Datasheet
87Kb / 1P
BNC Female Breakout to Stackable Pin Plug
BU-P4970 ETC2-BU-P4970 Datasheet
142Kb / 1P
BNC (Male) Breakout to 20 Awg Leads
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com