Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BU-P4911A-12-0 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # BU-P4911A-12-0
Description  RETRACTABLE BANANA TEST LEAD, 18 AWG
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BU-P4911A-12-0 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  BU-P4911A-12-0 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Mueller Electric Company
Toll 800.955.2629
1208 Massillon Rd. Ste. N-1500
www.muellerelectric.com
Phone 330.780.2525
Akron, OH 44306-4524
Fax 330.780.2524
• Banana plugs fit all standard 4mm banana jacks.
• Spring loaded, retractable banana sheath provides electrical protection when cable is not
mounted and slides out of the way when pressed into a non-insulated Jack.
• Cable is 18 AWG with a highly flexible PVC Jacket Length is designated in inches by the
“XX” in the part number.
• Ratings: Hands free testing to 1000V, 20 Amps. @ 105⁰C
• Colors “*” -0 black, -2 red, -4 yellow, -5 green, -6 blue, -9 white
• RoHS Compliant
MODEL: BU-P4911A-XX-*
RETRACTABLE BANANA TEST LEAD, 18 AWG


Similar Part No. - BU-P4911A-12-0

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BU-P4969 ETC2-BU-P4969 Datasheet
154Kb / 1P
BNC (Female) Breakout to 20 Awg Leads
BU-P4970 ETC2-BU-P4970 Datasheet
142Kb / 1P
BNC (Male) Breakout to 20 Awg Leads
More results

Similar Description - BU-P4911A-12-0

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
4911A POMONA-4911A Datasheet
329Kb / 2P
Retractable Sheath Banana Plug Patch Cord
5343 POMONA-5343 Datasheet
61Kb / 1P
Retractable Sheath Banana To BNC Male
6249 POMONA-6249 Datasheet
28Kb / 1P
Test Clip To Multi-Stacking Banana Plug Test Lead
6358 POMONA-6358 Datasheet
48Kb / 1P
Test Lead, Straight DMM Plug To Retractable Plug
6366 POMONA-6366 Datasheet
51Kb / 1P
Test Lead Set Probe To Retractable Sheath
logo
List of Unclassifed Man...
BU-2323-10-36-0 ETC2-BU-2323-10-36-0 Datasheet
374Kb / 1P
Stackable, Retractable Banana Test Lead 10 AWG
BU-2323-10-60-0 ETC2-BU-2323-10-60-0 Datasheet
374Kb / 1P
Stackable, Retractable Banana Test Lead 10 AWG
BU-P1081-12-0 ETC2-BU-P1081-12-0 Datasheet
261Kb / 1P
STACKABLE MINI-BANANA TEST LEAD
BU-P1081-24-0 ETC2-BU-P1081-24-0 Datasheet
261Kb / 1P
STACKABLE MINI-BANANA TEST LEAD
BU-P122505-0 ETC2-BU-P122505-0 Datasheet
306Kb / 1P
Retractable Banana Plug
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com