Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM572KHZ Datasheet(PDF) 1 Page - EUROQUARTZ limited

Part # EM572KHZ
Description  7 x 5 x 2.3mm SMD, kHz Range
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUROQUARTZ [EUROQUARTZ limited]
Direct Link  http://www.euroquartz.co.uk
Logo EUROQUARTZ - EUROQUARTZ limited

EM572KHZ Datasheet(HTML) 1 Page - EUROQUARTZ limited

  EM572KHZ Datasheet HTML 1Page - EUROQUARTZ limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
EURO QUARTZ
EUROQUARTZ LIMITED Blacknell Lane CREWKERNE Somerset UK TA18 7HE
Tel: +44 (0)1460 230000 Fax: +44 (0)1460 230001
info@euroquartz.co.uk
www.euroquartz.co.uk
TCXO
HCMOS 7 x 5 x 2.3mm SMD, kHz Range
EM572T Series
DESCRIPTION
Miniature 7 x 5 x 2.3mm SMD package
Frequency range: 20.0kHz to 52.7kHz including 32.768kHz
Supply voltage 3.3 or 5.0 Volts
Frequency stability from ±1ppm over -30 to +75°C
RoHS compliant
EM572T series TCXOs are packaged in a miniature 4 pad ceramic
SMD package. With squarewave (CMOS) output, tolerances are
available from ±1.0ppm over -30° to +75°C. The part has a 0.01mF
decoupling capacitor built in.
EM572T - OUTLINES AND DIMENSIONS
SPECIFICATION
Product Series Code
TCXO:
EM572T
VCTCXO:
VEM572T
Frequency Range:
20.0kHz to 52.7kHz
Standard Frequency:
32.768kHz
Output Waveform:
Squarewave, HCMOS
Initial Calibration Tolerance:
<±2.0ppm at +25°±2°C
Operating Temperature Range:
See table
Frequency Stability
vs. Ageing:
±1.0 ppm max. first year
vs. Voltage Change:
±0.2 ppm max. ±5% change
vs. Load Change:
±0.2 ppm max. ±10% change
vs. Reflow (SMD type):
±1.0ppm max. for one reflow
(Measured after 24 hours)
Supply Voltage:
+2.8, +3.0, +3.3 or +5.0V
(See table)
Output Logic Levels:
Logic High: 90% Vdd min.
Logic Low: 10% Vdd max.
Rise and Fall Times:
10ns max.
Duty Cycle:
50%±10% standard,
50%±5% option
Start-up Time:
10ms max.
Current Consumption:
See table below
Output Load:
15pF
Storage Temperature:
-55~+125°C
Control Voltage:
Standard = +1.5±1.0Volts for all input
voltages. (Contact technical sales if
+2.5±2.0 Volts is required.)
Frequency Deviation:
±5 ppm (Vcon = +1.5±1.0V)
Slope Polarity:
Positive (increase of control voltage increases
output frequency.)
Input Impedance:
1M
minimum
Modulation Bandwidth: 20kHz minimum
Linearity:
±10% maximum
VEM572T VOLTAGE CONTROL SPECIFICATION
Frequency Stability (ppm)
±0.5
±1.0
±1.5
±2.0
±2.5
Temperature
Range (°C)
0 ~ +50
P
P
P
P
P
-10 ~ +60
P
P
P
P
P
-20 ~ +70
P
P
P
P
P
-30 ~ +75
ASK
P
P
P
STDP
-40 ~ +85
x
ASK
P
P
P
P
= available, x = not available, ASK = call Tech. Sales
STD = Standard
FREQUENCY STABILITY
Frequency
+3.3 V
32.768kHz
8.0mA
50kHz
12mA
CURRENT CONSUMPTION
PART NUMBERING PROCEDURE
Example:
EM572T33-32.768k-2.5/-30+75
Supply Voltage
33 = 3.3 VDC
5 = 5.0 VDC
Frequency (kHz)
Stability over OTR (±ppm)
Operating Temperature Range (OTR) (°C)
Lower and upper limits.
Series Description
TCXO = EM572T
VCTCXO = VEM572T
Pad Connections:
1. VCTCXO: Voltage control
TCXO: Not connected
2. Ground
3. Output
4. Supply Voltage


Similar Part No. - EM572KHZ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EM57200 ETC-EM57200 Datasheet
256Kb / 15P
TINY CONTROLLER-BASED SOUND PROCESSOR
logo
EUROQUARTZ limited
EM572MHZ EUROQUARTZ-EM572MHZ Datasheet
136Kb / 1P
7 x 5 x 2.3mm SMD, MHz Range
EM572T EUROQUARTZ-EM572T Datasheet
124Kb / 1P
CMOS 7 x 5 x 2.3mm SMD, MHz Range 1.25MHz to 40.0MHz
More results

Similar Description - EM572KHZ

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
EM57T EUROQUARTZ-EM57T Datasheet
151Kb / 1P
HCMOS 7 x 5 x 2.5mm SMD, MHz Range
EM57T33-32.768K-2.5 EUROQUARTZ-EM57T33-32.768K-2.5 Datasheet
137Kb / 1P
HCMOS 7 x 5 x 2.5mm SMD, kHz Range
GDF576 EUROQUARTZ-GDF576 Datasheet
225Kb / 1P
7 x 5 x 1.8mm SMD VCXO
GDW576 EUROQUARTZ-GDW576 Datasheet
226Kb / 1P
7 x 5 x 1.8mm SMD VCXO
EM57T-KHZ EUROQUARTZ-EM57T-KHZ Datasheet
147Kb / 1P
CMOS 7 x 5 x 2.5mm SMD, kHz Range
EM572MHZ EUROQUARTZ-EM572MHZ Datasheet
136Kb / 1P
7 x 5 x 2.3mm SMD, MHz Range
EMV572T EUROQUARTZ-EMV572T Datasheet
129Kb / 1P
CMOS 7 x 5 x 2.5mm SMD
GDA576 EUROQUARTZ-GDA576 Datasheet
117Kb / 1P
7 x 5 x 1.8mm SMD
MB572T EUROQUARTZ-MB572T Datasheet
205Kb / 1P
7 x 5 x 2.3mm SMD HCMOS
EM572T EUROQUARTZ-EM572T Datasheet
124Kb / 1P
CMOS 7 x 5 x 2.3mm SMD, MHz Range 1.25MHz to 40.0MHz
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com