Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V680-CH1D Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # V680-CH1D
Description  V680 RFID Handheld Reader Writer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

V680-CH1D Datasheet(HTML) 2 Page - Omron Electronics LLC

  V680-CH1D Datasheet HTML 1Page - Omron Electronics LLC V680-CH1D Datasheet HTML 2Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
USB interface
Wireless communications
Wireless communications
Wireless communications
RS-232C interface
(Connector)
RS-232C interface
(Connector)
Note. Easy Access demonstration software for V680/V600 is pre-installed.
System Configuration
V680-CHUD
Personal Computer
Programmable Controller
Personal Computer
V680-CH1D
V600-A22 AC Adapter
(order separately)
V680-CH1D-PSI
Psion Teklogix
7527S-series Handheld Terminals (See note.)
V680-A-7527S-G2-EG-S
V680-D1KP52MT
V680-D1KP66MT
V680-D1KP66T
V680-D2KF52M
V680-D2KF67M
V680-D2KF67
V680-D8KF68/-D32KF68
V680-D1KP58HT
Item
Model
V680-CHUD 0.8M
V680-CHUD 1.9M
V680-CH1D
V680-CH1D-PSI
Ratings and Specifications
Power supply voltage
Current consumption
Insulation resistance
Dielectric strength
Vibration resistance
Shock resistance
Ambient operating temperature
during communication
Ambient operating humidity
during communication
Ambient storage temperature
Ambient storage humidity
Degree of protection
Cable length
Weight
5 VDC
±5%
500 mA max. (for a power supply voltage of 5.0 V)
50 M
Ω min. (at 500 VDC) between connector and case
1,000 VAC, 50/60 Hz for 1 min (leakage current: 1 mA max.) between connectors and case
Destruction: 10 to 150 Hz, 0.2-mm double amplitude, with 10 sweeps for 8 min each in 6 directions
Destruction: 150 m/s
2, 3 times each in X, Y, and Z directions
0 to +40
°C
35% to 85% (with no condensation)
−25 to +65
°C
35% to 85% (with no condensation)
IEC 60529: IP63 (See note 2.)
0.8 m
1.9 m
2.5 m
0.8 m
Approx. 110 g
(including connector and cable)
Approx. 140 g
(including connector and cable)
Approx. 170 g
(including connector and cable)
Approx. 120 g
(including connector and cable)
Note 1. Refer to the User Manual (Cat. No. Z272) for details.
2. This does not include the connector section. The main unit is not resistant to chemical or oils.
Handheld Reader Writer
Host Communications Specifications
Item
Model
V680-CHUD
Interface connector
USB version
Communications speed
Device class
Series A plug
Ver 1.1
Full speed (12 Mbps)
COM class
<V680-CHUD>
Item
Model
V680-CH1D
V680-CH1D-PSI
Connector
Standards
Transmission path connections
Communications method
Synchronization
Baud rate
Transmission code
Communications control procedure
Error detection
D-SUB 9-pin (compatible with
IBM PC/AT or compatible) (See note 1.)
D-SUB 9-pin
RS-232C
1:1
2-wire half-duplex
Start-stop (stop bits = 1 or 2) (See note 2.)
2,400, 4,800, 9,600, 19,200, or 38,400 bps (See note 2.)
ASCII (7-bit) or JIS8 (See note 2.)
1:1 protocol
Vertical parity (even, odd, or none) (See note 2.)
Note 1. To convert to a 25-pin connector, use the Sunhayato SGC-X9P/25P-2 or the equivalent.
2. Set using a setting command.
<V680-CH1D or V680-CH1D-PSI>
Host Communications Interface Specifications
Also Available:
Psion Teklogix Handheld Terminals
V680-A-7527S-G2-EG-S
Includes the Handheld
Terminal, batteries,
and a charger.
This document provides information mainly for selecting suitable models. Please read the Instruction Sheet carefully for information that the
user must understand and accept before purchase, including information on warranty, limitations of liability, and precautions.
Authorized Distributor:
Note: Specifications subject to change without notice.
Cat. No. Q157-E1-01
1107
OMRON Corporation
Industrial Automation Company
Sensing Devices Division H.Q.
Industrial Sensors Division
Shiokoji Horikawa, Shimogyo-ku,
Kyoto, 600-8530 Japan
Tel: (81)75-344-7022
Fax: (81)75-344-7107
Regional Headquarters
OMRON EUROPE B.V.
Sensor Business Unit
Carl-Benz-Str. 4, D-71154 Nufringen,
Germany
Tel: (49) 7032-811-0
Fax: (49) 7032-811-199
OMRON ELECTRONICS LLC
One Commerce Drive Schaumburg,
IL 60173-5302 U.S.A.
Tel: (1) 847-843-7900/Fax: (1) 847-843-7787
OMRON ASIA PACIFIC PTE. LTD.
No. 438A Alexandra Road # 05-05/08 (Lobby 2),
Alexandra Technopark, Singapore 119967
Tel: (65) 6835-3011/Fax: (65) 6835-2711
OMRON (CHINA) CO., LTD.
Room 2211, Bank of China Tower,
200 Yin Cheng Zhong Road,
Pu Dong New Area, Shanghai, 200120, China
Tel: (86) 21-5037-2222/Fax: (86) 21-5037-2200
ID Tags
Communications distance
V680-D1KP52MT
V680-D1KP52MT
(embedded in metal: steel)
V680-D1KP66MT
V680-D1KP66T
V680-D1KP58HT
V680-D2KF52M
V680-D2KF67M
V680-D2KF67
V680-D8KF68
V680-D32KF68
V680-D2KF52M
(embedded in metal: steel)
Tag Communications Specifications
Transmission is possible with currently sold V680-series ID Tags.
Read
Write
0 to 9.0 mm
0 to 7.5 mm
0 to 3.0 mm
0 to 2.5 mm
0 to 21.0 mm
0 to 18.0 mm
0 to 27.0 mm
0 to 25.0 mm
0 to 19.0 mm
0 to 17.0 mm
0 to 7.0 mm
0 to 7.0 mm
0 to 2.0 mm
0 to 2.0 mm
0 to 22.0 mm
0 to 22.0 mm
0 to 28.0 mm
0 to 28.0 mm
0 to 32.0 mm
0 to 32.0 mm
0 to 32.0 mm
0 to 32.0 mm
Note. ID Tag Mounting Conditions
• V680-D1KP52MT: Embedded in resin or steel.
• V680-D1KP66MT: ID Tag mounted with steel on back surface.
• V680-D1KP66T: ID Tag mounted on resin surface (no metal on back surface).
• V680-D1KP58HT: ID Tag mounted on resin surface (no metal on back surface).
• V680-D2KF52M: Embedded in resin or steel.
• V680-D2KF67M: ID Tag mounted with steel on back surface.
• V680-D2KF67: ID Tag mounted on resin (no metal on back surface).
• V680-D8KF68: ID Tag mounted on resin (no metal on back surface).
• V680-D32KF68: ID Tag mounted on resin (no metal on back surface).
Application Examples
Inspecting Secondary Batteries
Automobile Parts
ID Tag
ID Tag
Can be used for the following:
Lot numbers
Model numbers
Production instructions
Process control information
Quality information management


Similar Part No. - V680-CH1D

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
V680-CH1D OMRON-V680-CH1D Datasheet
16Mb / 59P
   RFID Systems with ISO/IEC 18000-3(15693) Compliance
V680-CH1D-PSI OMRON-V680-CH1D-PSI Datasheet
16Mb / 59P
   RFID Systems with ISO/IEC 18000-3(15693) Compliance
More results

Similar Description - V680-CH1D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF7964A TI1-TRF7964A Datasheet
2Mb / 76P
[Old version datasheet]   MULTI-PROTOCOL FULLY INTEGRATED 13.56-MHz RFID READER/WRITER IC
TRF7960A TI-TRF7960A Datasheet
2Mb / 68P
[Old version datasheet]   MULTI-PROTOCOL FULLY INTEGRATED 13.56-MHz RFID READER/WRITER IC
logo
Pepperl+Fuchs Inc.
OHV2000-F221-B15 PF-OHV2000-F221-B15 Datasheet
744Kb / 3P
   Handheld reader
OHV110-F228-R2 PF-OHV110-F228-R2 Datasheet
835Kb / 5P
   Handheld reader
OHV1000-F223-R2 PF-OHV1000-F223-R2 Datasheet
242Kb / 2P
   Handheld reader
OHV200-F220-B15 PF-OHV200-F220-B15 Datasheet
212Kb / 2P
   Handheld reader
OHV10-F228-R2 PF-OHV10-F228-R2 Datasheet
4Mb / 3P
   Handheld reader
OHV200-F221-B15 PF-OHV200-F221-B15 Datasheet
225Kb / 2P
   Handheld reader
logo
Mitsubishi Electric Sem...
RA01L9595M MITSUBISHI-RA01L9595M_10 Datasheet
549Kb / 13P
   952-954MHz 1.4W 3.3V, 2 Stage Amp. For RFID READER / WRITER
RA01L8693MA MITSUBISHI-RA01L8693MA_10 Datasheet
270Kb / 12P
   865-928MHz 1.4W 3.3V, 2 Stage Amp. For RFID READER / WRITER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com