Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1867 Datasheet(PDF) 1 Page - Dallas Semiconductor

Part # DS1867
Description  Dual Digital Potentiometer with EEPROM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1867 Datasheet(HTML) 1 Page - Dallas Semiconductor

  DS1867 Datasheet HTML 1Page - Dallas Semiconductor DS1867 Datasheet HTML 2Page - Dallas Semiconductor DS1867 Datasheet HTML 3Page - Dallas Semiconductor DS1867 Datasheet HTML 4Page - Dallas Semiconductor DS1867 Datasheet HTML 5Page - Dallas Semiconductor DS1867 Datasheet HTML 6Page - Dallas Semiconductor DS1867 Datasheet HTML 7Page - Dallas Semiconductor DS1867 Datasheet HTML 8Page - Dallas Semiconductor DS1867 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1 of 14
102199
FEATURES
§ Nonvolatile version of the popular DS1267
§ Low power consumption, quiet, pumpless
design
§ Operates from single 5V or
±5V supplies
§ Two digitally controlled, 256-position
potentiometers
§ Wiper position is maintained in the absence of
power
§ Serial port provides means for setting and
reading both potentiometers
§ Resistors can be connected in series to
provide increased total resistance
§ 16-pin SOIC and 20-pin TSSOP for surface
mount applications
§ Standard resistance values:
-
DS1867-10 ~ 10 k
-
DS1867-50 ~ 50 k
-
DS1867-100 ~ 100 k
§ Operating Temperature Range:
-
Industrial: -40
°C to +85°C
PIN DESCRIPTION
L0, L1
- Low End of Resistor
H0, H1
- High End of Resistor
W1, W2
- Wiper End of Resistor
VB
- Substrate Bias
SOUT
- Wiper for Stacked Configuration
RST
- Serial Port Reset Input
DQ
- Serial Port Data Input
CLK
- Serial Port Clock Input
COUT
- Cascade Serial Port Output
VCC
- +5-Volt Supply Input
GND
- Ground
NC
- No Internal Connection
DNC
- Do Not Connect
PIN ASSIGNMENT
DS1867
Dual Digital Potentiometer with EEPROM
www.dalsemi.com
VB
1
14
VCC
H1
2
13
SOUT
L1
3
12
WO
W1
4
11
HO
RST
5
10
LO
CLK
6
9
COUT
GND
7
8
DQ
14-Pin DIP (300-mil)
See Mech. Drawings Section
VB
1
16
VCC
NC
2
15
NC
H1
3
14
SOUT
L1
4
13
WO
W1
5
12
HO
RST
6
11
LO
CLK
7
10
COUT
GND
8
9
DQ
16-Pin SOIC (300-mil)
See Mech. Drawings Section
VB
1
20
VCC
NC
2
19
DNC
H1
3
18
DNC
L1
4
17
SOUT
W1
5
16
WO
RST
6
15
HO
CLK
7
14
LO
DNC
8
13
COUT
DNC
9
12
DNC
GND
10
11
DQ
20-Pin TSSOP (173-mil)
See Mech. Drawings Section


Similar Part No. - DS1867

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1867 MAXIM-DS1867 Datasheet
310Kb / 14P
Dual Digital Potentiometer with EEPROM
102199
More results

Similar Description - DS1867

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1803 DALLAS-DS1803 Datasheet
284Kb / 11P
Addressable Dual Digital Potentiometer
DS1868 DALLAS-DS1868 Datasheet
276Kb / 14P
Dual Digital Potentiometer Chip
DS1808 DALLAS-DS1808 Datasheet
431Kb / 17P
Dual Log Digital Potentiometer
logo
ams AG
AS1507 AMSCO-AS1507 Datasheet
530Kb / 17P
Dual 256-Tap Digital Potentiometer with SPI Interface and High Endurance EEPROM
logo
Microchip Technology
MCP41100-I MICROCHIP-MCP41100-I Datasheet
897Kb / 32P
Single/Dual Digital Potentiometer with SPI Interface
07/28/03
logo
Copal Electronics
DP7221 COPAL-DP7221 Datasheet
171Kb / 16P
Dual Digital Potentiometer
logo
ON Semiconductor
CAT5221 ONSEMI-CAT5221_13 Datasheet
211Kb / 15P
Dual Digital Potentiometer (POT)
July, 2013 ??Rev. 14
logo
Maxim Integrated Produc...
DS1267B MAXIM-DS1267B Datasheet
413Kb / 13P
Dual Digital Potentiometer
19-6589; Rev 1; 1/14
DS1868B MAXIM-DS1868B Datasheet
423Kb / 13P
Dual Digital Potentiometer
19-6593; Rev 1; 1/14
DS1867 MAXIM-DS1867 Datasheet
310Kb / 14P
Dual Digital Potentiometer with EEPROM
102199
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com