Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1811 Datasheet(PDF) 1 Page - Dallas Semiconductor

Part # DS1811
Description  5V EconoReset with Open Drain Output
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1811 Datasheet(HTML) 1 Page - Dallas Semiconductor

  DS1811 Datasheet HTML 1Page - Dallas Semiconductor DS1811 Datasheet HTML 2Page - Dallas Semiconductor DS1811 Datasheet HTML 3Page - Dallas Semiconductor DS1811 Datasheet HTML 4Page - Dallas Semiconductor DS1811 Datasheet HTML 5Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1 of 5
111999
FEATURES
Automatically restarts a microprocessor after
power failure
Maintains reset for 150 ms after VCC returns
to an in-tolerance condition
Reduces need for discrete components
Precision temperature-compensated voltage
reference and voltage sensor
Low-cost TO-92 or space saving SOT-23
packages available
Efficient open-drain output with internal
5.5 k
Ω pull-up resistor
Operating temperature -40°C to +85°C
PIN ASSIGNMENT
PIN DESCRIPTION
TO-92
1
RST
Active Low Reset Output
2
VCC
Power Supply
3
GND
Ground
SOT-23
1
RST
Active Low Reset Output
2
VCC
Power Supply
3
GND
Ground
DESCRIPTION
The DS1811 EconoReset uses a precision temperature reference and comparator circuit to monitor the
status of the power supply (VCC). When an out-of-tolerance condition is detected, an internal power-fail
signal is generated which forces reset to the active state. When VCC returns to an in-tolerance condition,
the reset signal is kept in the active state for approximately 150 ms to allow the power supply and
processor to stabilize.
DS1811
5V EconoReset with Open Drain Output
www.dalsemi.com
12
3
SOT-23 PACKAGE
1 2 3
1 2 3
TO-92 PACKAGE
See Mech.
Drawings Section


Similar Part No. - DS1811

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1811 MAXIM-DS1811 Datasheet
119Kb / 5P
5V EconoReset with Open Drain Output
041002
More results

Similar Description - DS1811

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1810 DALLAS-DS1810 Datasheet
54Kb / 5P
5V EconoReset with Push-Pull Output
DS1813 DALLAS-DS1813 Datasheet
59Kb / 5P
5V EconoReset with Pushbutton
DS1816 DALLAS-DS1816 Datasheet
51Kb / 5P
3.3V EconoReset with Open Drain Output
DS1816R DALLAS-DS1816R Datasheet
122Kb / 5P
3.3V EconoReset with Open Drain Output
logo
Maxim Integrated Produc...
DS1816 MAXIM-DS1816 Datasheet
122Kb / 5P
3.3V EconoReset with Open Drain Output
041002
DS1813 MAXIM-DS1813 Datasheet
211Kb / 5P
5V EconoReset with Pushbutton
REV: 022306
DS1811 MAXIM-DS1811 Datasheet
119Kb / 5P
5V EconoReset with Open Drain Output
041002
DS1810 MAXIM-DS1810 Datasheet
122Kb / 5P
5V EconoReset with Push-Pull Output
041002
DS1233D MAXIM-DS1233D Datasheet
121Kb / 5P
5V EconoReset
041002
DS1833 MAXIM-DS1833 Datasheet
120Kb / 5P
5V EconoReset
041002
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com