Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CSH276PA4 Datasheet(PDF) 1 Page - Cystech Electonics Corp.

Part # CSH276PA4
Description  Complementary Output Hall Effect Latched Sink Driver IC
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

CSH276PA4 Datasheet(HTML) 1 Page - Cystech Electonics Corp.

  CSH276PA4 Datasheet HTML 1Page - Cystech Electonics Corp. CSH276PA4 Datasheet HTML 2Page - Cystech Electonics Corp. CSH276PA4 Datasheet HTML 3Page - Cystech Electonics Corp. CSH276PA4 Datasheet HTML 4Page - Cystech Electonics Corp. CSH276PA4 Datasheet HTML 5Page - Cystech Electonics Corp. CSH276PA4 Datasheet HTML 6Page - Cystech Electonics Corp. CSH276PA4 Datasheet HTML 7Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
CYStech Electronics Corp.
Spec. No. : C498A4
Issued Date : 2007.09.26
Revised Date :
Page No. : 1/7
CSH276PA4
Complementary Output Hall Effect Latched Sink Driver IC
Description
The CSH276PA4 is an integrated Hall sensors with output drivers designed for electronic commutation of brushless
DC motor applications. The device includes an on-chip Hall voltage generator for magnetic sensing, a comparator
that amplifies the Hall voltage, and a Schmitt trigger to provide switching hysteresis for noise rejection, and
complementary open collector drivers for sinking large current loads. An internal bandgap regulator is used to
provide temperature compensated supply voltage for internal circuits and allows a wide operating supply range.
If a magnetic flux density larger than threshold BOP, DO is turned on (low) and DOB is turned off (high). The output
state is held until a magnetic flux density reversal falls below Brp causing DO to be turned off and DOB turned on.
CSH276PA4 is rated for operation over temperature range from -20℃to 85℃ and voltage range from 3.5V to 20V.
The devices are available in low cost die forms or rugged 4 pin SIP packages.
Features
• On-chip Hall sensor IC with two different sensitivity and hysteresis settings
• Internal bandgap regulator allows temperature compensated operations and a wide operating voltage range
• High output sinking capability up to 300mA for driving large load
• Lower current change rate reduces the peak output voltage during switching
• Build in protection diode for chip reverse power connecting
• Package: SIP-4L
Applications
• Brushless DC motor
• Brushless DC fan
• Revolution counting
• Speed measurement
Functional Block Diagrams
CSH276PA4
CYStek Product Specification


Similar Part No. - CSH276PA4

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
CSH277A4 CYSTEKEC-CSH277A4 Datasheet
364Kb / 6P
Complementary Output Hall Effect Latched Sink Driver IC
More results

Similar Description - CSH276PA4

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G266 GTM-G266 Datasheet
214Kb / 5P
Complementary Output Hall Effect Latched Sink Driver IC
logo
Cystech Electonics Corp...
CSH277A4 CYSTEKEC-CSH277A4 Datasheet
364Kb / 6P
Complementary Output Hall Effect Latched Sink Driver IC
logo
GTM CORPORATION
G276P GTM-G276P Datasheet
223Kb / 5P
Complementary Output Hall Effect Latched Sink Driver IC
logo
Cystech Electonics Corp...
CSH266A4 CYSTEKEC-CSH266A4 Datasheet
221Kb / 6P
Complementary Output Hall Effect Latched Sink Driver IC
logo
List of Unclassifed Man...
A277 ETC-A277 Datasheet
165Kb / 6P
COMPLEMENTARY OUTPUT HALL EFFECT LATCHED SINK DRIVER
logo
Major-Power Technology ...
MA7201 MPOWER-MA7201 Datasheet
388Kb / 6P
Complementary Output Hall Effect Fan Driver
MA7210 MPOWER-MA7210 Datasheet
350Kb / 6P
Complementary Output Hall Effect Fan Driver
MA277 MPOWER-MA277 Datasheet
328Kb / 6P
Complementary Output Hall Effect Fan Driver
MA266 MPOWER-MA266 Datasheet
120Kb / 2P
Complementary Output Hall Effect Fan Driver
Rev.1.3
MA382 MPOWER-MA382 Datasheet
121Kb / 2P
Complementary Output Hall Effect Fan Driver
Rev.1.3
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com