Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1100Z-100 Datasheet(PDF) 4 Page - Dallas Semiconductor

Part # DS1100Z-100
Description  5-Tap Economy Timing Element Delay Line
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1100Z-100 Datasheet(HTML) 4 Page - Dallas Semiconductor

  DS1100Z-100 Datasheet HTML 1Page - Dallas Semiconductor DS1100Z-100 Datasheet HTML 2Page - Dallas Semiconductor DS1100Z-100 Datasheet HTML 3Page - Dallas Semiconductor DS1100Z-100 Datasheet HTML 4Page - Dallas Semiconductor DS1100Z-100 Datasheet HTML 5Page - Dallas Semiconductor DS1100Z-100 Datasheet HTML 6Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
DS1100
4 of 6
NOTES:
1) Initial tolerances are ± with respect to the nominal value at +25°C and 5V for both leading and
trailing edge.
2) Temperature and voltage tolerance is with respect to the nominal delay value over the stated
temperature range, and a supply-voltage range of 4.75V to 5.25V.
3) All tap delays tend to vary unidirectionally with temperature or voltage changes. For example, if
TAP1 slows down, all other taps also slow down; TAP3 can never be faster than TAP2.
4) Intermediate delay values are available on a custom basis. For further information, call
(972) 371-4348.
5) All voltages are referenced to ground.
6) Measured with outputs open.
7) See Test Conditions section at the end of this data sheet.
8) Frequencies higher than 1MHz result in higher ICC values.
9) At or near maximum frequency the delay accuracy can vary and will be application sensitive (i.e.,
decoupling, layout).
Figure 3. TEST CIRCUIT


Similar Part No. - DS1100Z-100

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1100 MAXIM-DS1100 Datasheet
136Kb / 6P
   5-Tap Economy Timing Element (Delay Line) All-Silicon Timing Circuit
Rev 3/11
logo
MTU Onsite Energy Corpo...
DS1100D5S MTU-DS1100D5S Datasheet
1Mb / 4P
   DIESEL GENERATOR SET AIR CHARGE-AIR COOLING
logo
Dallas Semiconductor
DS1100L DALLAS-DS1100L Datasheet
156Kb / 6P
   3.3V 5-Tap Economy Timing Element Delay Line
logo
Maxim Integrated Produc...
DS1100L MAXIM-DS1100L Datasheet
136Kb / 6P
   3.3V 5-Tap Economy Timing Element (Delay Line) Low-Power CMOS
Rev 3/11
DS1100L MAXIM-DS1100L Datasheet
138Kb / 7P
   3.3V 5-Tap Economy Timing Element (Delay Line)
Rev 10/11
More results

Similar Description - DS1100Z-100

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1100L_1110 MAXIM-DS1100L_1110 Datasheet
138Kb / 7P
   3.3V 5-Tap Economy Timing Element (Delay Line)
Rev 10/11
logo
Dallas Semiconductor
DS1100L DALLAS-DS1100L Datasheet
156Kb / 6P
   3.3V 5-Tap Economy Timing Element Delay Line
logo
Maxim Integrated Produc...
DS1100L MAXIM-DS1100L_V01 Datasheet
546Kb / 7P
   3.3V 5-Tap Economy Timing Element (Delay Line)
19-5736 ; Rev 7/15
DS1100 MAXIM-DS1100_11 Datasheet
136Kb / 6P
   5-Tap Economy Timing Element (Delay Line) All-Silicon Timing Circuit
Rev 3/11
DS1100L MAXIM-DS1100L_11 Datasheet
136Kb / 6P
   3.3V 5-Tap Economy Timing Element (Delay Line) Low-Power CMOS
Rev 3/11
MXD1005 MAXIM-MXD1005 Datasheet
89Kb / 8P
   5-Tap Silicon Delay Line
19-1309; Rev 0; 10/97
logo
Dallas Semiconductor
DS1005 DALLAS-DS1005 Datasheet
62Kb / 6P
   5-Tap Silicon Delay Line
logo
Maxim Integrated Produc...
MXD1000 MAXIM-MXD1000 Datasheet
72Kb / 8P
   5-Tap Silicon Delay Line
19-1310; Rev 0; 10/97
logo
List of Unclassifed Man...
1517 ETC-1517 Datasheet
37Kb / 2P
   5-TAP DIP DELAY LINE
logo
Dallas Semiconductor
DS1000 DALLAS-DS1000 Datasheet
65Kb / 5P
   5-Tap Silicon Delay Line
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com