Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1245W Datasheet(PDF) 4 Page - Dallas Semiconductor

Part # DS1245W
Description  3.3V 1024k Nonvolatile SRAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1245W Datasheet(HTML) 4 Page - Dallas Semiconductor

  DS1245W Datasheet HTML 1Page - Dallas Semiconductor DS1245W Datasheet HTML 2Page - Dallas Semiconductor DS1245W Datasheet HTML 3Page - Dallas Semiconductor DS1245W Datasheet HTML 4Page - Dallas Semiconductor DS1245W Datasheet HTML 5Page - Dallas Semiconductor DS1245W Datasheet HTML 6Page - Dallas Semiconductor DS1245W Datasheet HTML 7Page - Dallas Semiconductor DS1245W Datasheet HTML 8Page - Dallas Semiconductor DS1245W Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
DS1245W
4 of 11
AC ELECTRICAL CHARACTERISTICS
(tA: See Note 10) (VCC=3.3V
±=0.3V)
DS1245W-150
PARAMETER
SYMBOL
MIN
MAX
TYPE
UNITS
NOTES
Read Cycle Time
tRC
150
ns
Access Time
tACC
150
ns
OE
to Output Valid
tOE
70
ns
CE
to Output Valid
tCO
150
ns
OE
or CE to Output Active
tCOE
5ns
5
Output High Z from Deselection
tOD
35
ns
5
Output Hold from Address Change
tOH
5ns
Write Cycle Time
tWC
150
ns
Write Pulse Width
tWP
100
ns
3
Address Setup Time
tAW
0ns
Write Recovery Time
tWR1
tWR2
5
20
ns
ns
12
13
Output High Z from WE
tODW
35
ns
5
Output Active from WE
tOEW
5ns
5
Data Setup Time
tDS
60
ns
4
Data Hold Time
tDH1
tDH2
0
20
ns
ns
12
13
READ CYCLE


Similar Part No. - DS1245W

ManufacturerPart #DatasheetDescription
logo
ARTSCHIP ELECTRONICS CO...
DS1245W ARTSCHIP-DS1245W Datasheet
401Kb / 11P
   3.3V 1024k Nonvolatile SRAM
logo
Maxim Integrated Produc...
DS1245W MAXIM-DS1245W Datasheet
229Kb / 10P
   3.3V 1024k Nonvolatile SRAM
19-5640; Rev 11/10
DS1245W-100++ MAXIM-DS1245W-100+ Datasheet
229Kb / 10P
   3.3V 1024k Nonvolatile SRAM
19-5640; Rev 11/10
DS1245W-100IND++ MAXIM-DS1245W-100IND+ Datasheet
229Kb / 10P
   3.3V 1024k Nonvolatile SRAM
19-5640; Rev 11/10
DS1245WP-100++ MAXIM-DS1245WP-100+ Datasheet
229Kb / 10P
   3.3V 1024k Nonvolatile SRAM
19-5640; Rev 11/10
More results

Similar Description - DS1245W

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1245W MAXIM-DS1245W Datasheet
229Kb / 10P
   3.3V 1024k Nonvolatile SRAM
19-5640; Rev 11/10
logo
ARTSCHIP ELECTRONICS CO...
DS1245W ARTSCHIP-DS1245W Datasheet
401Kb / 11P
   3.3V 1024k Nonvolatile SRAM
logo
Dallas Semiconductor
DS1245Y DALLAS-DS1245Y_10 Datasheet
229Kb / 10P
   1024k Nonvolatile SRAM
logo
Maxim Integrated Produc...
DS1245Y-70IND MAXIM-DS1245Y-70IND Datasheet
229Kb / 10P
   1024k Nonvolatile SRAM
Rev 11/10
DS1245AB MAXIM-DS1245AB Datasheet
229Kb / 10P
   1024k Nonvolatile SRAM
19-5638; Rev 11/10
DS1245YL MAXIM-DS1245YL Datasheet
322Kb / 9P
   1024K Nonvolatile SRAM
021998
logo
Dallas Semiconductor
DS1245Y DALLAS-DS1245Y Datasheet
221Kb / 12P
   1024k Nonvolatile SRAM
DS1245YL DALLAS-DS1245YL Datasheet
181Kb / 9P
   1024K Nonvolatile SRAM
DS1345W DALLAS-DS1345W Datasheet
249Kb / 12P
   3.3V 1024k Nonvolatile SRAM with Battery Monitor
logo
Maxim Integrated Produc...
DS1345W MAXIM-DS1345W Datasheet
217Kb / 10P
   3.3V 1024k Nonvolatile SRAM with Battery Monitor
19-5587; Rev 10/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com