Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UZ0103 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UZ0103
Description  1A TRIACS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UZ0103 Datasheet(HTML) 1 Page - Unisonic Technologies

  UZ0103 Datasheet HTML 1Page - Unisonic Technologies UZ0103 Datasheet HTML 2Page - Unisonic Technologies UZ0103 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UZ0103
Preliminary
TRIACS
www.unisonic.com.tw
1 of 3
Copyright © 2013 Unisonic Technologies Co., Ltd
QW-R401-037.b
1A TRIACS
DESCRIPTION
The UTC UZ0103 is a 1A triacs, it is suitable for general purpose
AC switching applications, fan speed controllers and home
appliances.
FEATURES
* IGT≤3mA (I-II-III), IGT≤5mA (IV)
ITSM≤8A (t=20ms), ITSM≤8.5A (t=16.7ms)
IT(RMS) ≤1A
SYMBOL
TO-92
1
SOT-223
1
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
UZ0103XL-T92-B
UZ0103XG-T92-B
TO-92
MT1
GATE
MT2
Tape Box
UZ0103XL-T92-K
UZ0103XG-T92-K
TO-92
MT1
GATE
MT2
Bulk
UZ0103XL-T92-R
UZ0103XG-T92-R
TO-92
MT1
GATE
MT2
Tape Reel
UZ0103XL-AA3-R
UZ0103XG-AA3-R
SOT-223
MT1
MT2
GATE
Tape Reel
SENSITIVITY AND TYPE
VOLTAGE CODE
VOLTAGE
SENSITIVITY
TYPE
600V
800V
M
3mA
STANDARD
N
3mA
STANDARD


Similar Part No. - UZ0103

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UZ0103G-6-AA3-R UTC-UZ0103G-6-AA3-R Datasheet
156Kb / 4P
1A TRIAC
UZ0103G-6-T92-B UTC-UZ0103G-6-T92-B Datasheet
156Kb / 4P
1A TRIAC
UZ0103G-6-T92-K UTC-UZ0103G-6-T92-K Datasheet
156Kb / 4P
1A TRIAC
UZ0103G-8-AA3-R UTC-UZ0103G-8-AA3-R Datasheet
156Kb / 4P
1A TRIAC
UZ0103G-8-T92-B UTC-UZ0103G-8-T92-B Datasheet
156Kb / 4P
1A TRIAC
More results

Similar Description - UZ0103

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
Z0103MA TGS-Z0103MA Datasheet
153Kb / 1P
1A TRIACS
logo
JIEJIE MICROELECTRONICS...
ACJT1 JIEJIE-ACJT1 Datasheet
376Kb / 5P
1A TRIACs
logo
STMicroelectronics
Z01 STMICROELECTRONICS-Z01 Datasheet
74Kb / 8P
1A TRIACS
logo
JIEJIE MICROELECTRONICS...
JST131 JIEJIE-JST131 Datasheet
257Kb / 5P
1A TRIACs
JST01 JIEJIE-JST01 Datasheet
416Kb / 4P
1A TRIACs
logo
Kersemi Electronic Co.,...
Z0103MN KERSEMI-Z0103MN Datasheet
1Mb / 10P
Standard 1A Triacs
logo
STMicroelectronics
Z01 STMICROELECTRONICS-Z01 Datasheet
130Kb / 12P
Standard 1A Triacs
logo
Nell Semiconductor Co.,...
1T06E-D NELLSEMI-1T06E-D Datasheet
469Kb / 5P
Standard TRIACs, 1A
logo
First Components Intern...
FTC131 FCI-FTC131 Datasheet
189Kb / 4P
1A 500V/600V BIDIRECTIONAL TRIACS
logo
NXP Semiconductors
BT137SE PHILIPS-BT137SE Datasheet
54Kb / 6P
Triacs Triacs
October 1997 Rev 1.200
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com