Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT45DB011D Datasheet(PDF) 50 Page - List of Unclassifed Manufacturers

Part # AT45DB011D
Description  1-megabit 2.7-volt Minimum DataFlash
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT45DB011D Datasheet(HTML) 50 Page - List of Unclassifed Manufacturers

Back Button AT45DB011D_12 Datasheet HTML 43Page - List of Unclassifed Manufacturers AT45DB011D_12 Datasheet HTML 44Page - List of Unclassifed Manufacturers AT45DB011D_12 Datasheet HTML 45Page - List of Unclassifed Manufacturers AT45DB011D_12 Datasheet HTML 46Page - List of Unclassifed Manufacturers AT45DB011D_12 Datasheet HTML 47Page - List of Unclassifed Manufacturers AT45DB011D_12 Datasheet HTML 48Page - List of Unclassifed Manufacturers AT45DB011D_12 Datasheet HTML 49Page - List of Unclassifed Manufacturers AT45DB011D_12 Datasheet HTML 50Page - List of Unclassifed Manufacturers AT45DB011D_12 Datasheet HTML 51Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 50 / 51 page
background image
50
3639J–DFLASH–11/2012
AT45DB011D
28. Revision History
Revision Level – Release Date
History
A – June 2006
Initial Release
B – February 2007
Removed RDY/BUSY pin references.
C – November 2007
Fixed the typographical error in the Block Architecture diagram.
Changed t
VCSL time to 1ms.
Changed I
DP (Max) to 15µA.
Added Chip Erase time.
Changed t
RDPD time to 35µs.
Changed the t
XFR and tCOMP times from 400µs to 200µs.
Changed part number ordering code to reflect NiPdAu lead finish.
- Changed AT45DB011D-SSU to AT45DB011D-SSH.
- Changed AT45DB011D-SU to AT45DB011D-SH.
- Changed AT45DB011D-MU to AT45DB011D-MH.
Added lead finish details to Ordering Information table.
Added Ordering Code Detail.
D – March 2008
Changed I
CC1 (Typ) and ICC1 (Max), for f = 66MHz, to 15mA and
25mA, respectively.
Changed I
CC2 (Max) to 20mA.
Changed t
BE (Typ) to 18ms.
Changed 8M1-A MLF package to 8MA1 UDFN package.
E – May 2008
Added part number ordering code details for suffixes SL954/955.
F – February 2009
Changed t
DIS (Typ and Max) to 27ns and 35ns, respectively.
G – March 2009
Changed Deep Power-Down Current values
- Increased typical value from 5µA to 15µA.
- Increased maximum value from 15µA to 25µA.
H – April 2009
Updated Absolute Maximum Ratings
I – May 2010
Changed t
SE (Typ) 0.8 to 0.4 and (Max) 2.5 to 0.7.
Changed t
CE (Typ) 1.8 to 1.2.
Changed from 10,000 to 20,000 cumulative page erase/program
operations in section 11.3.
Added “Please contact Adesto for availability of devices that are
specified to exceed the 20K cycle cumulative limit” in section 11.3
.
J – November 2012
Update to Adesto logos.


Similar Part No. - AT45DB011D_12

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT45DB011D-MH-SL954 ATMEL-AT45DB011D-MH-SL954 Datasheet
1Mb / 52P
1-megabit 2.7-volt Minimum DataFlash
AT45DB011D-MH-SL954 ATMEL-AT45DB011D-MH-SL954 Datasheet
1Mb / 52P
1-megabit 2.7-volt Minimum DataFlash
logo
List of Unclassifed Man...
AT45DB011D-MH-SL954 ETC2-AT45DB011D-MH-SL954 Datasheet
2Mb / 52P
1-megabit 2.7-volt Minimum DataFlash
logo
ATMEL Corporation
AT45DB011D-MH-SL955 ATMEL-AT45DB011D-MH-SL955 Datasheet
1Mb / 52P
1-megabit 2.7-volt Minimum DataFlash
AT45DB011D-MH-SL955 ATMEL-AT45DB011D-MH-SL955 Datasheet
1Mb / 52P
1-megabit 2.7-volt Minimum DataFlash
More results

Similar Description - AT45DB011D_12

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT45DB011D ATMEL-AT45DB011D_08 Datasheet
1Mb / 52P
1-megabit 2.7-volt Minimum DataFlash
AT45DB011D ATMEL-AT45DB011D_09 Datasheet
1Mb / 52P
1-megabit 2.7-volt Minimum DataFlash
logo
List of Unclassifed Man...
AT45DB011D ETC2-AT45DB011D Datasheet
2Mb / 52P
1-megabit 2.7-volt Minimum DataFlash
logo
ATMEL Corporation
AT45DB021D ATMEL-AT45DB021D_09 Datasheet
1Mb / 54P
2-megabit 2.7-volt Minimum DataFlash
AT45DB021D ATMEL-AT45DB021D_08 Datasheet
1Mb / 52P
2-megabit 2.7-volt Minimum DataFlash
AT45DB011D ATMEL-AT45DB011D_07 Datasheet
1Mb / 52P
1-megabit 2.7-volt DataFlash
AT45DB011B ATMEL-AT45DB011B_06 Datasheet
408Kb / 32P
1-megabit 2.7-volt Only DataFlash
AT45DB321C ATMEL-AT45DB321C Datasheet
610Kb / 37P
32 MEGABIT 2.7 VOLT DATAFLASH
AT45DB011 ATMEL-AT45DB011 Datasheet
150Kb / 19P
1-Megabit 2.7-volt Only Serial DataFlash
AT45DB011 ATMEL-AT45DB011_01 Datasheet
253Kb / 20P
1-megabit 2.7-volt Only Serial DataFlash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com