Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT45DB011D Datasheet(PDF) 46 Page - List of Unclassifed Manufacturers

Part # AT45DB011D
Description  1-megabit 2.7-volt Minimum DataFlash
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT45DB011D Datasheet(HTML) 46 Page - List of Unclassifed Manufacturers

Back Button AT45DB011D_12 Datasheet HTML 42Page - List of Unclassifed Manufacturers AT45DB011D_12 Datasheet HTML 43Page - List of Unclassifed Manufacturers AT45DB011D_12 Datasheet HTML 44Page - List of Unclassifed Manufacturers AT45DB011D_12 Datasheet HTML 45Page - List of Unclassifed Manufacturers AT45DB011D_12 Datasheet HTML 46Page - List of Unclassifed Manufacturers AT45DB011D_12 Datasheet HTML 47Page - List of Unclassifed Manufacturers AT45DB011D_12 Datasheet HTML 48Page - List of Unclassifed Manufacturers AT45DB011D_12 Datasheet HTML 49Page - List of Unclassifed Manufacturers AT45DB011D_12 Datasheet HTML 50Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 51 page
background image
46
3639J–DFLASH–11/2012
AT45DB011D
26. Ordering Information
26.1
Ordering Code Detail
Notes:
1. The shipping carrier option is not marked on the devices.
2. Standard parts are shipped with the page size set to 264-bytes. The user is able to configure these parts to a 256-byte page
size if desired.
3. Parts ordered with suffix SL954 are shipped in bulk with the page size set to 256-bytes. Parts will have a 954 or SL954
marked on them.
4. Parts ordered with suffix SL955 are shipped in tape and reel with the page size set to 256 bytes. Parts will have a 954 or
SL954 marked on them.
A T 4 5 D
0 1
S S H
B
1D–
B
Designator
Product Family
Device Density
01 = 1-megabit
Interface
1 = Serial
Package Option
SS = 8-lead, 0.150" wide SOIC
S
= 8-lead, 0.208" wide SOIC
M = 8-pad, 5 x 6 x 0.6mm UDFN
Device Grade
H = NiPdAu lead finish, industrial
temperature range (-40°C to +85°C)
Shipping Carrier Option
B = Bulk (tubes)
Y = Trays
T = Tape and reel
Device Revision
26.2
Green Package Options (Pb/Halide-free/RoHS Compliant)
Ordering Code(1)(2)
Package
Lead Finish
Operating Voltage
f
SCK (MHz)
Operation Range
AT45DB011D-MH-Y
AT45DB011D-MH-T
AT45DB011D-MH-SL954(3)
AT45DB011D-MH-SL955(4)
8MA1
NiPdAu
2.7V to 3.6V
66
Industrial
(-40°C to +85°C)
AT45DB011D-SSH-B
AT45DB011D-SSH-T
AT45DB011D-SSH-SL954(3)
AT45DB011D-SSH-SL955(4)
8S1
AT45DB011D-SH-B
AT45DB011D-SH-T
AT45DB011D-SH-SL954(3)
AT45DB011D-SH-SL955(4)
8S2
Package Type
8MA1
8-pad,5x6x0.6mm, Thermally Enhanced Ultra Thin Dual Flat No Lead Package (UDFN)
8S1
8-lead, 0.150” Wide, Plastic Gull Wing Small Outline Package (JEDEC SOIC)
8S2
8-lead, 0.208” Wide, Plastic Gull Wing Small Outline Package (EIAJ SOIC)


Similar Part No. - AT45DB011D_12

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT45DB011D-MH-SL954 ATMEL-AT45DB011D-MH-SL954 Datasheet
1Mb / 52P
   1-megabit 2.7-volt Minimum DataFlash
AT45DB011D-MH-SL954 ATMEL-AT45DB011D-MH-SL954 Datasheet
1Mb / 52P
   1-megabit 2.7-volt Minimum DataFlash
logo
List of Unclassifed Man...
AT45DB011D-MH-SL954 ETC2-AT45DB011D-MH-SL954 Datasheet
2Mb / 52P
   1-megabit 2.7-volt Minimum DataFlash
logo
ATMEL Corporation
AT45DB011D-MH-SL955 ATMEL-AT45DB011D-MH-SL955 Datasheet
1Mb / 52P
   1-megabit 2.7-volt Minimum DataFlash
AT45DB011D-MH-SL955 ATMEL-AT45DB011D-MH-SL955 Datasheet
1Mb / 52P
   1-megabit 2.7-volt Minimum DataFlash
More results

Similar Description - AT45DB011D_12

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT45DB011D ATMEL-AT45DB011D_08 Datasheet
1Mb / 52P
   1-megabit 2.7-volt Minimum DataFlash
AT45DB011D ATMEL-AT45DB011D_09 Datasheet
1Mb / 52P
   1-megabit 2.7-volt Minimum DataFlash
logo
List of Unclassifed Man...
AT45DB011D ETC2-AT45DB011D Datasheet
2Mb / 52P
   1-megabit 2.7-volt Minimum DataFlash
logo
ATMEL Corporation
AT45DB021D ATMEL-AT45DB021D_09 Datasheet
1Mb / 54P
   2-megabit 2.7-volt Minimum DataFlash
AT45DB021D ATMEL-AT45DB021D_08 Datasheet
1Mb / 52P
   2-megabit 2.7-volt Minimum DataFlash
AT45DB011D ATMEL-AT45DB011D_07 Datasheet
1Mb / 52P
   1-megabit 2.7-volt DataFlash
AT45DB011B ATMEL-AT45DB011B_06 Datasheet
408Kb / 32P
   1-megabit 2.7-volt Only DataFlash
AT45DB321C ATMEL-AT45DB321C Datasheet
610Kb / 37P
   32 MEGABIT 2.7 VOLT DATAFLASH
AT45DB011 ATMEL-AT45DB011 Datasheet
150Kb / 19P
   1-Megabit 2.7-volt Only Serial DataFlash
AT45DB011 ATMEL-AT45DB011_01 Datasheet
253Kb / 20P
   1-megabit 2.7-volt Only Serial DataFlash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com