Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT45DB011D Datasheet(PDF) 33 Page - List of Unclassifed Manufacturers

Part # AT45DB011D
Description  1-megabit 2.7-volt Minimum DataFlash
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT45DB011D Datasheet(HTML) 33 Page - List of Unclassifed Manufacturers

Back Button AT45DB011D_12 Datasheet HTML 29Page - List of Unclassifed Manufacturers AT45DB011D_12 Datasheet HTML 30Page - List of Unclassifed Manufacturers AT45DB011D_12 Datasheet HTML 31Page - List of Unclassifed Manufacturers AT45DB011D_12 Datasheet HTML 32Page - List of Unclassifed Manufacturers AT45DB011D_12 Datasheet HTML 33Page - List of Unclassifed Manufacturers AT45DB011D_12 Datasheet HTML 34Page - List of Unclassifed Manufacturers AT45DB011D_12 Datasheet HTML 35Page - List of Unclassifed Manufacturers AT45DB011D_12 Datasheet HTML 36Page - List of Unclassifed Manufacturers AT45DB011D_12 Datasheet HTML 37Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 51 page
background image
33
3639J–DFLASH–11/2012
AT45DB011D
Table 18-4.
AC Characteristics – RapidS/Serial Interface
Symbol
Parameter
Min
Typ
Max
Units
f
SCK
SCK Frequency
66
MHz
f
CAR1
SCK Frequency for Continuous Array Read
66
MHz
f
CAR2
SCK Frequency for Continuous Array Read (Low Frequency)
33
MHz
t
WH
SCK High Time
6.8
ns
t
WL
SCK Low Time
6.8
ns
t
SCKR
(1)
SCK Rise Time, Peak-to-Peak (Slew Rate)
0.1
V/ns
t
SCKF
(1)
SCK Fall Time, Peak-to-Peak (Slew Rate)
0.1
V/ns
t
CS
Minimum CS High Time
50
ns
t
CSS
CS Setup Time
5
ns
t
CSH
CS Hold Time
5
ns
t
SU
Data In Setup Time
2
ns
t
H
Data In Hold Time
3
ns
t
HO
Output Hold Time
0
ns
t
DIS
Output Disable Time
27
35
ns
t
V
Output Valid
6ns
t
WPE
WP Low to Protection Enabled
1
µs
t
WPD
WP High to Protection Disabled
1
µs
t
EDPD
CS High to Deep Power-down Mode
3
µs
t
RDPD
CS High to Standby Mode
35
µs
t
XFR
Page to Buffer Transfer Time
200
µs
t
comp
Page to Buffer Compare Time
200
µs
t
EP
Page Erase and Programming Time (256-/264-bytes)
14
35
ms
t
P
Page Programming Time (256-/264-bytes)
2
4
ms
t
PE
Page Erase Time (256-/264-bytes)
13
32
ms
t
BE
Block Erase Time (2,048-/2,112-bytes)
18
35
ms
t
SE
Sector Erase Time (32,768-/33,792-bytes)
0.4
0.7
s
t
CE
Chip Erase Time
1.2
3
s
t
RST
RESET Pulse Width
10
µs
t
REC
RESET Recovery Time
1µs


Similar Part No. - AT45DB011D_12

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT45DB011D-MH-SL954 ATMEL-AT45DB011D-MH-SL954 Datasheet
1Mb / 52P
1-megabit 2.7-volt Minimum DataFlash
AT45DB011D-MH-SL954 ATMEL-AT45DB011D-MH-SL954 Datasheet
1Mb / 52P
1-megabit 2.7-volt Minimum DataFlash
logo
List of Unclassifed Man...
AT45DB011D-MH-SL954 ETC2-AT45DB011D-MH-SL954 Datasheet
2Mb / 52P
1-megabit 2.7-volt Minimum DataFlash
logo
ATMEL Corporation
AT45DB011D-MH-SL955 ATMEL-AT45DB011D-MH-SL955 Datasheet
1Mb / 52P
1-megabit 2.7-volt Minimum DataFlash
AT45DB011D-MH-SL955 ATMEL-AT45DB011D-MH-SL955 Datasheet
1Mb / 52P
1-megabit 2.7-volt Minimum DataFlash
More results

Similar Description - AT45DB011D_12

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT45DB011 ATMEL-AT45DB011 Datasheet
150Kb / 19P
1-Megabit 2.7-volt Only Serial DataFlash
AT45DB321C ATMEL-AT45DB321C Datasheet
610Kb / 37P
32 MEGABIT 2.7 VOLT DATAFLASH
AT45DB011 ATMEL-AT45DB011_01 Datasheet
253Kb / 20P
1-megabit 2.7-volt Only Serial DataFlash
AT45DB011B ATMEL-AT45DB011B_06 Datasheet
408Kb / 32P
1-megabit 2.7-volt Only DataFlash
AT45DB011D ATMEL-AT45DB011D_07 Datasheet
1Mb / 52P
1-megabit 2.7-volt DataFlash
AT45DB011D ATMEL-AT45DB011D_08 Datasheet
1Mb / 52P
1-megabit 2.7-volt Minimum DataFlash
AT45DB021D ATMEL-AT45DB021D_08 Datasheet
1Mb / 52P
2-megabit 2.7-volt Minimum DataFlash
AT45DB021D ATMEL-AT45DB021D_09 Datasheet
1Mb / 54P
2-megabit 2.7-volt Minimum DataFlash
AT45DB011D ATMEL-AT45DB011D_09 Datasheet
1Mb / 52P
1-megabit 2.7-volt Minimum DataFlash
logo
List of Unclassifed Man...
AT45DB011D ETC2-AT45DB011D Datasheet
2Mb / 52P
1-megabit 2.7-volt Minimum DataFlash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com