Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT45DB011D Datasheet(PDF) 32 Page - List of Unclassifed Manufacturers

Part # AT45DB011D
Description  1-megabit 2.7-volt Minimum DataFlash
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT45DB011D Datasheet(HTML) 32 Page - List of Unclassifed Manufacturers

Back Button AT45DB011D_12 Datasheet HTML 28Page - List of Unclassifed Manufacturers AT45DB011D_12 Datasheet HTML 29Page - List of Unclassifed Manufacturers AT45DB011D_12 Datasheet HTML 30Page - List of Unclassifed Manufacturers AT45DB011D_12 Datasheet HTML 31Page - List of Unclassifed Manufacturers AT45DB011D_12 Datasheet HTML 32Page - List of Unclassifed Manufacturers AT45DB011D_12 Datasheet HTML 33Page - List of Unclassifed Manufacturers AT45DB011D_12 Datasheet HTML 34Page - List of Unclassifed Manufacturers AT45DB011D_12 Datasheet HTML 35Page - List of Unclassifed Manufacturers AT45DB011D_12 Datasheet HTML 36Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 51 page
background image
32
3639J–DFLASH–11/2012
AT45DB011D
18. Electrical Specifications
Notes:
1. I
CC1 during a buffer read is 20mA maximum @ 20MHz
2. All inputs (SI, SCK, CS, WP, and RESET) are guaranteed by design to be 5-Volt tolerant
Table 18-1.
Absolute Maximum Ratings*
Temperature under Bias ................................. -55
C to +125C
*NOTICE:
Stresses beyond those listed under “Absolute
Maximum Ratings” may cause permanent dam-
age to the device. The "Absolute Maximum Rat-
ings" are stress ratings only and functional
operation of the device at these or any other con-
ditions beyond those indicated in the operational
sections of this specification is not implied. Expo-
sure to absolute maximum rating conditions for
extended periods may affect device reliability.
Voltage Extremes referenced in the "Absolute
Maximum Ratings" are intended to accommo-
date short duration undershoot/overshoot condi-
tions and does not imply or guarantee functional
device operation at these levels for any extended
period of time
Storage Temperature...................................... -65
C to +150C
All Input Voltages (except V
CC but including NC Pins)
with Respect to Ground ...................................-0.6V to +6.25V
All Output Voltages
with Respect to Ground .............................-0.6V to V
CC + 0.6V
Table 18-2.
DC and AC Operating Range
AT45DB011D
Operating Temperature (Case)
Ind.
-40
Cto85C
V
CC Power Supply
2.7V to 3.6V
Table 18-3.
DC Characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Units
I
DP
Deep Power-down Current
CS, RESET, WP = V
IH,all
inputs at CMOS levels
15
25
µA
I
SB
Standby Current
CS, RESET, WP = V
IH,all
inputs at CMOS levels
25
50
µA
I
CC1
(1)
Active Current, Read Operation
f = 20MHz; I
OUT = 0mA;
V
CC = 3.6V
710
mA
f = 33MHz; I
OUT = 0mA;
V
CC = 3.6V
812
mA
f = 50MHz; I
OUT = 0mA;
V
CC = 3.6V
10
14
mA
f = 66MHz; I
OUT = 0mA;
V
CC = 3.6V
15
25
mA
I
CC2
Active Current, Program/Erase
Operation
V
CC = 3.6V
12
20
mA
I
LI
Input Load Current
V
IN = CMOS levels
1
µA
I
LO
Output Leakage Current
V
I/O = CMOS levels
1
µA
V
IL
Input Low Voltage
V
CC x 0.3
V
V
IH
Input High Voltage
V
CC x 0.7
V
V
OL
Output Low Voltage
I
OL = 1.6mA; VCC = 2.7V
0.4
V
V
OH
Output High Voltage
I
OH = -100µA
V
CC -0.2V
V


Similar Part No. - AT45DB011D_12

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT45DB011D-MH-SL954 ATMEL-AT45DB011D-MH-SL954 Datasheet
1Mb / 52P
   1-megabit 2.7-volt Minimum DataFlash
AT45DB011D-MH-SL954 ATMEL-AT45DB011D-MH-SL954 Datasheet
1Mb / 52P
   1-megabit 2.7-volt Minimum DataFlash
logo
List of Unclassifed Man...
AT45DB011D-MH-SL954 ETC2-AT45DB011D-MH-SL954 Datasheet
2Mb / 52P
   1-megabit 2.7-volt Minimum DataFlash
logo
ATMEL Corporation
AT45DB011D-MH-SL955 ATMEL-AT45DB011D-MH-SL955 Datasheet
1Mb / 52P
   1-megabit 2.7-volt Minimum DataFlash
AT45DB011D-MH-SL955 ATMEL-AT45DB011D-MH-SL955 Datasheet
1Mb / 52P
   1-megabit 2.7-volt Minimum DataFlash
More results

Similar Description - AT45DB011D_12

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT45DB011D ATMEL-AT45DB011D_08 Datasheet
1Mb / 52P
   1-megabit 2.7-volt Minimum DataFlash
AT45DB011D ATMEL-AT45DB011D_09 Datasheet
1Mb / 52P
   1-megabit 2.7-volt Minimum DataFlash
logo
List of Unclassifed Man...
AT45DB011D ETC2-AT45DB011D Datasheet
2Mb / 52P
   1-megabit 2.7-volt Minimum DataFlash
logo
ATMEL Corporation
AT45DB021D ATMEL-AT45DB021D_09 Datasheet
1Mb / 54P
   2-megabit 2.7-volt Minimum DataFlash
AT45DB021D ATMEL-AT45DB021D_08 Datasheet
1Mb / 52P
   2-megabit 2.7-volt Minimum DataFlash
AT45DB011D ATMEL-AT45DB011D_07 Datasheet
1Mb / 52P
   1-megabit 2.7-volt DataFlash
AT45DB011B ATMEL-AT45DB011B_06 Datasheet
408Kb / 32P
   1-megabit 2.7-volt Only DataFlash
AT45DB321C ATMEL-AT45DB321C Datasheet
610Kb / 37P
   32 MEGABIT 2.7 VOLT DATAFLASH
AT45DB011 ATMEL-AT45DB011 Datasheet
150Kb / 19P
   1-Megabit 2.7-volt Only Serial DataFlash
AT45DB011 ATMEL-AT45DB011_01 Datasheet
253Kb / 20P
   1-megabit 2.7-volt Only Serial DataFlash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com