Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT45DB011D Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AT45DB011D
Description  1-megabit 2.7-volt Minimum DataFlash
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT45DB011D Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AT45DB011D_12 Datasheet HTML 1Page - List of Unclassifed Manufacturers AT45DB011D_12 Datasheet HTML 2Page - List of Unclassifed Manufacturers AT45DB011D_12 Datasheet HTML 3Page - List of Unclassifed Manufacturers AT45DB011D_12 Datasheet HTML 4Page - List of Unclassifed Manufacturers AT45DB011D_12 Datasheet HTML 5Page - List of Unclassifed Manufacturers AT45DB011D_12 Datasheet HTML 6Page - List of Unclassifed Manufacturers AT45DB011D_12 Datasheet HTML 7Page - List of Unclassifed Manufacturers AT45DB011D_12 Datasheet HTML 8Page - List of Unclassifed Manufacturers AT45DB011D_12 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 51 page
background image
Features
Single 2.7V to 3.6V Supply
RapidSSerial Interface: 66MHz Maximum Clock Frequency
– SPI Compatible Modes 0 and 3
User Configurable Page Size
– 256-Bytes per Page
– 264-Bytes per Page
– Page Size Can Be Factory Pre-configured for 256-Bytes
Page Program Operation
– Intelligent Programming Operation
– 512-Pages (256-/264-Bytes/Page) Main Memory
Flexible Erase Options
– Page Erase (256-Bytes)
– Block Erase (2-Kbytes)
– Sector Erase (32-Kbytes)
– Chip Erase (1Mbits)
One SRAM Data Buffer (256-/264-Bytes)
Continuous Read Capability through Entire Array
– Ideal for Code Shadowing Applications
Low-power Dissipation
– 7mA Active Read Current Typical
– 25µA Standby Current Typical
– 15µA Deep Power-down Typical
Hardware and Software Data Protection Features
– Individual Sector
Sector Lockdown for Secure Code and Data Storage
– Individual Sector
Security: 128-byte Security Register
– 64-byte User Programmable Space
– Unique 64-byte Device Identifier
JEDEC Standard Manufacturer and Device ID Read
100,000 Program/Erase Cycles Per Page Minimum
Data Retention – 20 Years
Industrial Temperature Range
Green (Pb/Halide-free/RoHS Compliant) Packaging Options
1.
Description
The Adesto® AT45DB011D is a 2.7V, serial-interface Flash memory ideally suited for
a wide variety of digital voice-, image-, program code- and data-storage applications.
The AT45DB011D supports RapidS serial interface for applications requiring very
high speed operations. RapidS serial interface is SPI compatible for frequencies up to
66MHz. Its 1,081,344-bits of memory are organized as 512 pages of 256-bytes or
264-bytes each. In addition to the main memory, the AT45DB011D also contains one
SRAM buffer of 256-/264-bytes. EEPROM emulation (bit or byte alterability) is easily
handled with a self-contained three step read-modify-write operation. Unlike conven-
tional Flash memories that are accessed randomly with multiple address lines and a
parallel interface, the Adesto DataFlash® uses a RapidS serial interface to sequen-
tially access its data. The simple sequential access dramatically reduces active pin
count, facilitates hardware layout, increases system reliability, minimizes switching
noise, and reduces package size.
1-megabit
2.7-volt
Minimum
DataFlash®
AT45DB011D
3639J–DFLASH–11/2012


Similar Part No. - AT45DB011D_12

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT45DB011D-MH-SL954 ATMEL-AT45DB011D-MH-SL954 Datasheet
1Mb / 52P
   1-megabit 2.7-volt Minimum DataFlash
AT45DB011D-MH-SL954 ATMEL-AT45DB011D-MH-SL954 Datasheet
1Mb / 52P
   1-megabit 2.7-volt Minimum DataFlash
logo
List of Unclassifed Man...
AT45DB011D-MH-SL954 ETC2-AT45DB011D-MH-SL954 Datasheet
2Mb / 52P
   1-megabit 2.7-volt Minimum DataFlash
logo
ATMEL Corporation
AT45DB011D-MH-SL955 ATMEL-AT45DB011D-MH-SL955 Datasheet
1Mb / 52P
   1-megabit 2.7-volt Minimum DataFlash
AT45DB011D-MH-SL955 ATMEL-AT45DB011D-MH-SL955 Datasheet
1Mb / 52P
   1-megabit 2.7-volt Minimum DataFlash
More results

Similar Description - AT45DB011D_12

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT45DB011D ATMEL-AT45DB011D_08 Datasheet
1Mb / 52P
   1-megabit 2.7-volt Minimum DataFlash
AT45DB011D ATMEL-AT45DB011D_09 Datasheet
1Mb / 52P
   1-megabit 2.7-volt Minimum DataFlash
logo
List of Unclassifed Man...
AT45DB011D ETC2-AT45DB011D Datasheet
2Mb / 52P
   1-megabit 2.7-volt Minimum DataFlash
logo
ATMEL Corporation
AT45DB021D ATMEL-AT45DB021D_09 Datasheet
1Mb / 54P
   2-megabit 2.7-volt Minimum DataFlash
AT45DB021D ATMEL-AT45DB021D_08 Datasheet
1Mb / 52P
   2-megabit 2.7-volt Minimum DataFlash
AT45DB011D ATMEL-AT45DB011D_07 Datasheet
1Mb / 52P
   1-megabit 2.7-volt DataFlash
AT45DB011B ATMEL-AT45DB011B_06 Datasheet
408Kb / 32P
   1-megabit 2.7-volt Only DataFlash
AT45DB321C ATMEL-AT45DB321C Datasheet
610Kb / 37P
   32 MEGABIT 2.7 VOLT DATAFLASH
AT45DB011 ATMEL-AT45DB011 Datasheet
150Kb / 19P
   1-Megabit 2.7-volt Only Serial DataFlash
AT45DB011 ATMEL-AT45DB011_01 Datasheet
253Kb / 20P
   1-megabit 2.7-volt Only Serial DataFlash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com