Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MOV-40D Datasheet(PDF) 5 Page - Ruilongyuan Electronics Co.,Ltd

Part # MOV-40D
Description  Metal Oxide Varistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUILON [Ruilongyuan Electronics Co.,Ltd]
Direct Link  http://www.rulion.com
Logo RUILON - Ruilongyuan Electronics Co.,Ltd

MOV-40D Datasheet(HTML) 5 Page - Ruilongyuan Electronics Co.,Ltd

  MOV-40D Datasheet HTML 1Page - Ruilongyuan Electronics Co.,Ltd MOV-40D Datasheet HTML 2Page - Ruilongyuan Electronics Co.,Ltd MOV-40D Datasheet HTML 3Page - Ruilongyuan Electronics Co.,Ltd MOV-40D Datasheet HTML 4Page - Ruilongyuan Electronics Co.,Ltd MOV-40D Datasheet HTML 5Page - Ruilongyuan Electronics Co.,Ltd MOV-40D Datasheet HTML 6Page - Ruilongyuan Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Metal Oxide Varistors - 40D Series
Circuit Protection
System
Page:4
Specifications are subject to change without notice.
Please refer to http://www.ruilon.com for current information.
Package Dimensions
· Storage Conditions:
1. Storage Temperature: -10°C~+40°C
2. Relative Humidity:≤75%RH
3. Keep away from corrosive atmosphere and sunlight.
· Period of Storage: 1 year
Warehouse Storage Conditions of Products
TABLE 2
Model
T(max.)
Model
T(max.)
201K
6.2
911K
10.4
221K
6.3
951K
10.6
241K
6.4
102K
11.2
271K
6.6
112K
11.8
301K
6.8
122K
12.3
331K
6.9
142K
13.3
361K
7.1
162K
14.3
TABLE 1
Symbol
Dimensions
H(max.)
60.2
H1(max.)
16.5
D(max.)
45
D1(+1.0)
25.4
T(max.)
TABLE 2
d(+0.1)
0.5
d1(+0.3)
3.4
K(max.)
3.18
W(+0.5)
7.0
Φ(M+0.2)
3.8
Unit:mm
D1
H1
W
d1
K
D1
H1
W
d1
K


Similar Part No. - MOV-40D

ManufacturerPart #DatasheetDescription
logo
RFE international
MOV-431KD25H RFE-MOV-431KD25H Datasheet
91Kb / 1P
METAL OXIDE VARISTOR Housing Type 20KA
MOV-431KD32H RFE-MOV-431KD32H Datasheet
92Kb / 1P
METAL OXIDE VARISTOR Housing Type 30KA
MOV-431KD53H RFE-MOV-431KD53H Datasheet
99Kb / 1P
METAL OXIDE VARISTOR Housing Type 70KA
MOV-431KS34H RFE-MOV-431KS34H Datasheet
95Kb / 1P
METAL OXIDE VARISTOR Housing Type 40KA
MOV-471KD25H RFE-MOV-471KD25H Datasheet
91Kb / 1P
METAL OXIDE VARISTOR Housing Type 20KA
More results

Similar Description - MOV-40D

ManufacturerPart #DatasheetDescription
logo
Ceramate Technical
GNR05D180K CERAMATE-GNR05D180K Datasheet
168Kb / 3P
METAL OXIDE VARISTORS
logo
EPCOS
CT0402L14UG EPCOS-CT0402L14UG Datasheet
97Kb / 6P
Metal Oxide Varistors
logo
MDE Semiconductor, Inc.
MDE-7D180M MDE-MDE-7D180M Datasheet
90Kb / 1P
Metal Oxide Varistors
MDE-25D201K MDE-MDE-25D201K Datasheet
94Kb / 1P
Metal Oxide Varistors
logo
Ruilongyuan Electronics...
MOV-25D RUILON-MOV-25D Datasheet
733Kb / 7P
Metal Oxide Varistors
logo
MDE Semiconductor, Inc.
MDE-34S201KBD MDE-MDE-34S201KBD Datasheet
105Kb / 1P
Metal Oxide Varistors
logo
SUNMATE electronic Co.,...
40D SUNMATE-40D Datasheet
849Kb / 4P
METAL OXIDE VARISTORS
SM2220A SUNMATE-SM2220A Datasheet
1Mb / 4P
METAL OXIDE VARISTORS
logo
Shanghai Yint Electroni...
7DSERIES YINT-7DSERIES Datasheet
670Kb / 4P
Metal Oxide Varistors
logo
Shanghai Leiditech Elec...
20D180 LEIDITECH-20D180 Datasheet
871Kb / 4P
Metal Oxide Varistors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com