Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS43L43-KZ Datasheet(PDF) 30 Page - Cirrus Logic

Part # CS43L43-KZ
Description  Low Voltage,Stereo DAC With Headphone Amp
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L43-KZ Datasheet(HTML) 30 Page - Cirrus Logic

Back Button CS43L43-KZ Datasheet HTML 26Page - Cirrus Logic CS43L43-KZ Datasheet HTML 27Page - Cirrus Logic CS43L43-KZ Datasheet HTML 28Page - Cirrus Logic CS43L43-KZ Datasheet HTML 29Page - Cirrus Logic CS43L43-KZ Datasheet HTML 30Page - Cirrus Logic CS43L43-KZ Datasheet HTML 31Page - Cirrus Logic CS43L43-KZ Datasheet HTML 32Page - Cirrus Logic CS43L43-KZ Datasheet HTML 33Page - Cirrus Logic CS43L43-KZ Datasheet HTML 34Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 36 page
background image
CS43L43
30
DS479PP3
SWITCHING SPECIFICATIONS - SERIAL AUDIO INTERFACE (Inputs: Logic “0” =
GND, Logic “1” = VL.)
Notes: 5. This serial clock is required only in Control Port Mode when the MCLK Divide bit is enabled.
Parameters
Symbol
Min
Max
Units
External SCLK Mode
MCLK Frequency
1.024
51.2
MHz
MCLK Duty Cycle
45
55
%
Input Sample Rate
Single-Speed Mode
Double-Speed Mode
Fs
Fs
2
50
50
100
kHz
kHz
LRCK Duty Cycle
40
60
%
SCLK Pulse Width Low
tsclkl
20
-
ns
SCLK Pulse Width High
tsclkh
20
-
ns
SCLK Period
tsclkw
-s
SCLK Frequency
-
Hz
SCLK Frequency
(Note 10)
-
Hz
SCLK rising to LRCK edge delay
tslrd
20
-
ns
SCLK rising to LRCK edge setup time
tslrs
20
-
ns
SDATA valid to SCLK rising setup time
tsdlrs
20
-
ns
SCLK rising to SDATA hold time
tsdh
20
-
ns
2
MCLK
------------------
MCLK
2
------------------
MCLK
4
------------------
sclkh
t
slrs
t
slrd
t
sdlrs
t
sd h
t
sclkl
t
SD AT A
SC LK
LR C K
Figure 19. External Se-
rial Mode Input Timing


Similar Part No. - CS43L43-KZ

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS43L41 CIRRUS-CS43L41 Datasheet
622Kb / 36P
   Low Power 24-Bit, 96 kHz DAC with Volume Control?
CS43L41-KZ CIRRUS-CS43L41-KZ Datasheet
622Kb / 36P
   Low Power 24-Bit, 96 kHz DAC with Volume Control?
CS43L42 CIRRUS-CS43L42 Datasheet
1Mb / 40P
   Low Voltage,Stereo DAC With Headphone Amp
CS43L42-KZ CIRRUS-CS43L42-KZ Datasheet
1Mb / 40P
   Low Voltage,Stereo DAC With Headphone Amp
CS43L42-KZZ CIRRUS-CS43L42-KZZ Datasheet
1Mb / 40P
   Low Voltage,Stereo DAC With Headphone Amp
More results

Similar Description - CS43L43-KZ

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS43L42 CIRRUS-CS43L42 Datasheet
1Mb / 40P
   Low Voltage,Stereo DAC With Headphone Amp
CS42L50 CIRRUS-CS42L50 Datasheet
1Mb / 48P
   Low Voltage, Stereo CODEC with headphone Amp
logo
Suzhou Everest Semicond...
ES8155 EVEREST-ES8155 Datasheet
478Kb / 33P
   Low Power Stereo Audio DAC With Headphone Amplifier
logo
Realtek Semiconductor C...
ALC5628 REALTEK-ALC5628 Datasheet
802Kb / 45P
   I2S/PCM STEREO DAC WITH HEADPHONE
logo
Cirrus Logic
CS42L51 CIRRUS-CS42L51 Datasheet
1Mb / 83P
   Low Power, Stereo CODEC with Headphone Amp
CS42L51 CIRRUS-CS42L51_07 Datasheet
1Mb / 88P
   Low Power, Stereo CODEC with Headphone Amp
logo
Freescale Semiconductor...
SGTL5000XNAA3R2 FREESCALE-SGTL5000XNAA3R2 Datasheet
1Mb / 68P
   Low Power Stereo Codec with Headphone Amp
SGTL5000 FREESCALE-SGTL5000_13 Datasheet
1Mb / 68P
   Low Power Stereo Codec with Headphone Amp
SGTL5000XNAA3 FREESCALE-SGTL5000XNAA3 Datasheet
1Mb / 84P
   Low Power Stereo Codec with Headphone Amp
logo
NXP Semiconductors
SGTL5000 NXP-SGTL5000 Datasheet
3Mb / 68P
   Low Power Stereo Codec with Headphone Amp
Rev. 6.0, 11/2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com