Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCC-102N Datasheet(PDF) 5 Page - Socay Electornics Co., Ltd.

Part # SCC-102N
Description  Spark Gap Protectors (SPG)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

SCC-102N Datasheet(HTML) 5 Page - Socay Electornics Co., Ltd.

  SCC-102N Datasheet HTML 1Page - Socay Electornics Co., Ltd. SCC-102N Datasheet HTML 2Page - Socay Electornics Co., Ltd. SCC-102N Datasheet HTML 3Page - Socay Electornics Co., Ltd. SCC-102N Datasheet HTML 4Page - Socay Electornics Co., Ltd. SCC-102N Datasheet HTML 5Page - Socay Electornics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Spark Gap Protectors (SPG)
Revision September 25, 2013
5 / 5
@ SOCAY Electronics Co., Ltd. 2013
Specifications are subject to change without notice.
Please refer to www.socay.com for current information.
SCC Series
SOCAY Electronics Co., Ltd.
www.socay.com
Symbol
Dimension (mm)
W
52+2.0/-1.0
P
5.0
±0.5
T
6.0
±1.0
Z
1.2 Max
L1-L2
1.0 Max
S
0.8 Max
t
3.2 Max
L
6.7
±1.0
D1
Φ0.5±0.05
D
Φ2.6±0.5
Tape
R
1.0 Max
Item
Description
Length
A=255 mm
Width
B=75 mm
Height
C=68 mm
Quantity
2000 PCS
Inner Box
Package
There are upper and bottom
board to protect the parts
from damage.
Packaging


Similar Part No. - SCC-102N

ManufacturerPart #DatasheetDescription
logo
Aims Power
SCC-100AMPPT AIMSPOWER-SCC-100AMPPT Datasheet
1Mb / 23P
Solar Charge Controller
SCC-100AMPPT AIMSPOWER-SCC-100AMPPT Datasheet
2Mb / 22P
Solar Charge Controller
More results

Similar Description - SCC-102N

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
WPSPG-20L200 WPI-WPSPG-20L200 Datasheet
1,005Kb / 31P
WP SPG - SPARK GAP PROTECTORS
logo
Socay Electornics Co., ...
SCD-181M SOCAY-SCD-181M Datasheet
105Kb / 5P
Spark Gap Protectors (SPG)
SCB-141N-SMD SOCAY-SCB-141N-SMD Datasheet
124Kb / 5P
Spark Gap Protectors (SPG)
SCB-102N SOCAY-SCB-102N Datasheet
107Kb / 5P
Spark Gap Protectors (SPG)
logo
UN Semiconducctor INC
UNA-SMD UNSEMI-UNA-SMD Datasheet
2Mb / 5P
Spark Gap Protectors (SPG)
Revision March 1,2022
UNA UNSEMI-UNA Datasheet
2Mb / 6P
Spark Gap Protectors (SPG)
Revision March 1,2022
UNB-SMD UNSEMI-UNB-SMD Datasheet
2Mb / 5P
Spark Gap Protectors (SPG)
Revision March 1,2022
UNB UNSEMI-UNB Datasheet
2Mb / 6P
Spark Gap Protectors (SPG)
Revision March 1,2022
UNC-SMD UNSEMI-UNC-SMD Datasheet
2Mb / 5P
Spark Gap Protectors (SPG)
Revision March 1,2022
UNC UNSEMI-UNC Datasheet
2Mb / 6P
Spark Gap Protectors (SPG)
Revision March 1,2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com