Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCC-102N Datasheet(PDF) 3 Page - Socay Electornics Co., Ltd.

Part # SCC-102N
Description  Spark Gap Protectors (SPG)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

SCC-102N Datasheet(HTML) 3 Page - Socay Electornics Co., Ltd.

  SCC-102N Datasheet HTML 1Page - Socay Electornics Co., Ltd. SCC-102N Datasheet HTML 2Page - Socay Electornics Co., Ltd. SCC-102N Datasheet HTML 3Page - Socay Electornics Co., Ltd. SCC-102N Datasheet HTML 4Page - Socay Electornics Co., Ltd. SCC-102N Datasheet HTML 5Page - Socay Electornics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Spark Gap Protectors (SPG)
Revision September 25, 2013
3 / 5
@ SOCAY Electronics Co., Ltd. 2013
Specifications are subject to change without notice.
Please refer to www.socay.com for current information.
SCC Series
SOCAY Electronics Co., Ltd.
www.socay.com
Items
Test Method
Standard
DC Spark-over Voltage
Measure starting discharge voltage (Vs) by gradually
increasing applied DC voltage. Test current is 0.5mA
max. And the DC voltage ascends up within
100V/s(Vs<1000V) or 500V/s(Vs
≥1000V).
Insulation Resistance
Measure the insulation resistance across the terminal
at regular voltage. But the test voltage doesn
’t over
the DC spark-over voltage.
Capacitance
Measure the electrostatic capacitance by applying a
voltage of less than 6V (at 1KHz) between terminals.
Rate-of-change, within
±30%
insulation resistance & capacitance,
conformed to rated spec.
Static Life
10KV with 1500pf condenser is discharged through
2K
Ω resistor. 200 times at an interval of 10sec.
Vs/Vs
≤30%
△∣
Characteristics of other items must meet
the specified value
Surge Current
Capacity
The following impulse current for specified current
applied
±5 times, each time interval 60 seconds.
Thereafter,
outer
appearance
shall
be
visually
examined.
Type
Impulse current
Vs < 400V
1.2/50
μs & 8/20μs, 500A
Vs
≥ 400V
1.2/50
μs & 8/20μs, 500A,
electrically connected with a
resistor (1~2
Ω).
No crack and no failures
Cold Resistance
Measurement after -40 ℃ /1000 HRS & normal
temperature/2 HRS.
Heat Resistance
Measurement after 125 ℃ /1000 HRS & normal
temperature/2 HRS.
Humidity Resistance
Measurement after humidity 90~95℃(45℃ ) /1000
HRS & normal temperature/2 HRS.
Temperature Cycle
10 times repetition of cycle -40℃ /30min
→normal,
temp/2
min
→125 /30min, measurement after
normal temp/2 HRS.
Features are conformed to rated spec
Solder Ability
Apply flux and immerse in molten solder
230
±5℃
for 3sec up to the point of 1.5mm from
body. Check
for solder adhesion.
Lead wire is evenly covered by solder
Solder Heat
Measurement after lead wire is dipped up to the point
of 1.5mm from body into 260
±5℃
solder for 10sec
Conformed to rated spec
Pull Strength
Apply 0.5kg load for 10sec
Flexural Strength
Bend lead wire at the point of 2mm from body under
0.25 load and back to its original point. Repeat 1 time.
Lead shall not pull out to snap
Test Methods and Results


Similar Part No. - SCC-102N

ManufacturerPart #DatasheetDescription
logo
Aims Power
SCC-100AMPPT AIMSPOWER-SCC-100AMPPT Datasheet
1Mb / 23P
Solar Charge Controller
SCC-100AMPPT AIMSPOWER-SCC-100AMPPT Datasheet
2Mb / 22P
Solar Charge Controller
More results

Similar Description - SCC-102N

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
WPSPG-20L200 WPI-WPSPG-20L200 Datasheet
1,005Kb / 31P
WP SPG - SPARK GAP PROTECTORS
logo
Socay Electornics Co., ...
SCD-181M SOCAY-SCD-181M Datasheet
105Kb / 5P
Spark Gap Protectors (SPG)
SCB-141N-SMD SOCAY-SCB-141N-SMD Datasheet
124Kb / 5P
Spark Gap Protectors (SPG)
SCB-102N SOCAY-SCB-102N Datasheet
107Kb / 5P
Spark Gap Protectors (SPG)
logo
UN Semiconducctor INC
UNA-SMD UNSEMI-UNA-SMD Datasheet
2Mb / 5P
Spark Gap Protectors (SPG)
Revision March 1,2022
UNA UNSEMI-UNA Datasheet
2Mb / 6P
Spark Gap Protectors (SPG)
Revision March 1,2022
UNB-SMD UNSEMI-UNB-SMD Datasheet
2Mb / 5P
Spark Gap Protectors (SPG)
Revision March 1,2022
UNB UNSEMI-UNB Datasheet
2Mb / 6P
Spark Gap Protectors (SPG)
Revision March 1,2022
UNC-SMD UNSEMI-UNC-SMD Datasheet
2Mb / 5P
Spark Gap Protectors (SPG)
Revision March 1,2022
UNC UNSEMI-UNC Datasheet
2Mb / 6P
Spark Gap Protectors (SPG)
Revision March 1,2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com