Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDMR1902SSM Datasheet(PDF) 1 Page - Samtec, Inc

Part # HDMR1902SSM
Description  HIGH SPEED I/O RECEPTACLES
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMTEC [Samtec, Inc]
Direct Link  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc

HDMR1902SSM Datasheet(HTML) 1 Page - Samtec, Inc

  HDMR1902SSM Datasheet HTML 1Page - Samtec, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
HDMR SERIES
HDMR–19–01–S–SM–PF
HDMR–19–02–S–SM
HDMR–29–01–S–SM
Surface Mount
or Through-hole
Signal Leads
19 or 29
Positions
Hot
Pluggable
Meets Digital Display
Working Group Single
Monitor Interface
Specifications
Optional Panel Flange
(19 position only)
Through-hole
or Surface Mount
(19 only)
Ground tails
Selectively
Plated
WWW.SAMTEC.COM
For complete specifications and
recommended PCB layouts
see www.samtec.com?HDMR
Insulator Material:
High Temperature
Thermoplastic
Contact Material:
Copper Alloy
Shell Material:
Steel
Operating Temp Range:
-25°C to +85°C
Plating:
Gold on Contacts, Nickel on
Shell and Tin on Tails
Current Rating:
1.3 A per pin
(6 adjacent pins powered)
Voltage Rating:
40 VAC
Contact Resistance:
30 m
Ω
Minimum Cycles:
100
Lead-Free Solderable:
Yes
RoHS Compliant:
Yes
Mates with:
HPDPI
Note: Some lengths, styles
and options are non-standard,
non-returnable.
SPECIFICATIONS
HIGH SPEED I/O RECEPTACLES
(7,20)
.283
(6,18)
.243
(4,55)
.179
A
(4,55)
.179
(1,20)
.047
(2,00)
.079
(2,20)
.087
(6,18)
.243
(5,96)
.235
(4,60) .181
(9,98)
.393
(5,96)
.235
(16,05)
.632
(0,50)
.020
(4,60)
.181
(17,20)
.677
(8,00)
.315
(1,20)
.047
01
02
(1,60)
.062
(0,76)
.030
(2,80)
.110
(7,50)
.295
(0,50)
.020
(9,00)
.354
(0,35)
.014
HDMR
NO. OF
POSITIONS
PLATING
–19
= 19 Positions / Mates with
HPXXX 5 Pairs
–29
= 29 Positions / Mates with
HPXXX 8 Pairs
OPTIONS
TAIL
OPTION
–S
= 30µ" (0,76 µm)
Gold on Mating Area,
Tin on Tails
(Leave Blank for
no Panel Flange)
–PF
= Panel Flange
–L
= Locking Option
(Only available on
HDMR–19–01–X–
TH–PF–L)
LEAD
STYLE
–01
= Through-hole
Ground Tails
–02
= Surface
Mount
Ground Tails
(-19 only)
–19–01–PF
–19–02–PF
–01
–19–01–PF–L
–02
–SM
= Surface Mount
(Signal Leads)
–TH
= Through-hole
(Only available on
HDMR–19–01–X–
TH–PF–L)
NO. OF
POSITIONS
A
(15,00)
.591
(22,30)
.878
–19
–29
HDMP is an Edge Mount
plug that mates to
HDMR receptacles.
Call Samtec for HDMP
Series specifications.
OTHER
SOLUTIONS
• Panel flange option
• Locking option
F-214 SUPPLEMENT


Similar Part No. - HDMR1902SSM

ManufacturerPart #DatasheetDescription
logo
Zoran Corporation
HDMR1 ZORAN-HDMR1 Datasheet
296Kb / 2P
HDMI Receiver IP Core
More results

Similar Description - HDMR1902SSM

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
HDMR-29-01-S-SM-TR SAMTEC-HDMR-29-01-S-SM-TR Datasheet
334Kb / 1P
HIGH SPEED I/O RECEPTACLES
logo
MolexKits
76650-0006 MOLEXKITS-76650-0006 Datasheet
38Kb / 2P
SMT High Speed I/O
logo
Samtec, Inc
ERC-019-01-02 SAMTEC-ERC-019-01-02 Datasheet
639Kb / 1P
HIGH SPEED I/O SYSTEM
logo
List of Unclassifed Man...
USB-DIO32HS ETC-USB-DIO32HS Datasheet
847Kb / 4P
High-Speed Digital I/O
April 2018. Rev 5
logo
Texas Instruments
THS4150 TI-THS4150 Datasheet
563Kb / 27P
HIGH-SPEED DIFFERENTIAL I/O AMPLIFIERS
THS4150CDGN TI-THS4150CDGN Datasheet
1,010Kb / 34P
HIGH-SPEED DIFFERENTIAL I/O AMPLIFIERS
logo
National Semiconductor ...
THS4151 NSC-THS4151 Datasheet
1Mb / 35P
HIGH-SPEED DIFFERENTIAL I/O AMPLIFIERS
logo
Texas Instruments
THS4141CDGNR TI-THS4141CDGNR Datasheet
1Mb / 33P
HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
logo
National Semiconductor ...
THS4140 NSC-THS4140 Datasheet
1Mb / 33P
HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
logo
Texas Instruments
THS4121CD TI-THS4121CD Datasheet
1Mb / 30P
HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com