Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC3842B Datasheet(PDF) 14 Page - Motorola, Inc

Part # UC3842B
Description  HIGH PERFORMANCE CURRENT MODE CONTROLLERS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

UC3842B Datasheet(HTML) 14 Page - Motorola, Inc

Back Button UC3842B Datasheet HTML 8Page - Motorola, Inc UC3842B Datasheet HTML 9Page - Motorola, Inc UC3842B Datasheet HTML 10Page - Motorola, Inc UC3842B Datasheet HTML 11Page - Motorola, Inc UC3842B Datasheet HTML 12Page - Motorola, Inc UC3842B Datasheet HTML 13Page - Motorola, Inc UC3842B Datasheet HTML 14Page - Motorola, Inc UC3842B Datasheet HTML 15Page - Motorola, Inc UC3842B Datasheet HTML 16Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
+
+
5.0V Ref
36V
S
R
Q
Bias
+
1.0mA
Osc
R
R
R
2R
EA
1.0V
7(12)
7(11)
6(10)
5(8)
3(5)
RS
VCC
Vin
1(1)
2(3)
4(7)
8(14)
RT
CT
The buffered oscillator ramp can be resistively summed with either the voltage
feedback or current sense inputs to provide slope compensation.
Figure 32. Slope Compensation
m
– 3.0m
–m
Rf
Cf
Ri
Rd
From VO
RSlope
MPS3904
Figure 33. 27 W Off–Line Flyback Regulator
5(9)
Comp/Latch
MUR110
+
+
S
R
+
R
R
5.0V Ref
Q
Bias
EA
5(9)
7(11)
6(10)
5(8)
3(5)
0.5
MTP
4N50
1(1)
2(3)
4(7)
8(14)
10k
4700pF
470pF
150k
100
pF
18k
4.7k
0.01
100
+
1.0k
115 Vac
4.7
MDA
202
250
56k
4.7k
3300
pF
1N4935
1N4935
++
68
47
1N4937
1N4937
680pF
2.7k
L3
L2
L1
++
++
++
1000
1000
2200
10
10
1000
5.0V/4.0A
5.0V RTN
12V/0.3A
±12V RTN
–12V/0.3A
Primary: 45 Turns #26 AWG
Secondary
±12 V: 9 Turns #30 AWG (2 Strands) Bifiliar
Wound
Secondary 5.0 V: 4 Turns (six strands) #26 Hexfiliar Wound
Secondary Feedback: 10 Turns #30 AWG (2 strands)
Bifiliar Wound
Core: Ferroxcube EC35–3C8
Bobbin: Ferroxcube EC35PCB1
Gap:
≈ 0.10” for a primary inductance of 1.0 mH
MUR110
MBR1635
T1
22
Osc
T1 –
7(12)
Comp/Latch
L1
L2, L3
– 15
µH at 5.0 A, Coilcraft Z7156
– 25
µH at 5.0 A, Coilcraft Z7157
1N5819
UC3842B, 43B UC2842B, 43B
14
MOTOROLA ANALOG IC DEVICE DATA
Test
Conditions
Results
Line Regulation: 5.0 V
±12 V
Vin = 95 to 130 Vac
∆ = 50 mV or ± 0.5%
∆ = 24 mV or ± 0.1%
Load Regulation: 5.0 V
±12 V
Vin = 115 Vac,
Iout = 1.0 A to 4.0 A
Vin = 115 Vac,
Iout = 100 mA to 300 mA
∆ = 300 mV or ± 3.0%
∆ = 60 mV or ± 0.25%
Output Ripple:
5.0 V
±12 V
Vin = 115 Vac
40 mVpp
80 mVpp
Efficiency
Vin = 115 Vac
70%
All outputs are at nominal load currents, unless otherwise noted


Similar Part No. - UC3842B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
UC3842B ONSEMI-UC3842B Datasheet
295Kb / 20P
HIGH PERFORMANCE CURRENT MODE CONTROLLERS
July, 2011 ??Rev. 15
logo
STMicroelectronics
UC3842B STMICROELECTRONICS-UC3842B Datasheet
135Kb / 15P
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
UC3842B STMICROELECTRONICS-UC3842B Datasheet
135Kb / 15P
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
logo
Unisonic Technologies
UC3842B UTC-UC3842B Datasheet
185Kb / 7P
HIGH PERFORMANCE CURRENT MODE CONTROLLERS
UC3842B UTC-UC3842B Datasheet
518Kb / 11P
HIGH PERFORMANCE CURRENT MODE CONTROLLERS
More results

Similar Description - UC3842B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
UC3844 MOTOROLA-UC3844 Datasheet
376Kb / 14P
HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
ON Semiconductor
UC3842A ONSEMI-UC3842A Datasheet
399Kb / 14P
HIGH PERFORMANCE CURRENT MODE CONTROLLERS
1996 REV 1
UC3844 ONSEMI-UC3844 Datasheet
376Kb / 14P
HIGH PERFORMANCE CURRENT MODE CONTROLLERS
1996 REV 1
logo
Unisonic Technologies
UC3842B UTC-UC3842B_08 Datasheet
518Kb / 11P
HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
ON Semiconductor
UC3845BDR2G ONSEMI-UC3845BDR2G Datasheet
387Kb / 19P
High Performance Current Mode Controllers
December, 2012 ??Rev. 11
logo
Freescale Semiconductor...
MC34129EF FREESCALE-MC34129EF Datasheet
444Kb / 16P
high performance current mode controllers
logo
ON Semiconductor
UC3845BVDG ONSEMI-UC3845BVDG Datasheet
399Kb / 19P
High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3845BVDR2G ONSEMI-UC3845BVDR2G Datasheet
399Kb / 19P
High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3844BNG ONSEMI-UC3844BNG Datasheet
399Kb / 19P
High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3844BVDG ONSEMI-UC3844BVDG Datasheet
399Kb / 19P
High Performance Current Mode Controllers
August, 2013 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com