Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC3842B Datasheet(PDF) 12 Page - Motorola, Inc

Part # UC3842B
Description  HIGH PERFORMANCE CURRENT MODE CONTROLLERS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

UC3842B Datasheet(HTML) 12 Page - Motorola, Inc

Back Button UC3842B Datasheet HTML 8Page - Motorola, Inc UC3842B Datasheet HTML 9Page - Motorola, Inc UC3842B Datasheet HTML 10Page - Motorola, Inc UC3842B Datasheet HTML 11Page - Motorola, Inc UC3842B Datasheet HTML 12Page - Motorola, Inc UC3842B Datasheet HTML 13Page - Motorola, Inc UC3842B Datasheet HTML 14Page - Motorola, Inc UC3842B Datasheet HTML 15Page - Motorola, Inc UC3842B Datasheet HTML 16Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
UC3842B, 43B UC2842B, 43B
12
MOTOROLA ANALOG IC DEVICE DATA
Figure 24. Adjustable Buffered Reduction of
Clamp Level with Soft–Start
Figure 25. Current Sensing Power MOSFET
Figure 26. Current Waveform Spike Suppression
Figure 27. MOSFET Parasitic Oscillations
+
+
S
R
+
R
R
R
2R
VClamp [
1.67
R2
R1
) 1
Ipk(max) [
VClamp
RS
5.0V Ref
Q
Bias
Osc
EA
1.0V
5(9)
7(11)
6(10)
5(8)
3(5)
RS
Q1
VCC
Vin
1(1)
2(3)
4(7)
8(14)
R1
VClamp
R2
Where: 0
≤ VClamp ≤ 1.0 V
C
MPSA63
tSoft-Start +* In 1 *
VC
3VClamp
C
R1 R2
R1 ) R2
+
5.0V Ref
+
S
R
Q
(11)
(10)
(8)
Comp/Latch
(5)
RS
1/4 W
VCC
Vin
K
M
D
SENSEFET
G
S
Power Ground:
To Input Source
Return
Control Circuitry Ground:
To Pin (9)
Virtually lossless current sensing can be achieved with the implementation of a
SENSEFET power switch. For proper operation during over–current conditions, a
reduction of the Ipk(max) clamp level must be implemented. Refer to Figures 22 and 24.
VPin 5 [
RS Ipk rDS(on)
rDM(on) ) RS
If: SENSEFET = MTP10N10M
RS = 200
Then : VPin 5 [ 0.075 Ipk
7(12)
1.0 mA
Comp/Latch
(12)
+
5.0V Ref
+
S
R
Q
7(11)
6(10)
5(8)
3(5)
RS
Q1
VCC
Vin
S
R
5.0V Ref
Q
7(11)
6(10)
5(8)
3(5)
RS
Q1
VCC
Vin
C
R
The addition of the RC filter will eliminate instability caused by the leading
edge spike on the current waveform.
Series gate resistor Rg will damp any high frequency parasitic oscillations
caused by the MOSFET input capacitance and any series wiring inductance in
the gate–source circuit.
7(12)
7(12)
Rg
Comp/Latch
Comp/Latch
+
+


Similar Part No. - UC3842B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
UC3842B ONSEMI-UC3842B Datasheet
295Kb / 20P
HIGH PERFORMANCE CURRENT MODE CONTROLLERS
July, 2011 ??Rev. 15
logo
STMicroelectronics
UC3842B STMICROELECTRONICS-UC3842B Datasheet
135Kb / 15P
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
UC3842B STMICROELECTRONICS-UC3842B Datasheet
135Kb / 15P
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
logo
Unisonic Technologies
UC3842B UTC-UC3842B Datasheet
185Kb / 7P
HIGH PERFORMANCE CURRENT MODE CONTROLLERS
UC3842B UTC-UC3842B Datasheet
518Kb / 11P
HIGH PERFORMANCE CURRENT MODE CONTROLLERS
More results

Similar Description - UC3842B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
UC3844 MOTOROLA-UC3844 Datasheet
376Kb / 14P
HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
ON Semiconductor
UC3842A ONSEMI-UC3842A Datasheet
399Kb / 14P
HIGH PERFORMANCE CURRENT MODE CONTROLLERS
1996 REV 1
UC3844 ONSEMI-UC3844 Datasheet
376Kb / 14P
HIGH PERFORMANCE CURRENT MODE CONTROLLERS
1996 REV 1
logo
Unisonic Technologies
UC3842B UTC-UC3842B_08 Datasheet
518Kb / 11P
HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
ON Semiconductor
UC3845BDR2G ONSEMI-UC3845BDR2G Datasheet
387Kb / 19P
High Performance Current Mode Controllers
December, 2012 ??Rev. 11
logo
Freescale Semiconductor...
MC34129EF FREESCALE-MC34129EF Datasheet
444Kb / 16P
high performance current mode controllers
logo
ON Semiconductor
UC3845BVDG ONSEMI-UC3845BVDG Datasheet
399Kb / 19P
High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3845BVDR2G ONSEMI-UC3845BVDR2G Datasheet
399Kb / 19P
High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3844BNG ONSEMI-UC3844BNG Datasheet
399Kb / 19P
High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3844BVDG ONSEMI-UC3844BVDG Datasheet
399Kb / 19P
High Performance Current Mode Controllers
August, 2013 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com