Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N877 Datasheet(PDF) 2 Page - Digitron Semiconductors

Part # 2N877
Description  SILICON CONTROLLED RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

2N877 Datasheet(HTML) 2 Page - Digitron Semiconductors

  2N877 Datasheet HTML 1Page - Digitron Semiconductors 2N877 Datasheet HTML 2Page - Digitron Semiconductors 2N877 Datasheet HTML 3Page - Digitron Semiconductors 2N877 Datasheet HTML 4Page - Digitron Semiconductors 2N877 Datasheet HTML 5Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
2N877-2N881, 2N885-2N889
SILICON CONTROLLED RECTIFIER
ELECTRICAL CHARACTERISTICS
Characteristic
Symbol
Min
Typ
Max
Units
Test Condition
Gate trigger current
VFX = 6Vdc, RGK = 1000ohms,
RL = 100 ohms max.
2N877-2N881
-
40
200
TJ = 25°C
2N885-2N889
IGT
-
10
20
µAdc
TJ = 25°C
Gate trigger voltage
VFX = 6Vdc, RGK = 1000ohms,
RL = 100ohms max.
2N877-2N881
0.4
0.5
0.8
TJ = 25°C
2N885-2N889
0.44
0.5
0.6
TJ = 25°C
All types
VGT
0.05
-
-
Vdc
VFX = rated VFXM, RGK = 1000ohms,
TJ = 125°C
MECHANICAL CHARACTERISTICS
Case
TO-18
Marking
Alpha-numeric
Pin out
See below
TO-18
Inches
Millimeters
Min
Max
Min
Max
A
0.209
0.230
5.310
5.840
B
0.178
0.195
4.520
4.950
C
0.170
0.210
4.320
5.330
D
0.016
0.021
0.406
0.533
E
-
0.030
-
0.762
F
0.016
0.019
0.406
0.483
G
0.100 BSC
2.540 BSC
H
0.036
0.046
0.914
1.170
J
0.028
0.048
0.711
1.220
K
0.500
-
12.700
-
L
0.250
-
6.350
-
M
45°C BSC
45° BSC
N
0.050 BSC
1.270 BSC
P
-
0.050
-
1.270
sales@digitroncorp.com
fax +1.908.245-0555
www.digitroncorp.com
Rev. 20130123


Similar Part No. - 2N877

ManufacturerPart #DatasheetDescription
logo
Boca Semiconductor Corp...
2N877 BOCA-2N877 Datasheet
31Kb / 1P
SCRs (Silicon Controlled Rectifiers)
logo
Central Semiconductor C...
2N877 CENTRAL-2N877 Datasheet
22Kb / 1P
0.8 to 110 Amperes RMS 15 to 1200 Volts
logo
New Jersey Semi-Conduct...
2N877 NJSEMI-2N877 Datasheet
82Kb / 1P
SCR, V(DRM) < 50 V
2N877 NJSEMI-2N877 Datasheet
44Kb / 1P
Silicon Controlled Rectifiers
More results

Similar Description - 2N877

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CS18B CENTRAL-CS18B Datasheet
76Kb / 2P
SILICON CONTROLLED RECTIFIER
logo
New Jersey Semi-Conduct...
2N3756 NJSEMI-2N3756 Datasheet
251Kb / 2P
SILICON CONTROLLED RECTIFIER
C137E NJSEMI-C137E Datasheet
182Kb / 3P
Silicon Controlled Rectifier
logo
Solid States Devices, I...
SCR010C SSDI-SCR010C_15 Datasheet
179Kb / 2P
SILICON CONTROLLED RECTIFIER
logo
SHANTOU HUASHAN ELECTRO...
HCP20C60 HUASHAN-HCP20C60 Datasheet
179Kb / 3P
Silicon Controlled Rectifier
HCR1C60 HUASHAN-HCR1C60 Datasheet
720Kb / 3P
Silicon Controlled Rectifier
logo
Central Semiconductor C...
CZS5064 CENTRAL-CZS5064 Datasheet
94Kb / 2P
SILICON CONTROLLED RECTIFIER
logo
SemiHow Co.,Ltd.
MCK100-8 SEMIHOW-MCK100-8 Datasheet
384Kb / 5P
Silicon Controlled Rectifier
logo
Digitron Semiconductors
MCR3935 DIGITRON-MCR3935 Datasheet
153Kb / 3P
SILICON CONTROLLED RECTIFIER
MCR3818 DIGITRON-MCR3818 Datasheet
272Kb / 6P
SILICON CONTROLLED RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com