Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBS75XPRBLK Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # SBS75XPRBLK
Description  SBS짰 Connectors - up to 110 amps
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SBS75XPRBLK Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

  SBS75XPRBLK Datasheet HTML 1Page - List of Unclassifed Manufacturers SBS75XPRBLK Datasheet HTML 2Page - List of Unclassifed Manufacturers SBS75XPRBLK Datasheet HTML 3Page - List of Unclassifed Manufacturers SBS75XPRBLK Datasheet HTML 4Page - List of Unclassifed Manufacturers SBS75XPRBLK Datasheet HTML 5Page - List of Unclassifed Manufacturers SBS75XPRBLK Datasheet HTML 6Page - List of Unclassifed Manufacturers SBS75XPRBLK Datasheet HTML 7Page - List of Unclassifed Manufacturers SBS75XPRBLK Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
www.andersonpower.com
- 56 -
All Data Subject To Change Without Notice
SBS®
- Tooling Information
Reducing Bushings
Use with contact part number 1339G2-BK or 1340G1-BK to allow a smaller wire to be used with the connector. Electrical
capability is derated with smaller wire.
Dimensions
- ID -
- Length -
Contact Barrel Size
Wire Size
-------- Part Numbers --------
inches
mm
inches mm
Minimum Quantity ...................................................... 3,000
1,000
100 .....................................................
#6 AWG [13.3 mm²]
#8 AWG [8.4 mm²]
-
5912-BK 5912
0.18
4.57
0.45
11.43
#6 AWG [13.3 mm²]
#12- 10 AWG [3.3- 5.3 mm²]
5910-BK
-
5910
0.14
3.56
0.47
11.94
#6 AWG [13.3 mm²]
#16- 14 AWG [1.3- 2.1 mm²]
5913-BK
-
5913
0.09
2.29
0.47
11.94
ID
Length
Wire Entrance
#6
13.3
1339G2
#8
8.4
1339G5
#10 / 12
5.3 / 3.3
1339G3
#6
13.3
1340G1
#8
8.4
1340G2
#10 / 12
5.3 / 3.3
1340G3
1389G20
1309G4
1387G1
Single
1388G6
1388G7
1389G9
1388G6
1388G7
AWG
mm²
Power Contact
Part Number
Pneumatic Bench
Tool
+ Die
+ Locator
Number of
Crimps
Hand Tool
All Crimp Pins
TL0001
All Crimp Sockets
TL0002
* TP0001 and TM0001 tools require locators TL0001 for Pins and TL0002 for Sockets.
Single
O
R
#12 / 24 2.5 / 0.25
TP0001
+
TM0001
O
R
PM1000G1
AWG
mm²
Auxiliary Contact
Part Number
APP Hand Tool w/
Integral Locator
Mil Std. Hand
Tool*
M22520/1-01
Number of Crimps
Locator for:
TM0001 &
TP0001
Pneumatic
Tool*
Wire Size
Wire Size
NOTE: See website for the most current information.
15352
DS-SBS REV C3.1


Similar Part No. - SBS75XPRBLK

ManufacturerPart #DatasheetDescription
logo
Anderson Power Products...
SBS75XPRBLK-BK APP-SBS75XPRBLK-BK Datasheet
1Mb / 11P
   SBS® Connectors Up to 110 amps
REV C7.1
More results

Similar Description - SBS75XPRBLK

ManufacturerPart #DatasheetDescription
logo
Anderson Power Products...
SBS APP-SBS Datasheet
1Mb / 11P
   SBS® Connectors Up to 110 amps
REV C7.1
logo
List of Unclassifed Man...
6319 ETC-6319 Datasheet
959Kb / 6P
   SB짰 50 Connectors - up to 120 amps
REV C3.1
75BBS ETC2-75BBS Datasheet
1Mb / 8P
   Powerpole Connectors PP75 up to 120 Amps
logo
Anderson Power Products...
PP120 APP-PP120 Datasheet
885Kb / 6P
   Powerpole® Connectors PP120 - Up to 240 Amps
REV C7
SB175 APP-SB175 Datasheet
1Mb / 9P
   SB® 175 Connectors Up to 280 Amps
REV C7
PP75 APP-PP75 Datasheet
1Mb / 9P
   Powerpole® Connectors PP75 - Up to 120 Amps
REV C7
SB350 APP-SB350 Datasheet
1Mb / 6P
   SB® 350 Connectors Up to 500 Amps
REV C7
SB50 APP-SB50 Datasheet
1Mb / 7P
   SB® 50 Connectors Up to 120 amps
REV C7
SB120 APP-SB120 Datasheet
1Mb / 5P
   SB® 120 Connectors Up to 240 Amps
REV C7
logo
List of Unclassifed Man...
512C16 ETC2-512C16 Datasheet
203Kb / 1P
   512C Up to 32 Amps
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com