Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBS75XPRBLK Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # SBS75XPRBLK
Description  SBS짰 Connectors - up to 110 amps
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SBS75XPRBLK Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  SBS75XPRBLK Datasheet HTML 1Page - List of Unclassifed Manufacturers SBS75XPRBLK Datasheet HTML 2Page - List of Unclassifed Manufacturers SBS75XPRBLK Datasheet HTML 3Page - List of Unclassifed Manufacturers SBS75XPRBLK Datasheet HTML 4Page - List of Unclassifed Manufacturers SBS75XPRBLK Datasheet HTML 5Page - List of Unclassifed Manufacturers SBS75XPRBLK Datasheet HTML 6Page - List of Unclassifed Manufacturers SBS75XPRBLK Datasheet HTML 7Page - List of Unclassifed Manufacturers SBS75XPRBLK Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
www.andersonpower.com - 51 -
All Data Subject To Change Without Notice
[ 7.3 ]
Ø 0.29
[ 12.4 ]
0.49
[ 39.4 ]
1.55
A
[ 7.6 ]
0.30
[ 7.6 ]
0.30
[ 7.3 ]
Ø 0.29
[ 12.4 ]
0.49
[ 41.9 1.5 ]
1.65 0.06
+-
+-
A
Ground Indicator
[ 1.60 ]
Ø 0.06
ID
Retention Clip
L1
L
Socket
Insert
[ 19.6 ]
0.77
[ 2.6 ]
0.10
Retention
Clip
ID
Auxiliary Pin
- L -
- L1 -
Contact Lengths
in.
mm
in.
mm
Standard Length 7.7mm 0.77 19.6
0.30 7.7
Pre-Mate 9.3mm
0.83 21.2
0.37 9.3
Post-Mate 6.4mm
0.72 18.3
0.25 6.4
Auxiliary Socket Contacts
Crimp Barrel ID
Wire Gauge in.
mm.
#24 / 20
0.04 1.1
#20 / 16
0.07 1.7
#16 / 14
0.08 2.1
#12
0.10 2.6
SBS® Silver Plated Primary Power Wire Contacts
Use two silver plated contacts per housing for the best electrical performance
and durability up to 10,000 mating cycles. Standard contacts are for use in all
primary power positions for SBS® 50, 75X, & 75G wire housings. See reducing
bushings in accessory section for smaller wires. See reducing busings in
accessory section for smaller wires.
Dimensions
Loose Piece
- A -
Type
AWG
mm²
------ Part Numbers ------ inches mm
Minimum Quantity ..................
1,000
100
...................
Standard 6
16
1339G2-BK
1339G2* 0.22
5.59
Standard 8
10
1339G5-BK
1339G5* 0.19
4.83
Standard 12 to 10
2.5 to 6 1339G3-BK
1339G3* 0.14
3.56
* Are sold as pairs. 2 contacts ship for every 1 ordered.
SBS®75G Silver Plated Pre-Mate Wire Contacts
Pre-Mate contacts are for the center Pre-Mate position on the SBS®75G wire
housings. See reducing bushings in accessory section for smaller wires.
Dimensions
Loose Piece
- A -
Type
AWG
mm²
------ Part Numbers ------ inches mm
Minimum Quantity ..................
500
50
.....................
Pre-Mate 6
16
1340G1-BK
1340G1
0.22
5.59
Pre-Mate 8
10
1340G2-BK
1340G2
0.19
4.83
Pre-Mate 12 to 10
2.5 to 6 1340G3-BK
1340G3
0.14
3.56
Pin Contacts for SBS®75x Auxiliary
Gold plated contacts are available in 3 lengths to allow sequencing of circuits.
Description
AWG
mm²
----------------- Part Numbers ----------------
Minimum Quantity ....................................................
500
50
...........
Standard Length 7.7mm 12
2.5
PM16P12S30
PM16P12S30-50
16 to 14
1.0 to 1.5
PM16P1416S30
PM16P1416S30-50
20 to 16
0.75 to 1.0
PM16P1620S30
PM16P1620S30-50
24 to 20
0.50 to 0.75
PM16P2024S30
PM16P2024S30-50
Pre-Mate 9.3mm
12
2.5
PM16P12A30
PM16P12A30-50
16 to 14
1.0 to 1.5
PM16P1416A30
PM16P1416A30-50
20 to 16
0.75 to 1.0
PM16P1620A30
PM16P1620A30-50
24 to 20
0.50 to 0.75
PM16P2024A30
PM16P2024A30-50
Post-Mate 6.4mm
12
2.5
PM16P12C30
PM16P12C30-50
16 to 14
1.0 to 1.5
PM16P1416C30
PM16P1416C30-50
20 to 16
0.75 to 1.0
PM16P1620C30
PM16P1620C30-50
24 to 20
0.50 to 0.75
PM16P2024C30
PM16P2024C30-50
Socket Contacts for SBS®75x Auxiliary
Selectively gold plated contacts offer low resistance and durability up to 10,000 mating cycles.
Description
AWG
mm²
-------------------- Part Numbers -------------------
Minimum Quantity ..................................
500
50
.............
Socket Contact 12
2.5
PM16S12S32
PM16S12S32-50
16 to 14 1.0 to 1.5
PM16S1416S32 PM16S1416S32-50
20 to 16 0.75 to 1.0
PM16S1620S32 PM16S1620S32-50
24 to 20 0.50 to 0.75 PM16S2024S32 PM16S2024S32-50
NEW


Similar Part No. - SBS75XPRBLK

ManufacturerPart #DatasheetDescription
logo
Anderson Power Products...
SBS75XPRBLK-BK APP-SBS75XPRBLK-BK Datasheet
1Mb / 11P
   SBS® Connectors Up to 110 amps
REV C7.1
More results

Similar Description - SBS75XPRBLK

ManufacturerPart #DatasheetDescription
logo
Anderson Power Products...
SBS APP-SBS Datasheet
1Mb / 11P
   SBS® Connectors Up to 110 amps
REV C7.1
logo
List of Unclassifed Man...
6319 ETC-6319 Datasheet
959Kb / 6P
   SB짰 50 Connectors - up to 120 amps
REV C3.1
75BBS ETC2-75BBS Datasheet
1Mb / 8P
   Powerpole Connectors PP75 up to 120 Amps
logo
Anderson Power Products...
PP120 APP-PP120 Datasheet
885Kb / 6P
   Powerpole® Connectors PP120 - Up to 240 Amps
REV C7
SB175 APP-SB175 Datasheet
1Mb / 9P
   SB® 175 Connectors Up to 280 Amps
REV C7
PP75 APP-PP75 Datasheet
1Mb / 9P
   Powerpole® Connectors PP75 - Up to 120 Amps
REV C7
SB350 APP-SB350 Datasheet
1Mb / 6P
   SB® 350 Connectors Up to 500 Amps
REV C7
SB50 APP-SB50 Datasheet
1Mb / 7P
   SB® 50 Connectors Up to 120 amps
REV C7
SB120 APP-SB120 Datasheet
1Mb / 5P
   SB® 120 Connectors Up to 240 Amps
REV C7
logo
List of Unclassifed Man...
512C16 ETC2-512C16 Datasheet
203Kb / 1P
   512C Up to 32 Amps
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com