Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMV321 Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV321
Description  Low-Voltage Rail-To-Rail Output Operational Amplifiers
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV321 Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button LMV321_14 Datasheet HTML 13Page - National Semiconductor (TI) LMV321_14 Datasheet HTML 14Page - National Semiconductor (TI) LMV321_14 Datasheet HTML 15Page - National Semiconductor (TI) LMV321_14 Datasheet HTML 16Page - National Semiconductor (TI) LMV321_14 Datasheet HTML 17Page - National Semiconductor (TI) LMV321_14 Datasheet HTML 18Page - National Semiconductor (TI) LMV321_14 Datasheet HTML 19Page - National Semiconductor (TI) LMV321_14 Datasheet HTML 20Page - National Semiconductor (TI) LMV321_14 Datasheet HTML 21Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 45 page
background image
THD + N
vs
FREQUENCY
Frequency − Hz
0.001
0.010
0.100
1.000
10.000
10
100
1000
10000
100000
LMV324S
LMV3xx
VCC = 2.7 V
RL = 10 kΩ
AV = 10
VO = 1 VPP
0.001
0.010
0.100
1.000
10.000
10
100
1000
10000
100000
Frequency − Hz
THD + N
vs
FREQUENCY
LMV324S
LMV3xx
VCC = 5 V
RL = 10 kΩ
AV = 1
VO = 1 VPP
20
40
60
80
100
120
140
160
180
200
10
100
1k
10k
INPUT VOLTAGE NOISE
vs
FREQUENCY
Frequency − Hz
VCC = 2.7 V
VCC = 5 V
0.001
0.010
0.100
1.000
10.000
10
100
1000
10000
100000
Frequency − Hz
THD + N
vs
FREQUENCY
LMV3xx
VCC = 2.7 V
RL = 10 kΩ
AV = 1
VO = 1 VPP
LMV324S
LMV321, LMV358
LMV324, LMV324S
www.ti.com
SLOS263V – AUGUST 1999 – REVISED DECEMBER 2013
Typical Characteristics (continued)
Figure 41.
Figure 42.
Figure 43.
Figure 44.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
17


Similar Part No. - LMV321_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV321Q1M5 TI1-LMV321Q1M5 Datasheet
2Mb / 52P
[Old version datasheet]   Operational Amplifiers
LMV321Q1M5/NOPB TI1-LMV321Q1M5/NOPB Datasheet
2Mb / 44P
[Old version datasheet]   Single/Dual/Quad General Purpose, Low Voltage, Rail-to-Rail Output Operational Amplifiers
LMV321Q1M5/NOPB TI1-LMV321Q1M5/NOPB Datasheet
2Mb / 52P
[Old version datasheet]   Operational Amplifiers
logo
National Semiconductor ...
LMV321Q1M5NOPB NSC-LMV321Q1M5NOPB Datasheet
2Mb / 45P
   Single/Dual/Quad General Purpose, Low Voltage, Rail-to-Rail Output Operational Amplifiers
logo
Texas Instruments
LMV321Q1M5X TI1-LMV321Q1M5X Datasheet
2Mb / 52P
[Old version datasheet]   Operational Amplifiers
More results

Similar Description - LMV321_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV321 TI-LMV321_10 Datasheet
1Mb / 41P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321 TI-LMV321 Datasheet
792Kb / 31P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321DBVR TI-LMV321DBVR Datasheet
1Mb / 45P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV358DR TI-LMV358DR Datasheet
1Mb / 45P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321A TI1-LMV321A_18 Datasheet
1Mb / 38P
[Old version datasheet]   Low-Voltage Rail-to-Rail Output Operational Amplifiers
LMV358 TI1-LMV358_16 Datasheet
2Mb / 50P
[Old version datasheet]   Low-Voltage Rail-to-Rail Output Operational Amplifiers
LMV821 TI-LMV821_10 Datasheet
764Kb / 35P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321 TI-LMV321_08 Datasheet
1Mb / 37P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV821-Q1 TI1-LMV821-Q1 Datasheet
821Kb / 24P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321 TI-LMV321_07 Datasheet
928Kb / 32P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com