Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UAA1041B Datasheet(PDF) 1 Page - Motorola, Inc

Part # UAA1041B
Description  AUTOMOTIVE DIRECTION INDICATOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

UAA1041B Datasheet(HTML) 1 Page - Motorola, Inc

  UAA1041B Datasheet HTML 1Page - Motorola, Inc UAA1041B Datasheet HTML 2Page - Motorola, Inc UAA1041B Datasheet HTML 3Page - Motorola, Inc UAA1041B Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Device
Operating
Temperature Range
Package
UAA1041B
SEMICONDUCTOR
TECHNICAL DATA
AUTOMOTIVE DIRECTION
INDICATOR
ORDERING INFORMATION
UAA1041BD
UAA1041B
TA = – 40° to +100°C
SO–8
Plastic DIP
PIN CONNECTIONS
Order this document by UAA1041B/D
D SUFFIX
PLASTIC PACKAGE
CASE 751
(SO–8)
NO SUFFIX
PLASTIC PACKAGE
CASE 626
8
1
8
1
Fault Det
Fault Det On/Off
(Top View)
–VCC
RLY Out
Oscillator
+Vbat
1
2
3
4
8
7
6
5
Start
Oscillator
1
MOTOROLA ANALOG IC DEVICE DATA
Automotive Direction
Indicator
This device was designed for use in conjunction with a relay in automotive
applications. It is also applicable for other warning lamps such as “handbrake
ON,” etc.
Defective Lamp Detection
Overvoltage Protection
Short Circuit Detection and Relay Shutdown to Prevent Risk of Fire
Reverse Battery Connection Protection
Integrated Suppression Clamp Diode
Figure 1. Typical Automotive System
C2
R3
S2
L1
Relay
R1
R2
1
2
3
4
8
7
6
5
C1
+
S1
L
R
L4
L5
L3
L2
L6
+V
–V
RS
UAA1041
L1: 1.2 W, warning light handbrake ON
L2, L3, L4, L5: 21 W, turn signals
R1 = 75 k
R2 = 3.3 k
R3 = 220
RS = 30 mΩ
C1 = 5.6
µF
C2 = 0.047
µF
–VCC
© Motorola, Inc. 1996
Rev 0


Similar Part No. - UAA1041B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UAA1001 ETC1-UAA1001 Datasheet
140Kb / 5P
   Integrierte Schaltungen fur die Konsumelektronik
logo
Motorola, Inc
UAA1016B MOTOROLA-UAA1016B Datasheet
339Kb / 6P
   ZERO VOLTAGE CONTROLLER
More results

Similar Description - UAA1041B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33193 MOTOROLA-MC33193 Datasheet
262Kb / 8P
   Automotive Direction Indicator
logo
IK Semicon Co., Ltd
IL33193 IKSEMICON-IL33193_16 Datasheet
407Kb / 9P
   Automotive Direction Indicator
IL33193A IKSEMICON-IL33193A Datasheet
397Kb / 8P
   Automotive Direction Indicator
logo
KODENSHI_AUK CORP.
KK33193 KODENSHI-KK33193 Datasheet
264Kb / 8P
   Automotive Direction Indicator
logo
IK Semicon Co., Ltd
IL33193 IKSEMICON-IL33193 Datasheet
249Kb / 8P
   Automotive Direction Indicator
logo
Integral Corp.
IL33193 INTEGRAL-IL33193 Datasheet
247Kb / 8P
   Automotive Direction Indicator
logo
IK Semicon Co., Ltd
IL33193-03N IKSEMICON-IL33193-03N Datasheet
717Kb / 6P
   Automotive Direction Indicator
logo
STMicroelectronics
L9686MD013TR STMICROELECTRONICS-L9686MD013TR Datasheet
614Kb / 7P
   AUTOMOTIVE DIRECTION INDICATOR
L9686 STMICROELECTRONICS-L9686 Datasheet
60Kb / 7P
   AUTOMOTIVE DIRECTION INDICATOR
logo
ARTSCHIP ELECTRONICS CO...
MC33193 ARTSCHIP-MC33193 Datasheet
385Kb / 8P
   Automotive Direction Indicator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com