Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N4441 Datasheet(PDF) 4 Page - Digitron Semiconductors

Part # 2N4441
Description  SILICON CONTROLLED RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

2N4441 Datasheet(HTML) 4 Page - Digitron Semiconductors

  2N4441 Datasheet HTML 1Page - Digitron Semiconductors 2N4441 Datasheet HTML 2Page - Digitron Semiconductors 2N4441 Datasheet HTML 3Page - Digitron Semiconductors 2N4441 Datasheet HTML 4Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
2N4441-2N4444
SILICON CONTROLLED RECTIFIER
fax +1.908.245-0555
sales@digitroncorp.com
www.digitroncorp.com
Rev. 20130117


Similar Part No. - 2N4441

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
2N4441 MOTOROLA-2N4441 Datasheet
162Kb / 4P
   SILICON CONTROLLED RECTIFIERS
logo
New Jersey Semi-Conduct...
2N4441 NJSEMI-2N4441 Datasheet
113Kb / 1P
   SCR, V(DRM) = 50V TO 99.9V
More results

Similar Description - 2N4441

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CS18B CENTRAL-CS18B Datasheet
76Kb / 2P
   SILICON CONTROLLED RECTIFIER
logo
New Jersey Semi-Conduct...
2N3756 NJSEMI-2N3756 Datasheet
251Kb / 2P
   SILICON CONTROLLED RECTIFIER
C137E NJSEMI-C137E Datasheet
182Kb / 3P
   Silicon Controlled Rectifier
logo
Solid States Devices, I...
SCR010C SSDI-SCR010C_15 Datasheet
179Kb / 2P
   SILICON CONTROLLED RECTIFIER
logo
Digitron Semiconductors
2N877 DIGITRON-2N877 Datasheet
372Kb / 5P
   SILICON CONTROLLED RECTIFIER
logo
SHANTOU HUASHAN ELECTRO...
HCP20C60 HUASHAN-HCP20C60 Datasheet
179Kb / 3P
   Silicon Controlled Rectifier
HCR1C60 HUASHAN-HCR1C60 Datasheet
720Kb / 3P
   Silicon Controlled Rectifier
logo
Central Semiconductor C...
CZS5064 CENTRAL-CZS5064 Datasheet
94Kb / 2P
   SILICON CONTROLLED RECTIFIER
logo
SemiHow Co.,Ltd.
MCK100-8 SEMIHOW-MCK100-8 Datasheet
384Kb / 5P
   Silicon Controlled Rectifier
logo
Digitron Semiconductors
MCR3935 DIGITRON-MCR3935 Datasheet
153Kb / 3P
   SILICON CONTROLLED RECTIFIER
MCR3818 DIGITRON-MCR3818 Datasheet
272Kb / 6P
   SILICON CONTROLLED RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com