Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U4082BG-S28-T Datasheet(PDF) 12 Page - Unisonic Technologies

Part # U4082BG-S28-T
Description  VOICE SWITCHED SPEAKER-PHONE CIRCUIT
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U4082BG-S28-T Datasheet(HTML) 12 Page - Unisonic Technologies

Back Button U4082BG-S28-T Datasheet HTML 5Page - Unisonic Technologies U4082BG-S28-T Datasheet HTML 6Page - Unisonic Technologies U4082BG-S28-T Datasheet HTML 7Page - Unisonic Technologies U4082BG-S28-T Datasheet HTML 8Page - Unisonic Technologies U4082BG-S28-T Datasheet HTML 9Page - Unisonic Technologies U4082BG-S28-T Datasheet HTML 10Page - Unisonic Technologies U4082BG-S28-T Datasheet HTML 11Page - Unisonic Technologies U4082BG-S28-T Datasheet HTML 12Page - Unisonic Technologies U4082BG-S28-T Datasheet HTML 13Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U4082B
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
12 of 13
www.unisonic.com.tw
QW-R108-020.A
FUNCTIONAL DESCRIPTION(Cont.)
*
Switch to idle quickly,
The current sources are turned off,
The internal 2kΩ resistor is switched in
Discharging the capacitor to VB with a time = 2kΩ x CT.
*
Switching to idle slowly
The current sources are turned off
The switch at the 2kΩ resistor is open
Discharging the capacitor to VB through the external resistor RT with a time=RT x CT.
MICROPHONE AMPLIFIER
While the inverting input and the output are pinned out, pins 10/11,the microphone amplifier, has the
non-inverting input internally connected to VB. This amplifier’s open loop gain is typically 80dB when f<100Hz, and
the gain bandwidth is typically 1MHz. Its maximum output swing (p-p) is typically 1 volt. MCI’s input bias current is
typically 40nA out of the pin.
HYBRID AMPLIFIER
At HTO+, HTO-, and HTI, the two hybrid amplifiers provide the two-to-four wire converter for interfacing to the
telephone line. The first amplifier’s gain is set by external resistor, and the first amplifier’s output drives the second
amplifier (gain of -1).
FILTER
The external components determined the operation of the filter circuit.
POWER SUPPLY, VB, and CHIP DISABLE
For normal operation the power supply voltage is to be between 3.5v and 6.5v, but with reduced operation the
VCC is possible 2.8 volts. VB’s output voltage is ~ (Vcc-0.7)/2, and also provides the AC ground.


Similar Part No. - U4082BG-S28-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U4082BG-S28-T UTC-U4082BG-S28-T Datasheet
352Kb / 13P
   VOICE SWITCHED SPEAKER-PHONE CIRCUIT
More results

Similar Description - U4082BG-S28-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MC34118 UTC-MC34118_09 Datasheet
302Kb / 12P
   VOICE SWITCHED SPEAKER-PHONE CIRCUIT
UTCMC34018 UTC-UTCMC34018 Datasheet
182Kb / 14P
   VOICE SWITCHED SPEAKER-PHONE CIRCUIT
U4082B UTC-U4082B_15 Datasheet
352Kb / 13P
   VOICE SWITCHED SPEAKER-PHONE CIRCUIT
logo
Exar Corporation
XR-T65118A EXAR-XR-T65118A Datasheet
1Mb / 17P
   VOICE SWITCHED SPEAKER PHONE CIRCUIT
logo
Unisonic Technologies
UTCMC34118 UTC-UTCMC34118 Datasheet
314Kb / 13P
   VOICE SWITCHED SPEAKER-PHONE CIRCUIT
MC34018 UTC-MC34018_15 Datasheet
266Kb / 8P
   VOICE SWITCHED SPEAKER-PHONE CIRCUIT
MC34118 UTC-MC34118_15 Datasheet
355Kb / 15P
   VOICE SWITCHED SPEAKER-PHONE CIRCUIT
MC34018 UTC-MC34018_05 Datasheet
308Kb / 8P
   VOICE SWITCHED SPEAKER-PHONE CIRCUIT
logo
Estek Electronics Co. L...
ET-34018 ESTEK-ET-34018 Datasheet
631Kb / 4P
   LINEAR INTEGRATED CIRCUIT VOICE SWITCHED SPEAKER-PHONE CIRCUIT
logo
New Japan Radio
NJW1128 NJRC-NJW1128 Datasheet
257Kb / 13P
   Voice Switched Speakerphone Circuit with Speaker Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com