Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U4082BG-S28-T Datasheet(PDF) 11 Page - Unisonic Technologies

Part # U4082BG-S28-T
Description  VOICE SWITCHED SPEAKER-PHONE CIRCUIT
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U4082BG-S28-T Datasheet(HTML) 11 Page - Unisonic Technologies

Back Button U4082BG-S28-T Datasheet HTML 5Page - Unisonic Technologies U4082BG-S28-T Datasheet HTML 6Page - Unisonic Technologies U4082BG-S28-T Datasheet HTML 7Page - Unisonic Technologies U4082BG-S28-T Datasheet HTML 8Page - Unisonic Technologies U4082BG-S28-T Datasheet HTML 9Page - Unisonic Technologies U4082BG-S28-T Datasheet HTML 10Page - Unisonic Technologies U4082BG-S28-T Datasheet HTML 11Page - Unisonic Technologies U4082BG-S28-T Datasheet HTML 12Page - Unisonic Technologies U4082BG-S28-T Datasheet HTML 13Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U4082B
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
11 of 13
www.unisonic.com.tw
QW-R108-020.A
FUNCTIONAL DESCRIPTION(Cont.)
Definition of the above is as follows:
Trems
Definition
Transmit
The transmit attenuator is fully on: +6dB. And the receive attenuator is at max. attenuation :-46dB
Receive
Both attenuators are controlled by the volume control. At max. Volume the receive attenuator is fully
on: +6dB, and the transmit attenuator is at max.attenuation:-46dB.
Fast Idle
Both transmit and receive speech are present in approximately equal levels.
The attenuators are quickly switched to idle until one speech level dominates the other.
Slow Idle
Speech has ceased in both transmit and receive paths. The attenuators are then slowly switched to
the idle mode.
A summary of the truth table is:
1. Under all the below situations the circuit will switch to transmit :
(1) Both transmit level detectors sense signals relative to the respective receive level detectors
TLI1 versus RLI1, TLI2 versus RLI2
(2) The transmit background noise monitor indicates the presence of speech.
2. Under all the below situations the circuit will switch to receive
(1) Both receive level detectors sense higher signal levels relative to the respective transmit level detectors
(2) The receive background noise monitor indicates the presence of speech.
3. Under all the below situations the circuit will switch to the fast Idle mode:
(1) If the level detectors disagree on the relative strengths of the signal levels
(2) At least one of the background noise monitor indicates speech.
There are two conditions which can cause the fast idle mode to occur:
(A) When both talkers are attempting to gain control of the system by talking at the same time
(B) When one talker is in a very noisy environment, forcing the other to continually over-ride that noise level. In
general, the fast idle mode will occur infrequently.
4. Under any of the below situations the circuit will switch to the slow idle mode
(1) Both talkers are quiet( no speech present)
(2) When one talker’s speech level is continuously over-ride by noise at the other speaker’s location.
CT pin (pin14) determine the time required to switch the circuit between transmit, receive, fast idle, and slow
idle.
A schematic of the CT circuitry operates as follows:
*
RT =120kΩ (typ.), and CT =5µF (typ.).
*
Switching to the receive mode
I1 is turned on; I2 is off,
Charging the external capacitor to +240mV above VB
An internal clamp prevents further charging of the capacitor).
*
Switching to the transmit mode
I2 is turned on; I1 is off,
Bringing down the voltage on the capacitor to -240mV with respect VB.


Similar Part No. - U4082BG-S28-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U4082BG-S28-T UTC-U4082BG-S28-T Datasheet
352Kb / 13P
   VOICE SWITCHED SPEAKER-PHONE CIRCUIT
More results

Similar Description - U4082BG-S28-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MC34118 UTC-MC34118_09 Datasheet
302Kb / 12P
   VOICE SWITCHED SPEAKER-PHONE CIRCUIT
UTCMC34018 UTC-UTCMC34018 Datasheet
182Kb / 14P
   VOICE SWITCHED SPEAKER-PHONE CIRCUIT
U4082B UTC-U4082B_15 Datasheet
352Kb / 13P
   VOICE SWITCHED SPEAKER-PHONE CIRCUIT
logo
Exar Corporation
XR-T65118A EXAR-XR-T65118A Datasheet
1Mb / 17P
   VOICE SWITCHED SPEAKER PHONE CIRCUIT
logo
Unisonic Technologies
UTCMC34118 UTC-UTCMC34118 Datasheet
314Kb / 13P
   VOICE SWITCHED SPEAKER-PHONE CIRCUIT
MC34018 UTC-MC34018_15 Datasheet
266Kb / 8P
   VOICE SWITCHED SPEAKER-PHONE CIRCUIT
MC34118 UTC-MC34118_15 Datasheet
355Kb / 15P
   VOICE SWITCHED SPEAKER-PHONE CIRCUIT
MC34018 UTC-MC34018_05 Datasheet
308Kb / 8P
   VOICE SWITCHED SPEAKER-PHONE CIRCUIT
logo
Estek Electronics Co. L...
ET-34018 ESTEK-ET-34018 Datasheet
631Kb / 4P
   LINEAR INTEGRATED CIRCUIT VOICE SWITCHED SPEAKER-PHONE CIRCUIT
logo
New Japan Radio
NJW1128 NJRC-NJW1128 Datasheet
257Kb / 13P
   Voice Switched Speakerphone Circuit with Speaker Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com