Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UB209A Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UB209A
Description  BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UB209A Datasheet(HTML) 1 Page - Unisonic Technologies

  UB209A Datasheet HTML 1Page - Unisonic Technologies UB209A Datasheet HTML 2Page - Unisonic Technologies UB209A Datasheet HTML 3Page - Unisonic Technologies UB209A Datasheet HTML 4Page - Unisonic Technologies UB209A Datasheet HTML 5Page - Unisonic Technologies UB209A Datasheet HTML 6Page - Unisonic Technologies UB209A Datasheet HTML 7Page - Unisonic Technologies UB209A Datasheet HTML 8Page - Unisonic Technologies UB209A Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UB209A
Preliminary
CMOS IC
www.unisonic.com.tw
1 of 9
Copyright © 2013 Unisonic Technologies Co., Ltd
QW-R502-940.a
BATTERY PROTECTION IC
WITH CELL-BALANCE
FUNCTION
DESCRIPTION
The
UTC
UB209A
Series
is
a
protection
IC
for
lithium-ion/lithium polymer rechargeable batteries, including a high
precision voltage detection circuit and a delay circuit.
The UTC UB209A Series has a transmission function and two
types of cell-balance function so that users are also able to
configure a protection circuit with series multi-cell.
FEATURES
* Settable delay time by external capacitor for output pin
* High-accuracy voltage detection circuit
* Two types of cell-balance function: charge/discharge
* Control charging, discharging, cell-balance by CTLC, CTLD pins
* Low current consumption: 8.0µA max
* Wide range of operation temperature (-40°C~+85°C)
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
UB209AL-P08-R
UB209AG-P08-R
TSSOP-8
Tape Reel
Note: xx: Output Voltage, refer to Marking Information.
UB209AG-xx-P08-R
(1)Packing Type
(2)Package Type
(3)Serial Code
(1) R: Tape Reel
(2) P08: TSSOP-8
(3) xx: Refer to SERIAL CODE LIST
(4) L: Lead Free, G: Halogen Free
(4)Halogen Free
SERIAL CODE LIST
Model
Code
Overcharge
Detection
Voltage
[VCU](V)
Overcharge
Release
Voltage
[VCL](V)
Cell-balance
Detection
Voltage
[VBU](V)
Cell-balance
Release
Voltage
[VBL](V)
Overdischarge
Detection
Voltage
[VDL](V)
Overdischarge
Release
Voltage
[VDU](V)
Discharge
Cell-balance
Function
UB209A
AA
4.100
4.000
4.050
4.000
2.50
2.70
Yes
AB
3.800
3.750
3.650
3.600
2.00
2.50
Yes
AC
3.900
3.500
3.550
3.550
2.50
2.70
Yes
AD
4.250
4.100
4.200
4.100
2.50
3.00
Yes
AE
4.000
3.900
3.950
3.900
2.50
2.70
Yes
AF
4.250
4.100
4.100
4.000
2.75
3.05
Yes
AG
3.900
3.600
3.550
3.500
2.00
2.40
Yes
AH
3.900
3.700
3.600
3.600
2.50
2.80
No


Similar Part No. - UB209A

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UB209A UTC-UB209A Datasheet
283Kb / 9P
BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
UB209AG-AA-P08-R UTC-UB209AG-AA-P08-R Datasheet
283Kb / 9P
BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
UB209AG-AA-S08-R UTC-UB209AG-AA-S08-R Datasheet
283Kb / 9P
BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
UB209AG-AB-P08-R UTC-UB209AG-AB-P08-R Datasheet
283Kb / 9P
BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
UB209AG-AB-S08-R UTC-UB209AG-AB-S08-R Datasheet
283Kb / 9P
BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
More results

Similar Description - UB209A

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-8209A ABLIC-S-8209A Datasheet
483Kb / 27P
BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
Rev.3.8_00
S-8209B ABLIC-S-8209B Datasheet
473Kb / 26P
BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
Rev.3.8_00
logo
Seiko Instruments Inc
S-8209A SII-S-8209A Datasheet
501Kb / 26P
BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
logo
Unisonic Technologies
UB209A UTC-UB209A_15 Datasheet
261Kb / 9P
BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
UB209B UTC-UB209B Datasheet
250Kb / 9P
BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
UB209A UTC-UB209A_17 Datasheet
283Kb / 9P
BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
UB209B UTC-UB209B_17 Datasheet
269Kb / 10P
BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
logo
ABLIC Inc.
S-82V1A ABLIC-S-82V1A Datasheet
689Kb / 41P
BATTERY PROTECTION IC WITH ALARM FUNCTION FOR 1-CELL PACK
Rev.1.0_00
S-82T1A ABLIC-S-82T1A Datasheet
692Kb / 41P
BATTERY PROTECTION IC WITH ALARM FUNCTION FOR 1-CELL PACK
Rev.1.0_00
S-82U1A ABLIC-S-82U1A Datasheet
695Kb / 41P
BATTERY PROTECTION IC WITH ALARM FUNCTION FOR 1-CELL PACK
Rev.1.0_00
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com