Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UB209A Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UB209A
Description  BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UB209A Datasheet(HTML) 2 Page - Unisonic Technologies

  UB209A Datasheet HTML 1Page - Unisonic Technologies UB209A Datasheet HTML 2Page - Unisonic Technologies UB209A Datasheet HTML 3Page - Unisonic Technologies UB209A Datasheet HTML 4Page - Unisonic Technologies UB209A Datasheet HTML 5Page - Unisonic Technologies UB209A Datasheet HTML 6Page - Unisonic Technologies UB209A Datasheet HTML 7Page - Unisonic Technologies UB209A Datasheet HTML 8Page - Unisonic Technologies UB209A Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
UB209A
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 9
www.unisonic.com.tw
QW-R502-940.a
PIN CONFIGURATION
4
3
2
5
7
CTLD
VDD
CDT
VSS
CO
1
6
DO
8
CB
CTLC
PIN DESCRIPTION
PIN NO.
PIN NAME
DESCRIPTION
1
CTLC
Pin for charge control
2
CTLD
Pin for discharge control
3
VDD
Connection pin for input positive power supply, for battery’s positive voltage
4
CDT
Connection pin to capacitor for overcharge detection delay, for over discharge detection
delay
5
VSS
Input pin for negative power supply, Connection pin for battery’s negative voltage
6
DO
Output pin for discharge control (Nch open drain output)
7
CO
Output pin for charge control (Nch open drain output)
8
CB
Output pin for cell-balance control (CMOS output)


Similar Part No. - UB209A

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UB209A UTC-UB209A Datasheet
283Kb / 9P
BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
UB209AG-AA-P08-R UTC-UB209AG-AA-P08-R Datasheet
283Kb / 9P
BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
UB209AG-AA-S08-R UTC-UB209AG-AA-S08-R Datasheet
283Kb / 9P
BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
UB209AG-AB-P08-R UTC-UB209AG-AB-P08-R Datasheet
283Kb / 9P
BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
UB209AG-AB-S08-R UTC-UB209AG-AB-S08-R Datasheet
283Kb / 9P
BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
More results

Similar Description - UB209A

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-8209A ABLIC-S-8209A Datasheet
483Kb / 27P
BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
Rev.3.8_00
S-8209B ABLIC-S-8209B Datasheet
473Kb / 26P
BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
Rev.3.8_00
logo
Seiko Instruments Inc
S-8209A SII-S-8209A Datasheet
501Kb / 26P
BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
logo
Unisonic Technologies
UB209A UTC-UB209A_15 Datasheet
261Kb / 9P
BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
UB209B UTC-UB209B Datasheet
250Kb / 9P
BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
UB209A UTC-UB209A_17 Datasheet
283Kb / 9P
BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
UB209B UTC-UB209B_17 Datasheet
269Kb / 10P
BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
logo
ABLIC Inc.
S-82V1A ABLIC-S-82V1A Datasheet
689Kb / 41P
BATTERY PROTECTION IC WITH ALARM FUNCTION FOR 1-CELL PACK
Rev.1.0_00
S-82T1A ABLIC-S-82T1A Datasheet
692Kb / 41P
BATTERY PROTECTION IC WITH ALARM FUNCTION FOR 1-CELL PACK
Rev.1.0_00
S-82U1A ABLIC-S-82U1A Datasheet
695Kb / 41P
BATTERY PROTECTION IC WITH ALARM FUNCTION FOR 1-CELL PACK
Rev.1.0_00
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com