Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS4061CDG4 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # THS4061CDG4
Description   180 MHz High Speed AMPLIFIERS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4061CDG4 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button THS4061CDG4 Datasheet HTML 6Page - National Semiconductor (TI) THS4061CDG4 Datasheet HTML 7Page - National Semiconductor (TI) THS4061CDG4 Datasheet HTML 8Page - National Semiconductor (TI) THS4061CDG4 Datasheet HTML 9Page - National Semiconductor (TI) THS4061CDG4 Datasheet HTML 10Page - National Semiconductor (TI) THS4061CDG4 Datasheet HTML 11Page - National Semiconductor (TI) THS4061CDG4 Datasheet HTML 12Page - National Semiconductor (TI) THS4061CDG4 Datasheet HTML 13Page - National Semiconductor (TI) THS4061CDG4 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
THS4061, THS4062
180MHz HIGHSPEED AMPLIFIERS
SLOS234E − DECEMBER 1998 − REVISED DECEMBER 2003
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 6
1
0.12%
0.08%
0.04%
23
Number of 150
Ω Loads
0.14%
0.1%
0.06%
0.02%
4
DIFFERENTIAL GAIN
vs
NUMBER OF LOADS
Gain = 2
RF = 680
40 IRE − NTSC
Worst Case
±100 IRE Ramp
0%
VCC = ±5
Gain
VCC = ±15
Gain
Figure 7
1
0.6
0.4
°
0.2
°
23
Number of 150
Ω Loads
0.7
°
0.5
°
0.3
°
0.1
°
4
DIFFERENTIAL PHASE
vs
NUMBER OF LOADS
Gain = 2
RF = 680
40 IRE − NTSC
Worst Case
±100 IRE Ramp
0
°
VCC = ± 15
Phase
VCC = ± 5
Phase
Figure 8
1
0.18%
0.14%
0.1%
0.06%
23
Number of 150
Ω Loads
0.16%
0.12%
0.08%
4
DIFFERENTIAL GAIN
vs
NUMBER OF LOADS
0.04%
0%
0.2%
Gain = 2
RF = 680 Ω
40 IRE − PAL
Worst Case
±100 IRE Ramp
0.02%
VCC = ±5
Gain
VCC = ±15
Gain
Figure 9
1
0.9
°
0.7
°
0.5
°
0.3
°
23
Number of 150
Ω Loads
0.8
°
0.6
°
0.4
°
4
DIFFERENTIAL PHASE
vs
NUMBER OF LOADS
0.2
°
0
°
1
°
Gain = 2
RF = 680 Ω
40 IRE − PAL
Worst Case
±100 IRE Ramp
0.1
°
VCC = ±15
Phase
VCC = ±5
Phase


Similar Part No. - THS4061CDG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4061CDG4 TI-THS4061CDG4 Datasheet
869Kb / 30P
180-MHz HIGH-SPEED AMPLIFIERS
THS4061CDG4 TI1-THS4061CDG4 Datasheet
1Mb / 31P
180-MHz HIGH-SPEED AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com