Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FMN-3306S Datasheet(PDF) 4 Page - Sanken electric

Part # FMN-3306S
Description  Fast Recovery Diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

FMN-3306S Datasheet(HTML) 4 Page - Sanken electric

  FMN-3306S Datasheet HTML 1Page - Sanken electric FMN-3306S Datasheet HTML 2Page - Sanken electric FMN-3306S Datasheet HTML 3Page - Sanken electric FMN-3306S Datasheet HTML 4Page - Sanken electric FMN-3306S Datasheet HTML 5Page - Sanken electric FMN-3306S Datasheet HTML 6Page - Sanken electric FMN-3306S Datasheet HTML 7Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Fast Recovery Diode
FMN-3306S
SANKEN ELECTRIC CO.,LTD.
Mar/21/2011
Rev.0.1
4
Derating
0
5
10
15
20
25
30
0
50
100
150
0
5
10
15
20
25
30
0
50
100
150
Case Temperature ― Average Forward Current
Tc − IF(AV)
VR=0(V)
t/T=1/6
t/T=1/2
DC
t/T=1/3
sinewave
Case Temperature ― Average Forward Current
Tc − IF(AV)
VR=600(V)
Case Temperature Tc (°C)
Tj=150℃
t
T
Tj=150℃
t
T
t/T=1/6
t/T=1/2
DC
t/T=1/3,Sinewave
Case Temperature Tc (°C)


Similar Part No. - FMN-3306S

ManufacturerPart #DatasheetDescription
logo
Sanken electric
FMN-1056S SANKEN-FMN-1056S Datasheet
167Kb / 4P
   Silicon Diode
FMN-1106S SANKEN-FMN-1106S Datasheet
137Kb / 5P
   Silicon Diode
FMN-1106S SANKEN-FMN-1106S Datasheet
138Kb / 5P
   Silicon Diode
FMN-1206S SANKEN-FMN-1206S Datasheet
170Kb / 7P
   Fast Recovery Diode
FMN-2206S SANKEN-FMN-2206S Datasheet
149Kb / 5P
   Silicon Diode
More results

Similar Description - FMN-3306S

ManufacturerPart #DatasheetDescription
logo
Rohm
RF501B2S ROHM-RF501B2S_09 Datasheet
468Kb / 4P
   Fast Recovery Diode
RF201L2S ROHM-RF201L2S Datasheet
135Kb / 4P
   Fast Recovery Diode
RF101L2S ROHM-RF101L2S Datasheet
181Kb / 4P
   Fast recovery diode
RF601T2D ROHM-RF601T2D_11 Datasheet
971Kb / 4P
   Fast recovery diode
RF301B2STL ROHM-RF301B2STL Datasheet
409Kb / 4P
   Fast Recovery Diode
logo
Sanken electric
MP2-202S SANKEN-MP2-202S Datasheet
174Kb / 4P
   Fast Recovery Diode
logo
Shenzhen Taychipst Elec...
ERA22-02 TAYCHIPST-ERA22-02 Datasheet
2Mb / 2P
   FAST RECOVERY DIODE
logo
Rohm
RF071M2STR ROHM-RF071M2STR Datasheet
340Kb / 4P
   Fast Recovery Diode
RF101L2STE25 ROHM-RF101L2STE25 Datasheet
352Kb / 4P
   Fast Recovery Diode
logo
Shindengen Electric Mfg...
M1FL40U SHINDENGEN-M1FL40U Datasheet
172Kb / 4P
   Fast Recovery Diode
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com