Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FMN-3306S Datasheet(PDF) 6 Page - Sanken electric

Part # FMN-3306S
Description  Fast Recovery Diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

FMN-3306S Datasheet(HTML) 6 Page - Sanken electric

  FMN-3306S Datasheet HTML 1Page - Sanken electric FMN-3306S Datasheet HTML 2Page - Sanken electric FMN-3306S Datasheet HTML 3Page - Sanken electric FMN-3306S Datasheet HTML 4Page - Sanken electric FMN-3306S Datasheet HTML 5Page - Sanken electric FMN-3306S Datasheet HTML 6Page - Sanken electric FMN-3306S Datasheet HTML 7Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Fast Recovery Diode
FMN-3306S
SANKEN ELECTRIC CO.,LTD.
Mar/21/2011
Rev.0.1
6
OPERATING PRECAUTIONS
Because reliability can be affected adversely by improper storage environments and handling methods, please observe the
following cautions.
Cautions for Storage
 Ensure that storage conditions comply with the standard temperature (5 to 35°C) and the standard relative humidity
(around 40 to 75%); avoid storage locations that experience extreme changes in temperature or humidity.
 Avoid locations where dust or harmful gases are present and avoid direct sunlight.
 Reinspect for rust on leads and solderability of the products that have been stored for a long time.
Cautions for Testing and Handling
When tests are carried out during inspection testing and other standard test periods, protect the products from power
surges from the testing device, shorts between the product pins, and wrong connections. Ensure all test parameters are
within the ratings specified by Sanken for the products.
Remarks About Using Silicone Grease with a Heatsink
 When silicone grease is used in mounting the products on a heatsink, it shall be applied evenly and thinly. If more
silicone grease than required is applied, it may produce excess stress.
 Volatile-type silicone greases may crack after long periods of time, resulting in reduced heat radiation effect. Silicone
greases with low consistency (hard grease) may cause cracks in the mold resin when screwing the products to a heatsink.
Our recommended silicone greases for heat radiation purposes, which will not cause any adverse effect on the product
life, are indicated below:
Type
Suppliers
G746
Shin-Etsu Chemical Co., Ltd.
YG6260
Momentive Performance Materials Inc.
SC102
Dow Corning Toray Co., Ltd.
Cautions for Mounting to a Heatsink
 When the flatness around the screw hole is insufficient, such as when mounting the products to a heatsink that has an
extruded (burred) screw hole, the products can be damaged, even with a lower than recommended screw torque. For
mounting the products, the mounting surface flatness should be 0.05mm or less.
 Please select suitable screws for the product shape. Do not use a flat-head machine screw because of the stress to the
products. Self-tapping screws are not recommended. When using self-tapping screws, the screw may enter the hole
diagonally, not vertically, depending on the conditions of hole before threading or the work situation. That may stress the
products and may cause failures.
 Recommended screw torque
Package
Recommended Screw Torque
TO-220 , TO-220F
0.490 to 0.686 N・m
(5 to 7 kgf・cm)
TO-3P , TO-3PF
0.686 to 0.882 N・m
(7 to 9 kgf・cm)
SLA
0.588 to 0.784 N・m
(6 to 8 kgf・cm)
 For tightening screws, if a tightening tool (such as a driver) hits the products, the package may crack, and internal stress
fractures may occur, which shorten the lifetime of the electrical elements and can cause catastrophic failure. Tightening
with an air driver makes a substantial impact. In addition, a screw torque higher than the set torque can be applied and
the package may be damaged. Therefore, an electric driver is recommended.
When the package is tightened at two or more places, first pre-tighten with a lower torque at all places, then tighten with
the specified torque. When using a power driver, torque control is mandatory.
 Please pay special attention about the slack of the press mold. In case that the hole diameter of the heatsink is less than 4
mm, it may cause the resin crack at tightening.
Soldering
 When soldering the products, please be sure to minimize the working time, within the following limits:
260 ± 5 °C
10 ± 1 s (Flow, 2 times)
380 ± 10 °C 3.5 ± 0.5 s (Soldering iron, 1 time)
 Soldering should be at a distance of at least 1.5 mm from the body of the products.


Similar Part No. - FMN-3306S

ManufacturerPart #DatasheetDescription
logo
Sanken electric
FMN-1056S SANKEN-FMN-1056S Datasheet
167Kb / 4P
   Silicon Diode
FMN-1106S SANKEN-FMN-1106S Datasheet
137Kb / 5P
   Silicon Diode
FMN-1106S SANKEN-FMN-1106S Datasheet
138Kb / 5P
   Silicon Diode
FMN-1206S SANKEN-FMN-1206S Datasheet
170Kb / 7P
   Fast Recovery Diode
FMN-2206S SANKEN-FMN-2206S Datasheet
149Kb / 5P
   Silicon Diode
More results

Similar Description - FMN-3306S

ManufacturerPart #DatasheetDescription
logo
Rohm
RF501B2S ROHM-RF501B2S_09 Datasheet
468Kb / 4P
   Fast Recovery Diode
RF201L2S ROHM-RF201L2S Datasheet
135Kb / 4P
   Fast Recovery Diode
RF101L2S ROHM-RF101L2S Datasheet
181Kb / 4P
   Fast recovery diode
RF601T2D ROHM-RF601T2D_11 Datasheet
971Kb / 4P
   Fast recovery diode
RF301B2STL ROHM-RF301B2STL Datasheet
409Kb / 4P
   Fast Recovery Diode
logo
Sanken electric
MP2-202S SANKEN-MP2-202S Datasheet
174Kb / 4P
   Fast Recovery Diode
logo
Shenzhen Taychipst Elec...
ERA22-02 TAYCHIPST-ERA22-02 Datasheet
2Mb / 2P
   FAST RECOVERY DIODE
logo
Rohm
RF071M2STR ROHM-RF071M2STR Datasheet
340Kb / 4P
   Fast Recovery Diode
RF101L2STE25 ROHM-RF101L2STE25 Datasheet
352Kb / 4P
   Fast Recovery Diode
logo
Shindengen Electric Mfg...
M1FL40U SHINDENGEN-M1FL40U Datasheet
172Kb / 4P
   Fast Recovery Diode
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com