Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S80L186EB16 Datasheet(PDF) 19 Page - InnovASIC, Inc

Part # S80L186EB16
Description  8-Bit/16-Bit Microcontrollers
Download  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

S80L186EB16 Datasheet(HTML) 19 Page - InnovASIC, Inc

Back Button S80L186EB16 Datasheet HTML 15Page - InnovASIC, Inc S80L186EB16 Datasheet HTML 16Page - InnovASIC, Inc S80L186EB16 Datasheet HTML 17Page - InnovASIC, Inc S80L186EB16 Datasheet HTML 18Page - InnovASIC, Inc S80L186EB16 Datasheet HTML 19Page - InnovASIC, Inc S80L186EB16 Datasheet HTML 20Page - InnovASIC, Inc S80L186EB16 Datasheet HTML 21Page - InnovASIC, Inc S80L186EB16 Datasheet HTML 22Page - InnovASIC, Inc S80L186EB16 Datasheet HTML 23Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 85 page
background image
IA186EB/IA188EB
Data Sheet
8-Bit/16-Bit Microcontrollers
July 10, 2011
IA211080314-13
http://www.Innovasic.com
UNCONTROLLED WHEN PRINTED OR COPIED
Customer Support:
Page 19 of 85
1-888-824-4184
2.1.6
PQFP Physical Dimensions
The physical dimensions for the 80 PQFP are as shown in Figure 6.
Figure 6. 80-Pin PQFP Physical Package Dimensions
Legend:
Symbol
Millimeter
Inch
Min Nom Max Min Nom Max
A
– 3.40
0.134
A1
0.25
– 0.010
A2
2.55 2.72 3.05 0.100 0.107 0.120
D
23.90 Basic
0.941 Basic
D1
20.00 Basic
0.787 Basic
E
17.90 Basic
0.705 Basic
E1
14.00 Basic
0.551 Basic
R2
0.013
– 0.30 0.005
0.012
R1
0.013
– 0.005
θ
3.5° 7°
3.5°
θ1
θ2, θ3a
7° REF
7° REF
θ2, θ3b
15° REF
15° REF
c
0.11 0.15 0.23 0.004 0.006 0.009
L
0.73 0.88 1.03 0.029 0.035 0.041
L1
1.95 REF
0.077 REF
S
0.40
– 0.016
b
0.30 0.35 0.45 0.012 0.014 0.018
e
0.80 BSC
0.031 BSC
D2
18.40 REF
0.724
E2
12.00 REF
0.472
Tolerances of Form and Position
aaa
0.25
0.010
bbb
0.20
0.008
ccc
0.20
0.008
aAlloy 42 L/F.
bCopper L/F.
Notes:
1. Dimension D1 and E1 do not include mold protrusion.
Allowable protrusion is 0.25mm per side. Dimension D1
and E1 do not include mold mismatch and are determined
a datum plane
–H– .
2. Dimension b does not include dambar protrusion.
Allowable dambar protrusion will not cause the lead width
to exceed the maximum b dimension by more than
0.08mm. Dambar cannot be located on the lower radius of
the lead foot.


Similar Part No. - S80L186EB16

ManufacturerPart #DatasheetDescription
logo
InnovASIC, Inc
S80L186EB16 INNOVASIC-S80L186EB16 Datasheet
1Mb / 85P
8-Bit/16-Bit Microcontrollers
More results

Similar Description - S80L186EB16

ManufacturerPart #DatasheetDescription
logo
InnovASIC, Inc
IA186EB INNOVASIC-IA186EB Datasheet
1Mb / 85P
8-Bit/16-Bit Microcontrollers
IA186EM INNOVASIC-IA186EM_11 Datasheet
1Mb / 146P
8-Bit/16-Bit Microcontrollers
IA186ES INNOVASIC-IA186ES_11 Datasheet
1Mb / 154P
8-Bit/16-Bit Microcontrollers
IA186EM INNOVASIC-IA186EM_04 Datasheet
2Mb / 133P
8/16-Bit Microcontrollers
IA186ER INNOVASIC-IA186ER Datasheet
3Mb / 146P
16-Bit/8-Bit Microcontrollers with RAM
logo
NEC
UPD784224 NEC-UPD784224 Datasheet
687Kb / 92P
16/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD78363A NEC-UPD78363A Datasheet
502Kb / 96P
16/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784035Y NEC-UPD784035Y Datasheet
503Kb / 94P
16-/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784218 NEC-UPD784218 Datasheet
617Kb / 92P
16-/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784031Y NEC-UPD784031Y Datasheet
464Kb / 88P
16-/8-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com