Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S80L186EB16 Datasheet(PDF) 77 Page - InnovASIC, Inc

Part # S80L186EB16
Description  8-Bit/16-Bit Microcontrollers
Download  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

S80L186EB16 Datasheet(HTML) 77 Page - InnovASIC, Inc

Back Button S80L186EB16 Datasheet HTML 73Page - InnovASIC, Inc S80L186EB16 Datasheet HTML 74Page - InnovASIC, Inc S80L186EB16 Datasheet HTML 75Page - InnovASIC, Inc S80L186EB16 Datasheet HTML 76Page - InnovASIC, Inc S80L186EB16 Datasheet HTML 77Page - InnovASIC, Inc S80L186EB16 Datasheet HTML 78Page - InnovASIC, Inc S80L186EB16 Datasheet HTML 79Page - InnovASIC, Inc S80L186EB16 Datasheet HTML 80Page - InnovASIC, Inc S80L186EB16 Datasheet HTML 81Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 85 page
background image
IA186EB/IA188EB
Data Sheet
8-Bit/16-Bit Microcontrollers
July 10, 2011
IA211080314-13
http://www.Innovasic.com
UNCONTROLLED WHEN PRINTED OR COPIED
Customer Support:
Page 77 of 85
1-888-824-4184
9.
Errata
The following errata are associated with Version 0 of the IA186EB/IA188EB. A workaround to
the identified problem has been provided where possible.
9.1
Summary
Table 25 presents a summary of errata.
Table 25. Summary of Errata
Errata No.
Problem
Ver. 0
Ver. 2
1
Alternate Mode (TxCON[1] == 1) for timer 0 and 1 has some functional
issues.
Exists
Fixed
2
When the extension byte (mod field) is set to ―11,‖ some instructions will
cause the CPU to hang.
Exists
Fixed
3
When the chip is put in SFNM mode for INT0 or INT1, the LVL bit is
automatically set for those interrupts.
Exists
Fixed
4
Timer 2 will stop or not start counting.
Exists
Fixed
5
Write does not occur when counter is actively counting.
Exists
Fixed
6
Program Counter can become corrupted if an interrupt occurs.
Exists
Fixed
7
Bound instruction uses bad data when index addresses are on odd
boundary in memory.
Exists
Fixed
8
Pin LOCK_n does not have an internal pullup and will float during reset
and bus hold.
Exists
Exists
9
The Relocation Register (RELREG, PCB offset 0xA8) can only be modified
by an 8-bit write.
Exists
Exists
10
When the timer compare register for any of the timers is set to x0000, the
max count is xFFFF instead of x10000 as in the OEM part.
Exists
Exists
11
NMI cannot bring chip out of powerdown mode.
-
Exists


Similar Part No. - S80L186EB16

ManufacturerPart #DatasheetDescription
logo
InnovASIC, Inc
S80L186EB16 INNOVASIC-S80L186EB16 Datasheet
1Mb / 85P
   8-Bit/16-Bit Microcontrollers
More results

Similar Description - S80L186EB16

ManufacturerPart #DatasheetDescription
logo
InnovASIC, Inc
IA186EB INNOVASIC-IA186EB Datasheet
1Mb / 85P
   8-Bit/16-Bit Microcontrollers
IA186EM INNOVASIC-IA186EM_11 Datasheet
1Mb / 146P
   8-Bit/16-Bit Microcontrollers
IA186ES INNOVASIC-IA186ES_11 Datasheet
1Mb / 154P
   8-Bit/16-Bit Microcontrollers
IA186EM INNOVASIC-IA186EM_04 Datasheet
2Mb / 133P
   8/16-Bit Microcontrollers
IA186ER INNOVASIC-IA186ER Datasheet
3Mb / 146P
   16-Bit/8-Bit Microcontrollers with RAM
logo
NEC
UPD784224 NEC-UPD784224 Datasheet
687Kb / 92P
   16/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD78363A NEC-UPD78363A Datasheet
502Kb / 96P
   16/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784035Y NEC-UPD784035Y Datasheet
503Kb / 94P
   16-/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784218 NEC-UPD784218 Datasheet
617Kb / 92P
   16-/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784031Y NEC-UPD784031Y Datasheet
464Kb / 88P
   16-/8-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com