Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S80L186EB16 Datasheet(PDF) 51 Page - InnovASIC, Inc

Part # S80L186EB16
Description  8-Bit/16-Bit Microcontrollers
Download  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

S80L186EB16 Datasheet(HTML) 51 Page - InnovASIC, Inc

Back Button S80L186EB16 Datasheet HTML 47Page - InnovASIC, Inc S80L186EB16 Datasheet HTML 48Page - InnovASIC, Inc S80L186EB16 Datasheet HTML 49Page - InnovASIC, Inc S80L186EB16 Datasheet HTML 50Page - InnovASIC, Inc S80L186EB16 Datasheet HTML 51Page - InnovASIC, Inc S80L186EB16 Datasheet HTML 52Page - InnovASIC, Inc S80L186EB16 Datasheet HTML 53Page - InnovASIC, Inc S80L186EB16 Datasheet HTML 54Page - InnovASIC, Inc S80L186EB16 Datasheet HTML 55Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 85 page
background image
IA186EB/IA188EB
Data Sheet
8-Bit/16-Bit Microcontrollers
July 10, 2011
IA211080314-13
http://www.Innovasic.com
UNCONTROLLED WHEN PRINTED OR COPIED
Customer Support:
Page 51 of 85
1-888-824-4184
4.3
Reference Documents
Additional information on the operation and programming of the 80C186EB/80C188EB can be
found in the following Intel publications:
80C186EB/80C188EB and 80L186EB/80L188EB 16-Bit High-Integration Embedded
Processors (272433-006)
80C186EB/80C188EB Microprocessor User’s Manual (270830-00n)
5.
AC Specifications
This chapter defines the AC specifications of the IA186EB/IA188EB. Input characteristics are
provided in Figure 12 and Tables 13 and 14. Output characteristics are provided in Figure 13
and Tables 15 and 16. Relative timing characteristics are provided in Figure 14 and Table 17.
Clock input and clock output timing characteristics are provided in Figure 18 and Tables 18
and 19. Additional timing information is provided in Chapter 7, Bus Timing, and Chapter 8,
Instruction Execution Times.
The following test conditions were used to derive the values in Tables 13 – 16: Rev. 0 was tested
at 100C and 4.75V; Rev. 2 was tested at 100C and 4.5V.
Figure 12. AC Input Characteristics
clkout
50%
Valid
t
CHIH
Min
Min
t
CHIS
Valid
t
CLIH
Min
Min
t
CLIS


Similar Part No. - S80L186EB16

ManufacturerPart #DatasheetDescription
logo
InnovASIC, Inc
S80L186EB16 INNOVASIC-S80L186EB16 Datasheet
1Mb / 85P
   8-Bit/16-Bit Microcontrollers
More results

Similar Description - S80L186EB16

ManufacturerPart #DatasheetDescription
logo
InnovASIC, Inc
IA186EB INNOVASIC-IA186EB Datasheet
1Mb / 85P
   8-Bit/16-Bit Microcontrollers
IA186EM INNOVASIC-IA186EM_11 Datasheet
1Mb / 146P
   8-Bit/16-Bit Microcontrollers
IA186ES INNOVASIC-IA186ES_11 Datasheet
1Mb / 154P
   8-Bit/16-Bit Microcontrollers
IA186EM INNOVASIC-IA186EM_04 Datasheet
2Mb / 133P
   8/16-Bit Microcontrollers
IA186ER INNOVASIC-IA186ER Datasheet
3Mb / 146P
   16-Bit/8-Bit Microcontrollers with RAM
logo
NEC
UPD784224 NEC-UPD784224 Datasheet
687Kb / 92P
   16/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD78363A NEC-UPD78363A Datasheet
502Kb / 96P
   16/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784035Y NEC-UPD784035Y Datasheet
503Kb / 94P
   16-/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784218 NEC-UPD784218 Datasheet
617Kb / 92P
   16-/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784031Y NEC-UPD784031Y Datasheet
464Kb / 88P
   16-/8-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com