Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S80L186EB16 Datasheet(PDF) 36 Page - InnovASIC, Inc

Part # S80L186EB16
Description  8-Bit/16-Bit Microcontrollers
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

S80L186EB16 Datasheet(HTML) 36 Page - InnovASIC, Inc

Back Button S80L186EB16 Datasheet HTML 32Page - InnovASIC, Inc S80L186EB16 Datasheet HTML 33Page - InnovASIC, Inc S80L186EB16 Datasheet HTML 34Page - InnovASIC, Inc S80L186EB16 Datasheet HTML 35Page - InnovASIC, Inc S80L186EB16 Datasheet HTML 36Page - InnovASIC, Inc S80L186EB16 Datasheet HTML 37Page - InnovASIC, Inc S80L186EB16 Datasheet HTML 38Page - InnovASIC, Inc S80L186EB16 Datasheet HTML 39Page - InnovASIC, Inc S80L186EB16 Datasheet HTML 40Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 85 page
background image
IA186EB/IA188EB
Data Sheet
8-Bit/16-Bit Microcontrollers
July 10, 2011
IA211080314-13
http://www.Innovasic.com
UNCONTROLLED WHEN PRINTED OR COPIED
Customer Support:
Page 36 of 85
1-888-824-4184
Table 8. IA188EB Pin/Signal Descriptions (Continued)
Signal
Pin
Description
Name
PLCC
LQFP
PQFP
gcs0_n
p1.0/gcs0_n
28
16
59
generic chip select n (n = 0
–7). Output. Active
Low. When programmed and enabled, each of
these pins provide a chip select signal that will
be asserted (low) whenever the address of a
memory or I/O bus cycle is within the address
space programmed for that output.
gcs1_n
p1.1/gcs1_n
27
15
58
gcs2_n
p1.2/gcs2_n
26
14
57
gcs3_n
p1.3/gcs3_n
25
13
56
gcs4_n
p1.4/gcs4_n
24
12
55
gcs5_n
p1.5/gcs5_n
21
9
52
gcs6_n
p1.6/gcs6_n
20
8
51
gcs7_n
p1.7/gcs7_n
19
7
50
hlda
hlda
12
1
44
hold acknowledge. Output. Active High.
When hlda is asserted (high), it indicates that
the IA188EB has relinquished control of the
local bus to another bus master in response to
a HOLD request (see next table entry).
When hlda is asserted, the IA188EB data bus
and control signals are floated, allowing another
bus master to drive the signals directly.
hold
(input)
hold
(input)
13
2
45
hold. Input. Active High. This signal is a
request indicating that an external bus master
wishes to gain control of the local bus. The
IA188EB will relinquish control of the local bus
between instruction boundaries not conditioned
by a lock prefix.
int0
(input)
int0
(input only)
31
19
62
interrupt N (N = 0
–4). Input/Output. Active
High. These maskable inputs interrupt program
flow and cause execution to continue at an
interrupt vector of a specific interrupt type as
follows:
int0: Type 12
int1: Type 13
int2: Type 14
int3: Type 15
int4: Type 17
To allow interrupt expansion, int0 and int1 can
be used with the interrupt acknowledge signals
inta0_n and inta1_n (see next table entries) to
serve as external interrupt inputs or interrupt
acknowledge outputs.
int1
(input)
int1
(input only)
32
20
63
int2
int2/inta0_n
33
21
64
int3
int3/inta1_n
34
22
65
int4 (input)
int4
(input only)
35
23
66
inta0_n
int2/inta0_n
33
21
64
interrupt acknowledge 0. Output. Active Low.
This pin provides an interrupt acknowledge
handshake in response to an interrupt request
on the int0 pin (see previous table entry).


Similar Part No. - S80L186EB16

ManufacturerPart #DatasheetDescription
logo
InnovASIC, Inc
S80L186EB16 INNOVASIC-S80L186EB16 Datasheet
1Mb / 85P
8-Bit/16-Bit Microcontrollers
More results

Similar Description - S80L186EB16

ManufacturerPart #DatasheetDescription
logo
NEC
UPD78363A NEC-UPD78363A Datasheet
502Kb / 96P
16/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784031Y NEC-UPD784031Y Datasheet
464Kb / 88P
16-/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784035Y NEC-UPD784035Y Datasheet
503Kb / 94P
16-/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784218 NEC-UPD784218 Datasheet
617Kb / 92P
16-/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784224 NEC-UPD784224 Datasheet
687Kb / 92P
16/8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
InnovASIC, Inc
IA186EM INNOVASIC-IA186EM_04 Datasheet
2Mb / 133P
8/16-Bit Microcontrollers
IA186EB INNOVASIC-IA186EB Datasheet
1Mb / 85P
8-Bit/16-Bit Microcontrollers
IA186EM INNOVASIC-IA186EM_11 Datasheet
1Mb / 146P
8-Bit/16-Bit Microcontrollers
IA186ES INNOVASIC-IA186ES_11 Datasheet
1Mb / 154P
8-Bit/16-Bit Microcontrollers
IA186ER INNOVASIC-IA186ER Datasheet
3Mb / 146P
16-Bit/8-Bit Microcontrollers with RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com