Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S80L186EB16 Datasheet(PDF) 33 Page - InnovASIC, Inc

Part # S80L186EB16
Description  8-Bit/16-Bit Microcontrollers
Download  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

S80L186EB16 Datasheet(HTML) 33 Page - InnovASIC, Inc

Back Button S80L186EB16 Datasheet HTML 29Page - InnovASIC, Inc S80L186EB16 Datasheet HTML 30Page - InnovASIC, Inc S80L186EB16 Datasheet HTML 31Page - InnovASIC, Inc S80L186EB16 Datasheet HTML 32Page - InnovASIC, Inc S80L186EB16 Datasheet HTML 33Page - InnovASIC, Inc S80L186EB16 Datasheet HTML 34Page - InnovASIC, Inc S80L186EB16 Datasheet HTML 35Page - InnovASIC, Inc S80L186EB16 Datasheet HTML 36Page - InnovASIC, Inc S80L186EB16 Datasheet HTML 37Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 85 page
background image
IA186EB/IA188EB
Data Sheet
8-Bit/16-Bit Microcontrollers
July 10, 2011
IA211080314-13
http://www.Innovasic.com
UNCONTROLLED WHEN PRINTED OR COPIED
Customer Support:
Page 33 of 85
1-888-824-4184
Table 7. IA186EB Pin/Signal Descriptions (Continued)
Signal
Pin
Description
Name
PLCC
LQFP
PQFP
t1out
t1out
47
34
77
timer 1 output. Output. Depending on the
Timer Mode programmed for Timer 1, this
output can provide a single clock or a
continuous waveform.
test_n
test_n/busy
14
3
46
test. Input. Active Low. When the test_n
input is high (i.e., not asserted), it causes the
IA186EB to suspend operation during the
execution of the WAIT instruction. Operation
resumes when the pin is sampled low
(asserted).
txd0
txd0
52
39
2
Transmit (tx) data, Serial Port 0. Output. This
pin is the serial data output for Serial Port 0.
During synchronous serial communications,
txd0 becomes the transmit clock (rxd0
functions as an output for data transmission).
txd1
p2.1/txd1
58
45
8
Transmit (tx) data, Serial Port 1. Output. This
pin is the serial data output for Serial Port 1.
During synchronous serial communications,
txd1 becomes the transmit clock (rxd1
functions as an output for data transmission).
ucs_n
ucs_n
30
18
61
upper chip select. Output. Active Low. This
pin provides a chip select signal that will be
asserted (low) whenever the address of a
memory bus cycle is within the address space
programmed for that output.
vcc
vcc
1, 23,
42, 64
11, 29,
50, 71
13, 34,
54, 72
Power (vcc). This pin provides power for the
IA186EB device. It must be connected to a
+5V DC power source.
vss
vss
2, 22,
43, 63,
65, 84
10, 30,
49, 51,
70, 72
12, 14,
33, 35,
53, 73
Ground (vss). This pin provides the digital
ground (0V) for the IA186EB. It must be
connected to a vss board plane.
wr_n
wr_n
5
74
37
write. Output. Active Low. When asserted
(low), wr_n indicates that data available on the
data bus are to be latched into the accessed
memory or I/O device.


Similar Part No. - S80L186EB16

ManufacturerPart #DatasheetDescription
logo
InnovASIC, Inc
S80L186EB16 INNOVASIC-S80L186EB16 Datasheet
1Mb / 85P
   8-Bit/16-Bit Microcontrollers
More results

Similar Description - S80L186EB16

ManufacturerPart #DatasheetDescription
logo
InnovASIC, Inc
IA186EB INNOVASIC-IA186EB Datasheet
1Mb / 85P
   8-Bit/16-Bit Microcontrollers
IA186EM INNOVASIC-IA186EM_11 Datasheet
1Mb / 146P
   8-Bit/16-Bit Microcontrollers
IA186ES INNOVASIC-IA186ES_11 Datasheet
1Mb / 154P
   8-Bit/16-Bit Microcontrollers
IA186EM INNOVASIC-IA186EM_04 Datasheet
2Mb / 133P
   8/16-Bit Microcontrollers
IA186ER INNOVASIC-IA186ER Datasheet
3Mb / 146P
   16-Bit/8-Bit Microcontrollers with RAM
logo
NEC
UPD784224 NEC-UPD784224 Datasheet
687Kb / 92P
   16/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD78363A NEC-UPD78363A Datasheet
502Kb / 96P
   16/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784035Y NEC-UPD784035Y Datasheet
503Kb / 94P
   16-/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784218 NEC-UPD784218 Datasheet
617Kb / 92P
   16-/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784031Y NEC-UPD784031Y Datasheet
464Kb / 88P
   16-/8-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com