Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S80L186EB16 Datasheet(PDF) 31 Page - InnovASIC, Inc

Part # S80L186EB16
Description  8-Bit/16-Bit Microcontrollers
Download  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

S80L186EB16 Datasheet(HTML) 31 Page - InnovASIC, Inc

Back Button S80L186EB16 Datasheet HTML 27Page - InnovASIC, Inc S80L186EB16 Datasheet HTML 28Page - InnovASIC, Inc S80L186EB16 Datasheet HTML 29Page - InnovASIC, Inc S80L186EB16 Datasheet HTML 30Page - InnovASIC, Inc S80L186EB16 Datasheet HTML 31Page - InnovASIC, Inc S80L186EB16 Datasheet HTML 32Page - InnovASIC, Inc S80L186EB16 Datasheet HTML 33Page - InnovASIC, Inc S80L186EB16 Datasheet HTML 34Page - InnovASIC, Inc S80L186EB16 Datasheet HTML 35Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 85 page
background image
IA186EB/IA188EB
Data Sheet
8-Bit/16-Bit Microcontrollers
July 10, 2011
IA211080314-13
http://www.Innovasic.com
UNCONTROLLED WHEN PRINTED OR COPIED
Customer Support:
Page 31 of 85
1-888-824-4184
Table 7. IA186EB Pin/Signal Descriptions (Continued)
Signal
Pin
Description
Name
PLCC
LQFP
PQFP
pdtmr
pdtmr
36
24
67
power-down timer. Input/Output (push-pull).
Note: The IA186EB enters Powerdown Mode
when the PWRDN bit in the Power Control
Register is set to 1 and a HALT instruction is
executed. Exit from the Powerdown Mode
occurs upon receipt of a non-maskable interrupt
(i.e., assertion of the nmi input) or a reset (i.e.,
assertion of the resin_n input).
The pdtmr pin, which is normally connected to
an external capacitor, determines the amount of
time that the IA186EB waits before resuming
normal operation after an exit from the
Powerdown when a non-maskable interrupt is
received
—essentially a delay between the
assertion of the nmi input and the enabling of
the IA186EB internal clocks. The delay
required depends on the start-up characteristics
of the crystal oscillator.
The pdtmr pin does not apply when the
Powerdown Mode is exited by the receipt of a
reset (i.e., the assertion resin_n).
pereq
pereq
39
NA
NA
numerics coprocessor external request. Input.
Active High. When asserted (high), this signal
indicates that a data transfer between an Intel
80C187 Numerics Coprocessor.and memory is
pending. This applies to the PLCC only.
rd_n
rd_n
4
73
36
read. Output. Active Low. When asserted
(low), rd_n indicates that the accessed memory
or I/O device must drive data from the location
being accessed onto the data bus.
ready
ready
18
6
49
ready. Input. Active High. When asserted
(high) the ready line indicates a bus-cycle
completion. This signal must be active to
terminate any bus cycle unless the IA186EB
Chip-Select Unit is configured to ignore ready.
resin_n
resin_n
37
25
68
reset input. Input. Active Low. When resin_n
is asserted (low), the IA186EB immediately
terminates any bus cycle in progress and
assumes an initialized state. All pins are driven
to a known state, and resout (see next table
entry) is asserted.


Similar Part No. - S80L186EB16

ManufacturerPart #DatasheetDescription
logo
InnovASIC, Inc
S80L186EB16 INNOVASIC-S80L186EB16 Datasheet
1Mb / 85P
8-Bit/16-Bit Microcontrollers
More results

Similar Description - S80L186EB16

ManufacturerPart #DatasheetDescription
logo
InnovASIC, Inc
IA186EB INNOVASIC-IA186EB Datasheet
1Mb / 85P
8-Bit/16-Bit Microcontrollers
IA186EM INNOVASIC-IA186EM_11 Datasheet
1Mb / 146P
8-Bit/16-Bit Microcontrollers
IA186ES INNOVASIC-IA186ES_11 Datasheet
1Mb / 154P
8-Bit/16-Bit Microcontrollers
IA186EM INNOVASIC-IA186EM_04 Datasheet
2Mb / 133P
8/16-Bit Microcontrollers
IA186ER INNOVASIC-IA186ER Datasheet
3Mb / 146P
16-Bit/8-Bit Microcontrollers with RAM
logo
NEC
UPD784224 NEC-UPD784224 Datasheet
687Kb / 92P
16/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD78363A NEC-UPD78363A Datasheet
502Kb / 96P
16/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784035Y NEC-UPD784035Y Datasheet
503Kb / 94P
16-/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784218 NEC-UPD784218 Datasheet
617Kb / 92P
16-/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784031Y NEC-UPD784031Y Datasheet
464Kb / 88P
16-/8-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com