![]() |
Electronic Components Datasheet Search |
|
S80L186EB16 Datasheet(PDF) 30 Page - InnovASIC, Inc |
|
|
S80L186EB16 Datasheet(HTML) 30 Page - InnovASIC, Inc |
30 / 85 page ![]() IA186EB/IA188EB Data Sheet 8-Bit/16-Bit Microcontrollers July 10, 2011 IA211080314-13 http://www.Innovasic.com UNCONTROLLED WHEN PRINTED OR COPIED Customer Support: Page 30 of 85 1-888-824-4184 Table 7. IA186EB Pin/Signal Descriptions (Continued) Signal Pin Description Name PLCC LQFP PQFP oscout oscout 40 27 70 oscillator output. Output. The oscout pin is the output connection for an external crystal that drives the IA186EB internal Pierce oscillator. (When an external crystal is used, it is connected between this pin and the clkin pin. See clkin table entry.) Note: If an external oscillator or clock source is used to drive the IA186EB instead of a crystal, oscout must be left unconnected (i.e., must float). When the IA186EB is operating in the ONCE mode, oscout does not float. p1.0 p1.0/gcs0_n 28 16 59 port 1, Bit [N] (N = 0 –7). Output. Each pin of Port 1, p1.0 –p1.7, can function individually as a general-purpose output line. p1.1 p1.1/gcs1_n 27 15 58 p1.2 p1.2/gcs2_n 26 14 57 p1.3 p1.3/gcs3_n 25 13 56 p1.4 p1.4/gcs4_n 24 12 55 p1.5 p1.5/gcs5_n 21 9 52 p1.6 p1.6/gcs6_n 20 8 51 p1.7 p1.7/gcs7_n 19 7 50 p2.0 p2.0/rxd1 57 44 7 port 2, Bit [0]. Input/Output. This pin functions as a general-purpose I/O line. p2.1 p2.1/txd1 58 45 8 port 2, Bit [1]. Output. This pin functions as a general-purpose output line. p2.2 p2.2/bclk1 59 46 9 port 2, Bit [2]. Input. This pin functions as a general-purpose input line. p2.3 p2.3/sint1 55 42 5 port 2, Bit [3]. Output. This pin functions as a general-purpose output line. p2.4 p2.4/cts1_n 56 43 6 port 2, Bit [4]. Input. This pin functions as a general-purpose input line. p2.5 p2.5/bclk0 54 41 4 port 2, Bit [5]. Input. This pin functions as a general-purpose input line. p2.6 p2.6 50 37 80 port 2, Bit [6]. Input/Output (open drain). This pin functions as a general-purpose bidirectional input/output line. p2.7 p2.7 49 36 79 port 2, Bit [7]. Input/Output (open drain). This pin functions as a general-purpose bidirectional input/output line. |
Similar Part No. - S80L186EB16 |
|
Similar Description - S80L186EB16 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |