Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S80L186EB16 Datasheet(PDF) 29 Page - InnovASIC, Inc

Part # S80L186EB16
Description  8-Bit/16-Bit Microcontrollers
Download  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

S80L186EB16 Datasheet(HTML) 29 Page - InnovASIC, Inc

Back Button S80L186EB16 Datasheet HTML 25Page - InnovASIC, Inc S80L186EB16 Datasheet HTML 26Page - InnovASIC, Inc S80L186EB16 Datasheet HTML 27Page - InnovASIC, Inc S80L186EB16 Datasheet HTML 28Page - InnovASIC, Inc S80L186EB16 Datasheet HTML 29Page - InnovASIC, Inc S80L186EB16 Datasheet HTML 30Page - InnovASIC, Inc S80L186EB16 Datasheet HTML 31Page - InnovASIC, Inc S80L186EB16 Datasheet HTML 32Page - InnovASIC, Inc S80L186EB16 Datasheet HTML 33Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 85 page
background image
IA186EB/IA188EB
Data Sheet
8-Bit/16-Bit Microcontrollers
July 10, 2011
IA211080314-13
http://www.Innovasic.com
UNCONTROLLED WHEN PRINTED OR COPIED
Customer Support:
Page 29 of 85
1-888-824-4184
Table 7. IA186EB Pin/Signal Descriptions (Continued)
Signal
Pin
Description
Name
PLCC
LQFP
PQFP
inta1_n
int3/inta1_n
34
22
65
interrupt acknowledge 1. Input/Output. Active
Low. This pin provides an interrupt
acknowledge handshake in response to an
interrupt request on the int1 pin (see previous
table entry).
lcs_n
lcs_n
29
17
60
lower chip select. Output. Active Low. This
pin provides a chip select signal that will be
asserted (low) whenever the address of a
memory bus cycle is within the address space
programmed for that output.
lock_n
lock_n
15
4
47
lock. Output. Active Low. When asserted
(low), this signal indicates that the bus cycle in
progress is cannot be interrupted. While
lock_n is active, the IA186EB will not service
bus requests such as HOLD.
ncs_n
ncs_n
60
NA
NA
numerics coprocessor select. Output. Active
Low. This signal is asserted (low) when the
IA186EB accesses an Intel 80C187 Numerics
Coprocessor.
nmi
nmi
17
5
48
non-maskable interrupt. Input. Active High.
When the nmi signal is asserted (high) it
causes a Type 2 interrupt to be serviced by the
IA186EB.
Note: The assertion of nmi is latched internally
by the IA186EB.
once_n
a19/once_n
83
69
32
on-circuit emulation. Input. Active Low. Note:
ONCE Mode is used for device testing.
If the once_n pin is driven low during a reset
operation, all IA186EB output and input/output
pins are placed in a high-impedance state.
This pin is weakly held high while resin_n is
active.


Similar Part No. - S80L186EB16

ManufacturerPart #DatasheetDescription
logo
InnovASIC, Inc
S80L186EB16 INNOVASIC-S80L186EB16 Datasheet
1Mb / 85P
8-Bit/16-Bit Microcontrollers
More results

Similar Description - S80L186EB16

ManufacturerPart #DatasheetDescription
logo
NEC
UPD78363A NEC-UPD78363A Datasheet
502Kb / 96P
16/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784031Y NEC-UPD784031Y Datasheet
464Kb / 88P
16-/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784035Y NEC-UPD784035Y Datasheet
503Kb / 94P
16-/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784218 NEC-UPD784218 Datasheet
617Kb / 92P
16-/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784224 NEC-UPD784224 Datasheet
687Kb / 92P
16/8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
InnovASIC, Inc
IA186EM INNOVASIC-IA186EM_04 Datasheet
2Mb / 133P
8/16-Bit Microcontrollers
IA186EB INNOVASIC-IA186EB Datasheet
1Mb / 85P
8-Bit/16-Bit Microcontrollers
IA186EM INNOVASIC-IA186EM_11 Datasheet
1Mb / 146P
8-Bit/16-Bit Microcontrollers
IA186ES INNOVASIC-IA186ES_11 Datasheet
1Mb / 154P
8-Bit/16-Bit Microcontrollers
IA186ER INNOVASIC-IA186ER Datasheet
3Mb / 146P
16-Bit/8-Bit Microcontrollers with RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com