Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S80L186EB16 Datasheet(PDF) 28 Page - InnovASIC, Inc

Part # S80L186EB16
Description  8-Bit/16-Bit Microcontrollers
Download  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

S80L186EB16 Datasheet(HTML) 28 Page - InnovASIC, Inc

Back Button S80L186EB16 Datasheet HTML 24Page - InnovASIC, Inc S80L186EB16 Datasheet HTML 25Page - InnovASIC, Inc S80L186EB16 Datasheet HTML 26Page - InnovASIC, Inc S80L186EB16 Datasheet HTML 27Page - InnovASIC, Inc S80L186EB16 Datasheet HTML 28Page - InnovASIC, Inc S80L186EB16 Datasheet HTML 29Page - InnovASIC, Inc S80L186EB16 Datasheet HTML 30Page - InnovASIC, Inc S80L186EB16 Datasheet HTML 31Page - InnovASIC, Inc S80L186EB16 Datasheet HTML 32Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 85 page
background image
IA186EB/IA188EB
Data Sheet
8-Bit/16-Bit Microcontrollers
July 10, 2011
IA211080314-13
http://www.Innovasic.com
UNCONTROLLED WHEN PRINTED OR COPIED
Customer Support:
Page 28 of 85
1-888-824-4184
Table 7. IA186EB Pin/Signal Descriptions (Continued)
Signal
Pin
Description
Name
PLCC
LQFP
PQFP
gcs0_n
p1.0/gcs0_n
28
16
59
generic chip select n (n = 0
–7). Output. Active
Low. When programmed and enabled, each of
these pins provide a chip select signal that will
be asserted (low) whenever the address of a
memory or I/O bus cycle is within the address
space programmed for that output.
gcs1_n
p1.1/gcs1_n
27
15
58
gcs2_n
p1.2/gcs2_n
26
14
57
gcs3_n
p1.3/gcs3_n
25
13
56
gcs4_n
p1.4/gcs4_n
24
12
55
gcs5_n
p1.5/gcs5_n
21
9
52
gcs6_n
p1.6/gcs6_n
20
8
51
gcs7_n
p1.7/gcs7_n
19
7
50
hlda
hlda
12
1
44
hold acknowledge. Output. Active High.
When hlda is asserted (high), it indicates that
the IA186EB has relinquished control of the
local bus to another bus master in response to
a HOLD request (see next table entry).
When hlda is asserted, the IA186EB data bus
and control signals float, allowing another bus
master to drive the signals directly.
hold
hold
13
2
45
hold. Input. Active High. This signal is a
request indicating that an external bus master
wishes to gain control of the local bus. The
IA186EB will relinquish control of the local bus
between instruction boundaries not conditioned
by a LOCK prefix.
int0
(input)
int0
(input only)
31
19
62
interrupt n (n = 0-4). Input/Output. Active
High. These maskable inputs interrupt program
flow and cause execution to continue at an
interrupt vector of a specific interrupt type as
follows:
int0: Type 12
int1: Type 13
int2: Type 14
int3: Type 15
int4: Type 17
To allow interrupt expansion, int0 and int1 can
be used with the interrupt acknowledge signals
inta0_n and inta1_n (see next table entries) to
serve as external interrupt inputs or interrupt
acknowledge outputs.
int1
(input)
int1
(input only)
32
20
63
int2
int2/inta0_n
33
21
64
int3
int3/inta1_n
34
22
65
int4
(input)
int4
(input only)
35
23
66
inta0_n
int2/inta0_n
33
21
64
interrupt acknowledge 0. Input/Output. Active
Low. This pin provides an interrupt
acknowledge handshake in response to an
interrupt request on the int0 pin (see previous
table entry).


Similar Part No. - S80L186EB16

ManufacturerPart #DatasheetDescription
logo
InnovASIC, Inc
S80L186EB16 INNOVASIC-S80L186EB16 Datasheet
1Mb / 85P
8-Bit/16-Bit Microcontrollers
More results

Similar Description - S80L186EB16

ManufacturerPart #DatasheetDescription
logo
InnovASIC, Inc
IA186EB INNOVASIC-IA186EB Datasheet
1Mb / 85P
8-Bit/16-Bit Microcontrollers
IA186EM INNOVASIC-IA186EM_11 Datasheet
1Mb / 146P
8-Bit/16-Bit Microcontrollers
IA186ES INNOVASIC-IA186ES_11 Datasheet
1Mb / 154P
8-Bit/16-Bit Microcontrollers
IA186EM INNOVASIC-IA186EM_04 Datasheet
2Mb / 133P
8/16-Bit Microcontrollers
IA186ER INNOVASIC-IA186ER Datasheet
3Mb / 146P
16-Bit/8-Bit Microcontrollers with RAM
logo
NEC
UPD784224 NEC-UPD784224 Datasheet
687Kb / 92P
16/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD78363A NEC-UPD78363A Datasheet
502Kb / 96P
16/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784035Y NEC-UPD784035Y Datasheet
503Kb / 94P
16-/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784218 NEC-UPD784218 Datasheet
617Kb / 92P
16-/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784031Y NEC-UPD784031Y Datasheet
464Kb / 88P
16-/8-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com