Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S80L186EB16 Datasheet(PDF) 27 Page - InnovASIC, Inc

Part # S80L186EB16
Description  8-Bit/16-Bit Microcontrollers
Download  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

S80L186EB16 Datasheet(HTML) 27 Page - InnovASIC, Inc

Back Button S80L186EB16 Datasheet HTML 23Page - InnovASIC, Inc S80L186EB16 Datasheet HTML 24Page - InnovASIC, Inc S80L186EB16 Datasheet HTML 25Page - InnovASIC, Inc S80L186EB16 Datasheet HTML 26Page - InnovASIC, Inc S80L186EB16 Datasheet HTML 27Page - InnovASIC, Inc S80L186EB16 Datasheet HTML 28Page - InnovASIC, Inc S80L186EB16 Datasheet HTML 29Page - InnovASIC, Inc S80L186EB16 Datasheet HTML 30Page - InnovASIC, Inc S80L186EB16 Datasheet HTML 31Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 85 page
background image
IA186EB/IA188EB
Data Sheet
8-Bit/16-Bit Microcontrollers
July 10, 2011
IA211080314-13
http://www.Innovasic.com
UNCONTROLLED WHEN PRINTED OR COPIED
Customer Support:
Page 27 of 85
1-888-824-4184
Table 7. IA186EB Pin/Signal Descriptions (Continued)
Signal
Pin
Description
Name
PLCC
LQFP
PQFP
clkin
clkin
41
28
71
clock input. Input. The clkin pin is the input
connection for an external clock. An external
oscillator operating at two times the required
processor operating frequency can be
connected to this pin.
If a crystal is used to supply the clock, it is
connected between the clkin pin and the
oscout pin (see oscout table entry). When a
crystal is connected, it drives an internal Pierce
oscillator to the IA186EB.
clkout
clkout
44
31
74
clock output. Output. The clkout pin provides
a timing reference for inputs and outputs of the
IA186EB. This clock output is one-half the
input clock (clkin) frequency. The clkout
signal has a 50% duty cycle, transitioning every
falling edge of clkin.
cts0_n
cts0_n
51
38
1
clear to send, Serial Port 0. Input. Active Low.
When this input is high (i.e., not asserted), data
transmission from Serial Port 0 is inhibited.
When the signal is asserted (low), data
transmission is permitted.
cts1_n
p2.4/cts1_n
56
43
6
clear to send, Serial Port 1. Input. Active Low.
When this input is high (i.e., not asserted), data
transmission from Serial Port 1 is inhibited.
When the signal is asserted (low), data
transmission is permitted.
den_n
den_n
11
80
43
data enable. Output. Active Low. This signal
is used to enable of bidirectional transceivers in
a buffered system. The den_n signal is
asserted (low) only when data is to be
transferred on the bus.
dt/r_n
dt/r_n
16
NA
NA
data transmit/receive. Output. This signal is
used to control the direction of data flow for
bidirectional buffers in a buffered system.
When dt/r_n is high, the direction indicated is
transmit; when dt/t_n is low, the direction
indicated is receive.
error_n
error_n
3
NA
NA
error. Input. Active Low. When this signal is
asserted (low), it indicates that the last
numerics coprocessor operation resulted in an
exception condition.


Similar Part No. - S80L186EB16

ManufacturerPart #DatasheetDescription
logo
InnovASIC, Inc
S80L186EB16 INNOVASIC-S80L186EB16 Datasheet
1Mb / 85P
   8-Bit/16-Bit Microcontrollers
More results

Similar Description - S80L186EB16

ManufacturerPart #DatasheetDescription
logo
InnovASIC, Inc
IA186EB INNOVASIC-IA186EB Datasheet
1Mb / 85P
   8-Bit/16-Bit Microcontrollers
IA186EM INNOVASIC-IA186EM_11 Datasheet
1Mb / 146P
   8-Bit/16-Bit Microcontrollers
IA186ES INNOVASIC-IA186ES_11 Datasheet
1Mb / 154P
   8-Bit/16-Bit Microcontrollers
IA186EM INNOVASIC-IA186EM_04 Datasheet
2Mb / 133P
   8/16-Bit Microcontrollers
IA186ER INNOVASIC-IA186ER Datasheet
3Mb / 146P
   16-Bit/8-Bit Microcontrollers with RAM
logo
NEC
UPD784224 NEC-UPD784224 Datasheet
687Kb / 92P
   16/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD78363A NEC-UPD78363A Datasheet
502Kb / 96P
   16/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784035Y NEC-UPD784035Y Datasheet
503Kb / 94P
   16-/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784218 NEC-UPD784218 Datasheet
617Kb / 92P
   16-/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784031Y NEC-UPD784031Y Datasheet
464Kb / 88P
   16-/8-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com